Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC2596 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # AMC2596
Description  150 KHz, 3A STEP DOWN VOLTAGE REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AMC2596 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button AMC2596 Datasheet HTML 4Page - List of Unclassifed Manufacturers AMC2596 Datasheet HTML 5Page - List of Unclassifed Manufacturers AMC2596 Datasheet HTML 6Page - List of Unclassifed Manufacturers AMC2596 Datasheet HTML 7Page - List of Unclassifed Manufacturers AMC2596 Datasheet HTML 8Page - List of Unclassifed Manufacturers AMC2596 Datasheet HTML 9Page - List of Unclassifed Manufacturers AMC2596 Datasheet HTML 10Page - List of Unclassifed Manufacturers AMC2596 Datasheet HTML 11Page - List of Unclassifed Manufacturers AMC2596 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Copyright © 2005 ADD Microtech Corp.
8
AMC2596_A (LF) May 2005
AMC2596
APPLICATION INFORMATION (continued)
Inductor Selection
The AMC2596 can be used for either continuous or discontinuous modes of operation. Each mode has distinctively
different operating characteristics, which can affect the regulator performance and requirements.
With relatively heavy load currents, the circuit operates in the continuous mode (inductor current always flowing), but
under light load conditions, the circuit will be forced to the discontinuous mode (inductor current falls to zero for a
period of time). For light loads (less than approximately 300 mA) it may be desirable to operate the regulator in the
discontinuous mode, primarily because of the lower inductor values required for the discontinuous mode.
Inductors are available in different styles such as pot core, toroid, E-frame, bobbin core, et., as well as different core
materials, such as ferrites and powdered iron. The least expensive, the bobbin core type, consists of wire wrapped on a
ferrite rod core. This type of construction makes for an inexpensive inductor, but since the magnetic flux is not
completely contained within the core, it generates more electromagnetic interference (EMI). This EMI can cause
problems in sensitive circuits, or can give incorrect scope readings because of induced voltages in the scope probe.
An inductor should not be operated beyond its maximum rated current because it may saturate. When an inductor
begins to saturate, the inductance decreases rapidly and the inductor begins to look mainly resistive (the DC resistance
of the winding). This will cause the switch current to rise very rapidly. Different inductor types have different
saturation characteristics, and this should be well considered when selecting as inductor.
Catch Diode
This diode is required to provide a return path for the inductor current when the switch is off. It should be located
close to the AMC2596 using short leads and short printed circuit traces as possible. To satisfy the need of fast
switching speed and low forward voltage drop, Schottky diodes are widely used to provide the best efficiency,
especially in low output voltage switching regulators (less than 5V).
Besides, fast-Recovery, high-efficiency, or
ultra-fast recovery diodes are also suitable. But some types with an abrupt turn-off characteristic may cause instability
and EMI problems. A fast-recovery diode with soft recovery characteristics is a better choice.
Feedback Connection
For fixed output voltage version, the FB (feedback) pin must be connected to VOUT. For the adjustable version, it is
important to place the output voltage ratio resistors near AMC2596 as possible in order to minimize the noise
introduction.
ENABLE
It is required that the ENABLE must not be left open. For normal operation, connect this pin to a “LOW” voltage
(typically, below 1.6V). On the other hand, for standby mode, connect this pin with a “HIGH” voltage. This pin can
be safely pulled up to +VIN without a resistor in series with it.
Grounding
To maintain output voltage stability, the power ground connections must be low-impedance. For the 5-lead TO-220
and TO-263 style package, both the tab and pin 3 are ground and either connection may be used.
Heat Sink and Thermal Consideration
Although the AMC2596 requires only a small heat sink for most cases, the following thermal consideration is
important for all operation. With the package thermal resistances θJA and θJC, total power dissipation can be estimated
as follows:
PD = (VIN × IQ)+(VOUT / VIN)(ILOAD × VSAT);
When no heat sink is used, the junction temperature rise can be determined by the following:
∆TJ = PD × θJA;
With the ambient temperature, the actual junction temperature will be:
TJ = ∆TJ +TA ;
If the actual operating junction temperature is out of the safe operating junction temperature (typically 125°C), then a


Similar Part No. - AMC2596

ManufacturerPart #DatasheetDescription
logo
ADDtek Corp
AMC2596 ADDTEK-AMC2596 Datasheet
263Kb / 12P
   150 KHz, 3A STEP DOWN VOLTAGE REGULATOR
JUNE 2006
AMC2596-3.3 ADDTEK-AMC2596-3.3 Datasheet
263Kb / 12P
   150 KHz, 3A STEP DOWN VOLTAGE REGULATOR
JUNE 2006
AMC2596-5.0 ADDTEK-AMC2596-5.0 Datasheet
263Kb / 12P
   150 KHz, 3A STEP DOWN VOLTAGE REGULATOR
JUNE 2006
AMC2596-ADJ ADDTEK-AMC2596-ADJ Datasheet
263Kb / 12P
   150 KHz, 3A STEP DOWN VOLTAGE REGULATOR
JUNE 2006
AMC2596-ADJDDF ADDTEK-AMC2596-ADJDDF Datasheet
263Kb / 12P
   150 KHz, 3A STEP DOWN VOLTAGE REGULATOR
JUNE 2006
More results

Similar Description - AMC2596

ManufacturerPart #DatasheetDescription
logo
ADDtek Corp
AMC2596 ADDTEK-AMC2596 Datasheet
263Kb / 12P
   150 KHz, 3A STEP DOWN VOLTAGE REGULATOR
JUNE 2006
logo
List of Unclassifed Man...
N2596G ETC2-N2596G Datasheet
57Kb / 5P
   150 KHz 3A Step-Down Switching Voltage Regulator (SVR)
N2596G-5 ETC2-N2596G-5 Datasheet
135Kb / 5P
   150 KHz 3A Step-Down Switching Voltage Regulator (SVR)-Preliminary
logo
National Semiconductor ...
LM2596 NSC-LM2596 Datasheet
736Kb / 31P
   SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
LM2596SX-ADJ NSC-LM2596SX-ADJ Datasheet
736Kb / 31P
   SIMPLE SWITCHER짰 Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
Texas Instruments
LM2596SX-5.0 TI1-LM2596SX-5.0 Datasheet
4Mb / 42P
[Old version datasheet]   LM2596 SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
Eorex Corporation
EP3101 EOREX-EP3101 Datasheet
382Kb / 13P
   150 KHz, 3A Asynchronous Step-down Converter
logo
Texas Instruments
LM2596S-3.3 TI1-LM2596S-3.3 Datasheet
4Mb / 42P
[Old version datasheet]   LM2596 SIMPLE SWITCHER짰 Power Converter 150 kHz 3A Step-Down Voltage Regulator
LM2599SX-50 TI1-LM2599SX-50 Datasheet
2Mb / 44P
[Old version datasheet]   LM2599 SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
Eorex Corporation
EP3101 EOREX-EP3101_15 Datasheet
435Kb / 13P
   150 KHz, 3A Asynchronous Step-down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com