Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC2596-5.0 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AMC2596-5.0
Description  150 KHz, 3A STEP DOWN VOLTAGE REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AMC2596-5.0 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AMC2596-5.0 Datasheet HTML 1Page - List of Unclassifed Manufacturers AMC2596-5.0 Datasheet HTML 2Page - List of Unclassifed Manufacturers AMC2596-5.0 Datasheet HTML 3Page - List of Unclassifed Manufacturers AMC2596-5.0 Datasheet HTML 4Page - List of Unclassifed Manufacturers AMC2596-5.0 Datasheet HTML 5Page - List of Unclassifed Manufacturers AMC2596-5.0 Datasheet HTML 6Page - List of Unclassifed Manufacturers AMC2596-5.0 Datasheet HTML 7Page - List of Unclassifed Manufacturers AMC2596-5.0 Datasheet HTML 8Page - List of Unclassifed Manufacturers AMC2596-5.0 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Copyright © 2005 ADD Microtech Corp.
2
AMC2596_A (LF) May 2005
AMC2596
TYPICAL APPLICATION
ABSOLUTE MAXIMUM RATINGS
(Note 1)
Maximum Supply Voltage
45V
ON/OFF Pin Input Voltage
-0.3≦V≦+25V
Feedback Pin Voltage
-0.3≦V≦+25V
Output Voltage to Ground (Steady State)
-1V
Power dissipation
Internally limited
Storage Temperature Range
-65°C to +150°C
ESD Susceptibility --- Human Body Model (Note 2)
2kV
Surface Mount Package--- Vapor Phase (60 sec.)
+215°C
--- Infrared (10 sec.)
+245°C
Through Hole Package (Soldering, 10 sec.)
+260°C
Maximum Junction Temperature, Tj
+150°C
Note: Exceeding these ratings could cause damage to the device.
All voltages are with respect to Ground.
Currents are positive into, negative out of the specified terminal.
Fixed Output Voltage Version
COUT
220uF
OUTPUT
L1
33 uH
AMC2596-X.X
1
3
5
2
4
VIN
VOUT
FB
GND
ENABLE
CIN
680uF
7V – 40V
DC INPUT
Adjustable Output Voltage Version
Where VREF = 1.23V, R1 between 1K and 5K
OUTPUT
COUT
220uF
L1
33uH
5
7V – 40V
DC INPUT
R2
R1
3
AMC2596-ADJ
2
4
VIN
VOUT
FB
GND
ENABLE
1
IN5824
IN5824
CIN
680uF


Similar Part No. - AMC2596-5.0

ManufacturerPart #DatasheetDescription
logo
ADDtek Corp
AMC2596-5.0 ADDTEK-AMC2596-5.0 Datasheet
263Kb / 12P
   150 KHz, 3A STEP DOWN VOLTAGE REGULATOR
JUNE 2006
More results

Similar Description - AMC2596-5.0

ManufacturerPart #DatasheetDescription
logo
ADDtek Corp
AMC2596 ADDTEK-AMC2596 Datasheet
263Kb / 12P
   150 KHz, 3A STEP DOWN VOLTAGE REGULATOR
JUNE 2006
logo
List of Unclassifed Man...
N2596G ETC2-N2596G Datasheet
57Kb / 5P
   150 KHz 3A Step-Down Switching Voltage Regulator (SVR)
N2596G-5 ETC2-N2596G-5 Datasheet
135Kb / 5P
   150 KHz 3A Step-Down Switching Voltage Regulator (SVR)-Preliminary
logo
National Semiconductor ...
LM2596 NSC-LM2596 Datasheet
736Kb / 31P
   SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
LM2596SX-ADJ NSC-LM2596SX-ADJ Datasheet
736Kb / 31P
   SIMPLE SWITCHER짰 Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
Texas Instruments
LM2596SX-5.0 TI1-LM2596SX-5.0 Datasheet
4Mb / 42P
[Old version datasheet]   LM2596 SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
Eorex Corporation
EP3101 EOREX-EP3101 Datasheet
382Kb / 13P
   150 KHz, 3A Asynchronous Step-down Converter
logo
Texas Instruments
LM2596S-3.3 TI1-LM2596S-3.3 Datasheet
4Mb / 42P
[Old version datasheet]   LM2596 SIMPLE SWITCHER짰 Power Converter 150 kHz 3A Step-Down Voltage Regulator
LM2599SX-50 TI1-LM2599SX-50 Datasheet
2Mb / 44P
[Old version datasheet]   LM2599 SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
Eorex Corporation
EP3101 EOREX-EP3101_15 Datasheet
435Kb / 13P
   150 KHz, 3A Asynchronous Step-down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com