Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ILX137K Datasheet(PDF) 4 Page - Sony Corporation

Part # ILX137K
Description  10700-pixel x 6-line CCD Linear Sensor (Color)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ILX137K Datasheet(HTML) 4 Page - Sony Corporation

  ILX137K Datasheet HTML 1Page - Sony Corporation ILX137K Datasheet HTML 2Page - Sony Corporation ILX137K Datasheet HTML 3Page - Sony Corporation ILX137K Datasheet HTML 4Page - Sony Corporation ILX137K Datasheet HTML 5Page - Sony Corporation ILX137K Datasheet HTML 6Page - Sony Corporation ILX137K Datasheet HTML 7Page - Sony Corporation ILX137K Datasheet HTML 8Page - Sony Corporation ILX137K Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
– 4 –
ILX137K
Electro-optical Characteristics (Note 1)
Ta = 25°C, VDD = 12V, f
φRS = 2MHz, Input clock = 5Vp-p, Light source = 3200K,
IR cut filter CM-500S (t = 1.0mm)
Notes)
1. For each color, the black level of Main Line is defined as the average value of D66, D67 to D81, and the
black level of Sub Line is defined as the average value of D66', D67' to D81'. The following electro-optical
characteristics signal processing is performed.
2. For the sensitivity test light is applied with a uniform intensity of illumination.
3. PRNU is defined as indicated below. Ray incidence conditions are the same as for Note 2.
VOUT = 500mV (Typ.)
PRNU =
× 100 [%]
Where the maximum output of the effective pixels is set to VMAX, the minimum output to VMIN and the
average output to VAVE.
4. PDF = (
∆VMAX/VAVE) × 100 [%]
Here, VAVE is defined as the average output, and
∆VMAX, the maximum value of ∆Vi in the range of the
following pixel.
Red, green, blue pixel arrangement PDF is when i = 1 to 10699. However, the definition of
∆Vi is as follows.
∆Vi = ABS {VOUT (i) – VOUT (i + 1)}
VOUT (i) is signal output of an effective pixel (i pixel) and VOUT (i + 1) is of the adjacent pixel (i + 1 pixel).
(VMAX – VMIN)/2
VAVE
Item
Min.
Sensitivity
Sensitivity nonuniformity
Adjacent pixel difference
Saturation output voltage
Overflow exposure
Saturation exposure
Dark voltage average
Dark signal nonuniformity
Image lag
Current consumption
Total transfer efficiency
Output impedance
Offset level
Offset level difference
0.62
0.81
0.54
1
3
× SEmin
92
5.0
Typ.
0.96
1.25
0.84
4
4
1.5
1.56
1.20
1.79
0.1
0.6
0.02
18
98
300
6.5
Max.
1.30
1.69
1.14
18
16
2.0
4.0
35
8.0
100
Unit
V/(lx . s)
%
%
V
lx . s
mV
mV
%
mA
%
V
mV
Symbol
RR
RG
RB
PRNU
PDF
VSAT
OE
SER
SEG
SEB
VDRK
DSNU
IL
IVDD
TTE
ZO
VOS
∆VOS
Remarks
Note 2
Note 3
Note 4
Note 5
Note 6
Note 7
Note 8
Note 9
Note 10
Note 11
Note 12
Red
Green
Blue
Red
Green
Blue


Similar Part No. - ILX137K

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ILX103A SONY-ILX103A Datasheet
100Kb / 12P
   3000-pixel CCD Linear Image Sensor (B/W)
ILX115LA SONY-ILX115LA Datasheet
161Kb / 12P
   5000-pixel X 3 line CCD Linear Sensor (Color)
ILX128MA SONY-ILX128MA Datasheet
170Kb / 15P
   5350-pixel X 6-line CCD Linear Sensor (Color)
logo
List of Unclassifed Man...
ILX146K ETC1-ILX146K Datasheet
34Kb / 2P
   The Industrys First Digital Copier CCD Linear Sensor with RGB Adjacent 3-Line Plus Monochrome 1-Line 7600-Pixel Sensors
More results

Similar Description - ILX137K

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ILX569K SONY-ILX569K Datasheet
113Kb / 13P
   5340-pixel x 6 line CCD Linear Sensor (Color)
ILX128MA SONY-ILX128MA Datasheet
170Kb / 15P
   5350-pixel X 6-line CCD Linear Sensor (Color)
ILX724KA SONY-ILX724KA Datasheet
133Kb / 12P
   2700-pixel X 3 line CCD Linear Sensor (Color)
ILX535K SONY-ILX535K Datasheet
132Kb / 11P
   5300 pixel X 3 line CCD Linear Sensor (Color)
ILX718K SONY-ILX718K Datasheet
142Kb / 12P
   5363-pixel X 3 line CCD Linear Sensor (Color)
ILX524KA SONY-ILX524KA Datasheet
119Kb / 11P
   2700 pixel X 3 line CCD Linear Sensor (Color)
ILX550K SONY-ILX550K Datasheet
150Kb / 11P
   10680 pixel X 3 line CCD Linear Sensor (Color)
ILX518K SONY-ILX518K Datasheet
128Kb / 11P
   5363-pixel X 3 line CCD Linear Sensor (Color)
ILX115LA SONY-ILX115LA Datasheet
161Kb / 12P
   5000-pixel X 3 line CCD Linear Sensor (Color)
ILX533K SONY-ILX533K Datasheet
129Kb / 11P
   2700 pixel X 3 line CCD Linear Sensor (Color)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com