Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ILX137K Datasheet(PDF) 1 Page - Sony Corporation

Part # ILX137K
Description  10700-pixel x 6-line CCD Linear Sensor (Color)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ILX137K Datasheet(HTML) 1 Page - Sony Corporation

  ILX137K Datasheet HTML 1Page - Sony Corporation ILX137K Datasheet HTML 2Page - Sony Corporation ILX137K Datasheet HTML 3Page - Sony Corporation ILX137K Datasheet HTML 4Page - Sony Corporation ILX137K Datasheet HTML 5Page - Sony Corporation ILX137K Datasheet HTML 6Page - Sony Corporation ILX137K Datasheet HTML 7Page - Sony Corporation ILX137K Datasheet HTML 8Page - Sony Corporation ILX137K Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
– 1 –
E01651-PS
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
ILX137K
24 pin DIP (Plastic)
10700-pixel
××××× 6-line CCD Linear Sensor (Color)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
φ2
φ1L'
φ4
GND
VOUT-R
VOUT-G
NC
NC
GND
φROG-B
φROG-R
NC
φ1
φ2L
φ3
φRS
VDD
VOUT-B
NC
NC
φ1
φ2
φROG-G
VDD
Pin Configuration (Top View)
Description
The ILX137K is a reduction type CCD linear sensor
developed for color image scanner. This sensor
reads A4-size documents at a density of pseudo
2400DPI.
Features
• Number of effective pixels:
64200 pixels (10700 pixels
× 6)
• Pixel size: 2.4µm
× 4µm (4µm pitch)
• Distance between line:
2 lines between the same color (8µm)
16 lines between different colors (64µm)
• On-chip microlens
Cylindrical lens (width 6µm)
• Single-sided readout
• Supply voltage:
Single 12V power supply
• Input clock pulse: CMOS 5V drive
• Number of output: 3 (R, G, B)
• Package:
24-pin Plastic-DIP
Absolute Maximum Ratings
• Supply voltage
VDD
15
V
• Input clock voltage
7
V
• Operating temperature
–10 to +60
°C
• Storage temperature
–30 to +80
°C


Similar Part No. - ILX137K

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ILX103A SONY-ILX103A Datasheet
100Kb / 12P
   3000-pixel CCD Linear Image Sensor (B/W)
ILX115LA SONY-ILX115LA Datasheet
161Kb / 12P
   5000-pixel X 3 line CCD Linear Sensor (Color)
ILX128MA SONY-ILX128MA Datasheet
170Kb / 15P
   5350-pixel X 6-line CCD Linear Sensor (Color)
logo
List of Unclassifed Man...
ILX146K ETC1-ILX146K Datasheet
34Kb / 2P
   The Industrys First Digital Copier CCD Linear Sensor with RGB Adjacent 3-Line Plus Monochrome 1-Line 7600-Pixel Sensors
More results

Similar Description - ILX137K

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ILX569K SONY-ILX569K Datasheet
113Kb / 13P
   5340-pixel x 6 line CCD Linear Sensor (Color)
ILX128MA SONY-ILX128MA Datasheet
170Kb / 15P
   5350-pixel X 6-line CCD Linear Sensor (Color)
ILX724KA SONY-ILX724KA Datasheet
133Kb / 12P
   2700-pixel X 3 line CCD Linear Sensor (Color)
ILX535K SONY-ILX535K Datasheet
132Kb / 11P
   5300 pixel X 3 line CCD Linear Sensor (Color)
ILX718K SONY-ILX718K Datasheet
142Kb / 12P
   5363-pixel X 3 line CCD Linear Sensor (Color)
ILX524KA SONY-ILX524KA Datasheet
119Kb / 11P
   2700 pixel X 3 line CCD Linear Sensor (Color)
ILX550K SONY-ILX550K Datasheet
150Kb / 11P
   10680 pixel X 3 line CCD Linear Sensor (Color)
ILX518K SONY-ILX518K Datasheet
128Kb / 11P
   5363-pixel X 3 line CCD Linear Sensor (Color)
ILX115LA SONY-ILX115LA Datasheet
161Kb / 12P
   5000-pixel X 3 line CCD Linear Sensor (Color)
ILX533K SONY-ILX533K Datasheet
129Kb / 11P
   2700 pixel X 3 line CCD Linear Sensor (Color)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com