Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HX6228TBHC Datasheet(PDF) 5 Page - Honeywell Solid State Electronics Center

Part # HX6228TBHC
Description  128K x 8 STATIC RAM-SOI HX6228
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HX6228TBHC Datasheet(HTML) 5 Page - Honeywell Solid State Electronics Center

  HX6228TBHC Datasheet HTML 1Page - Honeywell Solid State Electronics Center HX6228TBHC Datasheet HTML 2Page - Honeywell Solid State Electronics Center HX6228TBHC Datasheet HTML 3Page - Honeywell Solid State Electronics Center HX6228TBHC Datasheet HTML 4Page - Honeywell Solid State Electronics Center HX6228TBHC Datasheet HTML 5Page - Honeywell Solid State Electronics Center HX6228TBHC Datasheet HTML 6Page - Honeywell Solid State Electronics Center HX6228TBHC Datasheet HTML 7Page - Honeywell Solid State Electronics Center HX6228TBHC Datasheet HTML 8Page - Honeywell Solid State Electronics Center HX6228TBHC Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
HX6228
5
DC ELECTRICAL CHARACTERISTICS
IDDSB
Static Supply Current
0.4
2.0
mA
IDDSBMF Standby Supply Current - Deselected
0.4
2.0
mA
IDDOPW
Dynamic Supply Current, Selected (Write)
4.5
6.0
mA
IDDOPR
Dynamic Supply Current, Selected (Read)
2.8
4.5
mA
II
Input Leakage Current
-5
+5
µA
IOZ
Output Leakage Current
-10
+10
µA
VIL
Low-Level Input Voltage
VIH
High-Level Input Voltage
Units
Test Conditions
Min
Max
Worst Case (2)
Symbol
Parameter
Typical
(1)
NCS=VDD, IO=0,
f=40 MHz,
VIH=VDD, IO=0,
VIL=VSS, f=0MHz
f=1 MHz, IO=0, CE=VIH=VDD
NCS=VIL=VSS (3)
f=1 MHz, IO=0, CE=VIH=VDD
NCS=VIL=VSS (3)
VSS
≤VI≤VDD
VSS
≤VIO≤VDD
Output=high Z
CMOS
3.2
0.7xVDD
V
March Pattern
TTL
2.2
V
VDD = 5.5V
0.3
0.4
V
VDD = 4.5V, IOL = 10 mA
0.005
0.1
V
VDD = 4.5V, IOL = 200
µA
4.3
4.2
V
VDD = 4.5V, IOH = -5 mA
4.5
VDD-0.1
V
VDD = 4.5V, IOH = -200
µA
CMOS
1.7
0.3xVDD
V
March Pattern
TTL
0.8
V
VDD = 4.5V
VOL
Low-Level Output Voltage
VOH
High-Level Output Voltage
(1) Typical operating conditions: VDD= 5.0 V,TA=25
°C, pre-radiation.
(2) Worst case operating conditions: VDD=4.5 V to 5.5 V, -55
°C to +125°C, post total dose at 25°C.
(3) All inputs switching. DC average current.
DUT
output
Valid low
output
Vref1
CL >50 pF*
249
Tester Equivalent Load Circuit
2.9 V
Valid high
output
Vref2
-
+
-
+
*CL = 5 pF for TWLQZ, TSHQZ, TELQZ, and TGHQZ


Similar Part No. - HX6228TBHC

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HX6256 HONEYWELL-HX6256 Datasheet
780Kb / 13P
   32K x 8 Static RAM
More results

Similar Description - HX6228TBHC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HLX6228 ETC-HLX6228 Datasheet
156Kb / 12P
   128K x 8 STATIC RAM-Low Power SOI
HX6356 ETC1-HX6356 Datasheet
145Kb / 12P
   32K x 8 STATIC RAM-SOI
logo
Cypress Semiconductor
CY62128 CYPRESS-CY62128 Datasheet
250Kb / 8P
   128K x 8 Static RAM
logo
Weida Semiconductor, In...
WCMA1008C1X WEIDA-WCMA1008C1X Datasheet
211Kb / 11P
   128K x 8 Static RAM
WCMA1008U1X WEIDA-WCMA1008U1X Datasheet
237Kb / 12P
   128K x 8 Static RAM
logo
LOGIC Devices Incorpora...
L7C108 LODEV-L7C108 Datasheet
711Kb / 15P
   128K x 8 Static RAM
logo
Cypress Semiconductor
CY7C1018BV33 CYPRESS-CY7C1018BV33 Datasheet
258Kb / 9P
   128K x 8 Static RAM
CY7C1019B CYPRESS-CY7C1019B_06 Datasheet
329Kb / 8P
   128K x 8 Static RAM
CY7C1018V33 CYPRESS-CY7C1018V33 Datasheet
168Kb / 8P
   128K x 8 Static RAM
CY7C1019BV33 CYPRESS-CY7C1019BV33 Datasheet
252Kb / 7P
   128K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com