Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

125E-1C-2.75 Datasheet(PDF) 7 Page - Littelfuse

Part # 125E-1C-2.75
Description  Medium Voltage Fuses
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

125E-1C-2.75 Datasheet(HTML) 7 Page - Littelfuse

Back Button 125E-1C-2.75 Datasheet HTML 3Page - Littelfuse 125E-1C-2.75 Datasheet HTML 4Page - Littelfuse 125E-1C-2.75 Datasheet HTML 5Page - Littelfuse 125E-1C-2.75 Datasheet HTML 6Page - Littelfuse 125E-1C-2.75 Datasheet HTML 7Page - Littelfuse 125E-1C-2.75 Datasheet HTML 8Page - Littelfuse 125E-1C-2.75 Datasheet HTML 9Page - Littelfuse 125E-1C-2.75 Datasheet HTML 10Page - Littelfuse 125E-1C-2.75 Datasheet HTML 11Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
67
E Rated Medium Voltage Fuses
Current Limiting
Catalog
Number
10E-1C-5.5
15E-1C-5.5
20E-1C-5.5
25E-1C-5.5
30E-1C-5.5
40E-1C-5.5
50E-1C-5.5
65E-1C-5.5
80E-1C-5.5
100E-1C-5.5
125E-1C-5.5
150E-1C-5.5
175E-1C-5.5
200E-1C-5.5
125E-2C-5.5
150E-2C-5.5
175E-2C-5.5
200E-2C-5.5
250E-2C-5.5
300E-2C-5.5
350E-2C-5.5
400E-2C-5.5
450E-2C-5.5
500E-3C-5.5
550E-3C-5.5
600E-3C-5.5
Old
Catalog
Number
LCY 30E
LCY 40E
LCY 50E
LCY 60E
LCY 80E
LCY 100E
LCY 125E
LCY 150E
LCY 175E
LCY 200E
LCY 250E
LCY 300E
LCY 350E
LCY 400E
LCY 450E
Size
10E
15E
20E
25E
30E
40E
50E
65E
80E
100E
125E
150E
175E
200E
125E
150E
175E
200E
250E
300E
350E
400E
450E
500E
550E
660E
Dim. A
(inches)
12"
12"
12"
Dim. B
(inches)
15.875"
15.875"
15.875"
Max
Interrupting
Rating
RMS (Asym)
80,000
80,000
80,000
Diagram
14
14
14
14
14
14
14
14
14
14
14
14
14
14
15
15
15
15
15
15
15
15
15
16
16
16
E
RATED
5NLE-10E
5NLE-15E
5NLE-20E
5NLE-25E
5NLE-30E
5NLE-40E
5NLE-50E
5NLE-65E
5NLE-80E
5NLE-100E
5NLE-125E
5NLE-150E
5NLE-175E
5NLE-200E
5NLE2-225E
5NLE2-250E
5NLE2-300E
5NLE2-350E
5NLE2-400E
5NLE2-450E
LCU 30E
LCU 40E
LCU 50E
LCU 65E
LCU 80E
LCU 100E
LCU 125E
LCU 150E
LCU 175E
LCU 200E
LCU 250E
LCU 300E
LCU 350E
LCU 400E
LCU 450E
10E
15E
20E
25E
30E
40E
50E
65E
80E
100E
125E
150E
175E
200E
225E
250E
300E
350E
400E
450E
17-7/8"
17-7/8"
80,000
80,000
14
14
14
14
14
14
14
14
14
14
14
14
14
14
15
15
15
15
15
15
14
14"
Previous
Next


Similar Part No. - 125E-1C-2.75

ManufacturerPart #DatasheetDescription
logo
Littelfuse
125E-1C-2.75 LITTELFUSE-125E-1C-2.75 Datasheet
384Kb / 5P
   E Rated Medium Voltage Fuses
More results

Similar Description - 125E-1C-2.75

ManufacturerPart #DatasheetDescription
logo
Littelfuse
8NLE2150E LITTELFUSE-8NLE2150E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15E1C38.0 LITTELFUSE-15E1C38.0 Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15GSE2125E LITTELFUSE-15GSE2125E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15GSE3250E LITTELFUSE-15GSE3250E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15NLE10E LITTELFUSE-15NLE10E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15NLE50E LITTELFUSE-15NLE50E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
65036R3BI5.5 LITTELFUSE-65036R3BI5.5 Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
8NLE100E LITTELFUSE-8NLE100E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
8NLE2250E LITTELFUSE-8NLE2250E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
10E1C15.5 LITTELFUSE-10E1C15.5 Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15E1C25.8 LITTELFUSE-15E1C25.8 Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com