Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

257015 Datasheet(PDF) 1 Page - Littelfuse

Part # 257015
Description  Blade Terminal & Special Purpose Fuses -Low Voltage
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

257015 Datasheet(HTML) 1 Page - Littelfuse

  257015 Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Blade Terminal & Special Purpose Fuses
450
www .littelfuse .com
Low Voltage
ATO® Fuse Fast-Acting Type
Designed and originated by Littelfuse for the automotive industry, the
ATO fuse has become the original equipment circuit protection standard
for foreign and domestic automobiles and trucks. Readily identifiable and
easily replaced, this fuse can be specified for a variety of low voltage
electronic applications.
ELECTRICAL CHARACTERISTICS:
% of Ampere
Ampere
Opening
Rating
Rating
Time
110%
1– 40 Amp
100 Hours Minimum
135%
1–2 Amp
.50 sec., Min.; 600 sec., Max.
3 – 40 Amp
.75 sec., Min.; 600 sec., Max.
200%
1–2 Amp
.10 sec., Min.; 5 sec., Max.
3 – 40 Amp
.15 sec., Min.; 5 sec., Max.
350%
1–2 Amp
.020 sec., Min.; 0.5 sec., Max.
3 – 40 Amp
.080 sec., Min.; 0.5 sec., Max.
AGENCY APPROVALS: Listed by Underwriters Laboratories (1– 40
amperes). Certified by CSA (3 – 30 amperes).
DESIGN STANDARDS: U.L. Standard for Automotive Blade Type
Fuses. SAE (Society of Automotive Engineers) J1284.
PATENTED
COLOR-CODING: Autofuse® fuses are color-coded for easy
amperage identification.
INTERRUPTING RATING:
1000A @ 32VDC
ORDERING INFORMATION:
Average Time Current Curves
Ampere
Voltage
Body
Nominal Cold
Minimum
Catalog
Rating
Rating
Color
Resistance
Melting I2t
Number
(A)
(VDC)
Code
Ohms
(A2 Sec.)
257 001
1
32
Black
0.123
.4
257 002
2
32
Grey
0.050
1.4
257 003
3
32
Violet
0.031
7.4
257 004
4
32
Pink
0.023
14
257 005
5
32
Tan
0.018
26
257 07.5
71/2
32
Brown
0.011
60
257 010
10
32
Red
0.0077
115
257 015
15
32
Blue
0.0048
340
257 020
20
32
Yellow
0.0033
520
257 025
25
32
Natural
0.0025
1080
257 030
30
32
Green
0.0019
1510
257 035
35
32
Blue Green
0.0016
2280
257 040
40
32
Orange
0.0014
3310
Reference pg. 344, ATO® Fuse Clip for P.C. Board mounting.
5.08
(.20")
0.66
(.026")
19.05
(.75")
14.48
(.57")
12.19
(.48")
6.35
(.25")
4.064
(.16")
Reference Dimensions
®
UL
®
1000
100
10
1
0.1
0.01
1000
100
10
1
CURRENT IN AMPERES
RoHS


Similar Part No. - 257015

ManufacturerPart #DatasheetDescription
logo
Littelfuse
257015 LITTELFUSE-257015 Datasheet
178Kb / 2P
   ATO Blade Fuse Rated 32V
257015.PXP LITTELFUSE-257015.PXP Datasheet
178Kb / 2P
   ATO Blade Fuse Rated 32V
More results

Similar Description - 257015

ManufacturerPart #DatasheetDescription
logo
Littelfuse
299 LITTELFUSE-299 Datasheet
51Kb / 1P
   Blade Terminal & Special Purpose Fuses - Low Voltage
995 LITTELFUSE-995 Datasheet
72Kb / 1P
   Blade Terminal & Special Purpose Fuses - Low Voltage
997 LITTELFUSE-997 Datasheet
59Kb / 1P
   Blade Terminal & Special Purpose Fuses - Low Voltage
298 LITTELFUSE-298 Datasheet
52Kb / 1P
   Blade Terminal & Special Purpose Fuses - Low Voltage
498 LITTELFUSE-498 Datasheet
66Kb / 1P
   Blade Terminal & Special Purpose Fuses - Low Voltage
297 LITTELFUSE-297 Datasheet
54Kb / 1P
   Blade Terminal & Special Purpose Fuses - Low Voltage
999 LITTELFUSE-999 Datasheet
54Kb / 1P
   Blade Terminal & Special Purpose Fuses - Low Voltage
482 LITTELFUSE-482 Datasheet
67Kb / 2P
   Blade Terminal & Special Purpose Fuses
0242.050 LITTELFUSE-0242.050 Datasheet
86Kb / 1P
   Blade Terminal & Special Purpose Fuses
481 LITTELFUSE-481 Datasheet
38Kb / 1P
   Blade Terminal & Special Purpose Fuses
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com