Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HC589AD Datasheet(PDF) 10 Page - ON Semiconductor

Part # MC74HC589AD
Description  8-Bit Serial or Parallel-Input/Serial-Output Shift Register with 3-State Output
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC589AD Datasheet(HTML) 10 Page - ON Semiconductor

Back Button MC74HC589AD Datasheet HTML 4Page - ON Semiconductor MC74HC589AD Datasheet HTML 5Page - ON Semiconductor MC74HC589AD Datasheet HTML 6Page - ON Semiconductor MC74HC589AD Datasheet HTML 7Page - ON Semiconductor MC74HC589AD Datasheet HTML 8Page - ON Semiconductor MC74HC589AD Datasheet HTML 9Page - ON Semiconductor MC74HC589AD Datasheet HTML 10Page - ON Semiconductor MC74HC589AD Datasheet HTML 11Page - ON Semiconductor MC74HC589AD Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MC74HC589A
http://onsemi.com
10
PACKAGE DIMENSIONS
PDIP–16
N SUFFIX
CASE 648–08
ISSUE R
MIN
MIN
MAX
MAX
INCHES
MILLIMETERS
DIM
A
B
C
D
F
G
H
J
K
L
M
S
18.80
6.35
3.69
0.39
1.02
0.21
2.80
7.50
0
°
0.51
19.55
6.85
4.44
0.53
1.77
0.38
3.30
7.74
10
°
1.01
0.740
0.250
0.145
0.015
0.040
0.008
0.110
0.295
0
°
0.020
0.770
0.270
0.175
0.021
0.070
0.015
0.130
0.305
10
°
0.040
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION L TO CENTER OF LEADS WHEN
FORMED PARALLEL.
4. DIMENSION B DOES NOT INCLUDE MOLD FLASH.
5. ROUNDED CORNERS OPTIONAL.
2.54 BSC
1.27 BSC
0.100 BSC
0.050 BSC
–A
B
18
9
16
F
H
G
D 16 PL
S
C
–T
SEATING
PLANE
K
J
M
L
TA
0.25 (0.010) M
M
0.25 (0.010)
T
B
A
M
S
S
MIN
MIN
MAX
MAX
MILLIMETERS
INCHES
DIM
A
B
C
D
F
G
J
K
M
P
R
9.80
3.80
1.35
0.35
0.40
0.19
0.10
0
°
5.80
0.25
10.00
4.00
1.75
0.49
1.25
0.25
0.25
7
°
6.20
0.50
0.386
0.150
0.054
0.014
0.016
0.008
0.004
0
°
0.229
0.010
0.393
0.157
0.068
0.019
0.049
0.009
0.009
7
°
0.244
0.019
1.27 BSC
0.050 BSC
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSIONS A AND B DO NOT INCLUDE
MOLD PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 (0.006)
PER SIDE.
5. DIMENSION D DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL BE 0.127 (0.005) TOTAL
IN EXCESS OF THE D DIMENSION AT
MAXIMUM MATERIAL CONDITION.
1
8
9
16
–A
–B
D 16 PL
K
C
G
–T
SEATING
PLANE
R X 45
°
M
J
F
P 8 PL
0.25 (0.010)
B
M
M
SOIC–16
D SUFFIX
CASE 751B–05
ISSUE J


Similar Part No. - MC74HC589AD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC589AD ONSEMI-MC74HC589AD Datasheet
141Kb / 14P
   8-Bit Serial or Parallel-Input/Serial-Output Shift Register with 3-State Output High?뭁erformance Silicon?묰ate CMOS
February, 2005 ??Rev. 3
MC74HC589ADG ONSEMI-MC74HC589ADG Datasheet
141Kb / 14P
   8-Bit Serial or Parallel-Input/Serial-Output Shift Register with 3-State Output High?뭁erformance Silicon?묰ate CMOS
February, 2005 ??Rev. 3
MC74HC589ADG ONSEMI-MC74HC589ADG Datasheet
142Kb / 12P
   8-Bit Serial or Parallel-Input/Serial-Output Shift Register with 3-State Output
August, 2014 ??Rev. 7
MC74HC589ADR2 ONSEMI-MC74HC589ADR2 Datasheet
141Kb / 14P
   8-Bit Serial or Parallel-Input/Serial-Output Shift Register with 3-State Output High?뭁erformance Silicon?묰ate CMOS
February, 2005 ??Rev. 3
MC74HC589ADR2G ONSEMI-MC74HC589ADR2G Datasheet
141Kb / 14P
   8-Bit Serial or Parallel-Input/Serial-Output Shift Register with 3-State Output High?뭁erformance Silicon?묰ate CMOS
February, 2005 ??Rev. 3
More results

Similar Description - MC74HC589AD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC589A ONSEMI-MC74HC589A_14 Datasheet
142Kb / 12P
   8-Bit Serial or Parallel-Input/Serial-Output Shift Register with 3-State Output
August, 2014 ??Rev. 7
logo
Renesas Technology Corp
HD74HC589 RENESAS-HD74HC589 Datasheet
198Kb / 9P
   8-bit Serial or Parallel-input/Serial-output Shift Register (with 3-state outputs)
logo
ON Semiconductor
MC74HC165A ONSEMI-MC74HC165A Datasheet
112Kb / 12P
   8-Bit Serial or Parallel-Input/Serial-Output Shift Register
July, 2000 ??Rev. 4
logo
System Logic Semiconduc...
SL74HC165 SLS-SL74HC165 Datasheet
67Kb / 7P
   8-Bit Serial or Parallel-Input/ Serial-Output Shift Register
SL74HC166 SLS-SL74HC166 Datasheet
63Kb / 6P
   8-Bit Serial or Parallel-Input/ Serial-Output Shift Register
logo
ON Semiconductor
MC74HC595ADTR2G ONSEMI-MC74HC595ADTR2G Datasheet
159Kb / 11P
   8-Bit Serial-Input/Serial or Parallel-Output Shift Register
September, 2012 ??Rev. 14
logo
Motorola, Inc
MC54-74HC165A MOTOROLA-MC54-74HC165A Datasheet
288Kb / 9P
   8-BIT SERIAL OR PARALLEL-INPUT/SERIAL-OUTPUT SHIFT REGISTER
logo
ON Semiconductor
MC74HC597A ONSEMI-MC74HC597A Datasheet
150Kb / 12P
   8-Bit Serial or Parallel- Input/Serial-Output Shift Register
July, 2013 ??Rev. 3
MC74HC595A ONSEMI-MC74HC595A_16 Datasheet
122Kb / 13P
   8-Bit Serial-Input/Serial or Parallel-Output Shift Register
December, 2016 ??Rev. 23
MC74HC165A ONSEMI-MC74HC165A_16 Datasheet
135Kb / 12P
   8-Bit Serial or Parallel-Input/ Serial-Output Shift Register
October, 2014 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com