Electronic Components Datasheet Search |
|
30E-1CL-15.5 Datasheet(PDF) 5 Page - Littelfuse |
|
30E-1CL-15.5 Datasheet(HTML) 5 Page - Littelfuse |
5 / 5 page 71 E Rated Medium Voltage Fuses Current Limiting Catalog Number 10E-1CL-15.5 15E-1CL-15.5 20E-1CL-15.5 25E-1CL-15.5 30E-1CL-15.5 40E-1CL-15.5 50E-1CL-15.5 65E-1CL-15.5 80E-1CL-15.5 100E-1CL-15.5 125E-2CL-15.5 150E-3CL-15.5 175E-3CL-15.5 200E-3CL-15.5 225E-3CL-15.5 250E-3CL-15.5 300E-3CL-15.5 Catalog Number 10E-1CL-5.5 15E-1CL-5.5 20E-1C-5.5 25E-1CL-5.5 30E-1CL-5.5 40E-1CL-5.5 50E-1CL-5.5 65E-1CL-5.5 80E-1CL-5.5 100E-1CL-5.5 125E-1CL-5.5 150E-1CL-5.5 225E-2CL-5.5 250E-2CL-5.5 300E-2CL-5.5 350E-2CL-5.5 400E-2CL-5.5 450E-2CL-5.5 500E-3CL-5.5 550E-3CL-5.5 600E-3CL-5.5 Catalog Number 10E-1CL-8.25 15E-1CL-8.25 20E-1C-8.25 25E-1CL-8.25 30E-1CL-8.25 40E-1CL-8.25 50E-1CL-8.25 65E-1CL-8.25 80E-1CL-8.25 100E-1CL-8.25 125E-2CL-8.25 150E-2CL-8.25 175E-2CL-8.25 200E-2CL-8.25 225E-2CL-8.25 250E-2CL-8.25 300E-2CL-8.25 350E-3CL-8.25 4.75 7.94 11.56 1.25 A B 1.25 .25 3.0 Clip Lock Design The clip lock type designs ensures a positive contact between the fuse and the connection cam. The fuse’s clip lock tab slides in between the clip casting and the cam to prevent the fuse from slipping or blowing out of the holder. This positive contact improves heat dissipation and allows fuses to run cooler. Old Catalog Number — — — Size 10E 15E 20E 25E 30E 40E 50E 65E 80E 100E 125E 150E 175E 200E 225E 250E 300E 350E Dim. A (inches) 17.38" 17.38" 17.38" Dim. B (inches) 16.13" 16.13" 16.13" Max Interrupting Rating RMS (Asym) 80,000 80,000 80,000 Figure Number 17 17 17 17 17 17 17 17 17 17 18 18 18 18 18 18 18 19 E RATED Old Catalog Number — — — Size 10E 15E 20E 25E 30E 40E 50E 65E 80E 100E 125E 150E 225E 250E 300E 350E 400E 450E 500E 550E 600E Dim. A (inches) 16.38" 17.38" 17.38" Dim. B (inches) 15.13" 16.13" 16.13" Max Interrupting Rating RMS (Asym) 80,000 80,000 80,000 Figure Number 17 17 17 17 17 17 17 17 17 17 17 17 18 18 18 18 18 18 19 19 19 E RATED Old Catalog Number — — — — Size 10E 15E 20E 25E 30E 40E 50E 65E 80E 100E 125 150E 175E 200E 225E 250E 300E Dim. A (inches) 19.8" 22.81" 22.81" 22.81" Dim. B (inches) 18.1" 21.13" 19.1" 19.1" Max Interrupting Rating RMS (Asym) 60,000 60,000 60,000 60,000 Figure Number 17 17 17 17 17 17 17 17 17 17 18 19 19 19 19 19 19 E RATED FIGURE 17 FIGURE 18 FIGURE 19 |
Similar Part No. - 30E-1CL-15.5 |
|
Similar Description - 30E-1CL-15.5 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |