Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

281001 Datasheet(PDF) 1 Page - Littelfuse

Part # 281001
Description  Fuseholders - For MicroTM Fuse or Pico II Fuses
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

281001 Datasheet(HTML) 1 Page - Littelfuse

  281001 Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
281 001 Series
“Push-On”
281 000 Series
Vertical
281 000 Series
Horizontal
Fuseholder will accept Littelfuse MICROfuses and PICO® II fuses (rated
to 5 amperes) with .025" diameter leads.
SPECIFICATIONS:
Electrical: Rated at 5 amperes for any voltage up to 125 volts.
Mounting: Maximum panel thickness is .09".
Molded Parts: Black Thermoset.
Terminals: Beryllium Copper, Silver-plated.
Ambient Temperature: – 40°C to +125°C.
Hardware: “Push-On” retaining nut.
* Please refer to Fuseology section for information on
proper fuseholder de-rating.
FOR MICROFUSE OR PICO® II FUSES
Vertical/Horizontal
P.C. Board Mount Type
Fuseholder will accept Littelfuse MICROfuses and PICO® II fuses (rated
to 5 amperes) with .025" diameter leads.
SPECIFICATIONS:
Electrical: Rated at 5 amperes for any voltage up to 125 volts.
Molded Parts: White Thermoplastic.
Terminals: Copper Alloy.
Ambient Temperature: – 40°C to +100°C.
ORDERING INFORMATION:
Catalog Number
Terminal Plating
Mounting
281 005
Silver1
Vertical
281 008
Tin
Vertical
281 007
Silver1
Horizontal
281 010
Tin
Horizontal
1 UL Recognized.
®
.25"
.28"
.10"
.046" TYP.
.195"
.205"
.050"
.055"
.095"
.105"
DIA.
HOLES
(2)
.26"
.20"
.45" REF.
.25"
.39" REF.
.158"
.160"
.190"
.193"
.10"
REF.
.095"
.105"
.032"
.046" TYP.
.25"
DIA.
.23"
.23"
.18"
.195"
.205"
REF.
.219"
.229"
.050"
.055"
DIA.
HOLES
(2)
For LT-5
and TRS® Fuses
P.C. Board Mount Type
Fuse holder will accept Littelfuse LT-5TM and TRS® fuses up to 5 amperes.
SPECIFICATIONS:
Electrical: Rated at 5 amperes for any voltage up to 250 volts.
Molded Parts: Black Thermoplastic (UL 94VO).
Terminals: Tin-plated brass, gold inside.
ORDERING INFORMATION:
Catalog Number: 02800050
* Please refer to Fuseology section for information on
proper fuseholder de-rating.
3
(.118")
3.2 (.126")
0
0.5(.02")
4.3
(.169")
0
9.5
(.374")
45°
5.08 (.2")
0
1 (.094")
QPL
“Push-On” Retaining Nut Chassis Mount Type
Pb
RoHS
Pb
RoHS
Pb
RoHS
* Please refer to Fuseology section for information on
proper fuseholder de-rating.
477
www .littelfuse .com
13
Fuseholders
For MicroTM Fuse or Pico® II Fuses


Similar Part No. - 281001

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
28100 AMPHENOL-28100 Datasheet
59Kb / 1P
   BODY - BRASS, NICKEL PLATING CONTACT - BRASS, SILVER PLATING
logo
Honeywell Accelerometer...
28100 HONEYWELL-ACC-28100 Datasheet
347Kb / 6P
   Other AC and DC Meters Available
logo
PHOENIX CONTACT
2810078 PHOENIX-2810078 Datasheet
306Kb / 10P
   Configurable 3-way isolating amplifier
More results

Similar Description - 281001

ManufacturerPart #DatasheetDescription
logo
Littelfuse
282 LITTELFUSE-282 Datasheet
90Kb / 1P
   Fuseholders - For MicroTM Fuse Plug-In Fuses
logo
Cooper Bussmann, Inc.
GMT COOPER-GMT Datasheet
128Kb / 1P
   Fuseholders for Indicating Fuses
HLS-10 COOPER-HLS-10 Datasheet
128Kb / 1P
   Fuseholders for Indicating Fuses
logo
Littelfuse
340 LITTELFUSE-340 Datasheet
53Kb / 1P
   Fuseholders - For 3AG Fuses
342 LITTELFUSE-342 Datasheet
104Kb / 1P
   Fuseholders - For 3AG Fuses
logo
Cooper Bussmann, Inc.
HLS-06 COOPER-HLS-06 Datasheet
128Kb / 1P
   Fuseholders for Indicating Fuses
logo
Littelfuse
344 LITTELFUSE-344 Datasheet
92Kb / 1P
   Fuseholders - For 3AG Fuses
155104U LITTELFUSE-155104U Datasheet
85Kb / 1P
   Fuseholders - For Low Voltage 3AG or SFE Fuse Applications
286 LITTELFUSE-286 Datasheet
114Kb / 1P
   Fuseholders - For 3AG, 5 x 20mm, or 2AG Fuses
571072 LITTELFUSE-571072 Datasheet
138Kb / 1P
   Fuseholders - For 3AG, 5 x 20mm, or 2AG Fuses
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com