Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

02860377 Datasheet(PDF) 1 Page - Littelfuse

Part # 02860377
Description  Fuseholders - For 3AG, 5 x 20mm, or 2AG Fuses
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

02860377 Datasheet(HTML) 1 Page - Littelfuse

  02860377 Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
For 3AG, 5 x 20mm, or 2AG Fuses
Fuseholders
Flip-Top Shock-Safe Panel Mount Type
334
www .littelfuse .com
Shock-Safe design eliminates any possibility of electrical shock, per IEC
Standards 60127 and 60065. Fuse carrier holds spare fuse for fast, easy
fuse replacement and convenient servicing. Low profile design comple-
ments modern panels.
APPROVALS: Recognized under the Components Program of
Underwriters Laboratories and Certified by CSA.
SPECIFICATIONS:
Electrical: Rating: See TABLE.
Insulation Resistance: 10,000 megohm minimum at 500 VDC.
Contact Resistance: Less than 0.01 ohm.
Mounting: Snap-in mounting. No hardware required. Panel thickness
range: .032" through .125".
Molded Parts: Thermoplastic (UL 94V0) black standard
(other colors available as special).
Fuse Carrier: Spring-loaded. Unlocks with a press of the finger. Locks
into place to prevent accidental circuit interruption. Permanently attached
to fuseholder body to prevent loss. Extracts fuse from live terminals.
Holds spare fuse.
Terminals: Copper alloy, tin plate. Accepts quick-connect or solder.
Ambient Temperature: – 40°C to +85°C.
Vibration: 10-55-10 Hz at .06" double amplitude
(Method 201, MIL-STD-202).
PATENTED
ORDERING INFORMATION:
Max. Amps
A
B
C
D
E
F
Catalog Number
Fuse Size
Q.C. Terminals
At 250V.
+.005"/-.000"
+.005"/-.000"
346 877
3AG
.250" x .032"
15
.75"
1.5"
.27"
1.04"
.688"
1.445"
.072" Dia. Hole
286 677
5 x 20mm
.187" x .032"
10
.70"
1.03"
.26"
.94"
.625"
.953"
.055" Dia. Hole
286 377
2AG
.110" x .020"
10
.61"
.85"
.20"
.87"
.550"
.775"
.048" Dia. Hole
LOW PROFILE DESIGN
BARRIER-PROTECTED
TERMINALS
FUSE CARRIER
HOLDS SPARE
FUSE
B
F
D
C
A
E
®
®
Next
Previous


Similar Part No. - 02860377

ManufacturerPart #DatasheetDescription
logo
Littelfuse
02860377H LITTELFUSE-02860377H Datasheet
711Kb / 1P
   286/346 Series Flip-Top Shock-Safe Panel Mount Fuseholders
Revised: June 9, 2021
02860377Z LITTELFUSE-02860377Z Datasheet
711Kb / 1P
   286/346 Series Flip-Top Shock-Safe Panel Mount Fuseholders
Revised: June 9, 2021
More results

Similar Description - 02860377

ManufacturerPart #DatasheetDescription
logo
Littelfuse
571072 LITTELFUSE-571072 Datasheet
138Kb / 1P
   Fuseholders - For 3AG, 5 x 20mm, or 2AG Fuses
3452LS1LNNP LITTELFUSE-3452LS1LNNP Datasheet
112Kb / 2P
   3AG, 5 x 20mm, or 2AG Fuses International Shock-Safe
345101 LITTELFUSE-345101 Datasheet
80Kb / 1P
   FOR 3AG, 5 x 20mm, OR MIDGET FUSES
344 LITTELFUSE-344 Datasheet
92Kb / 1P
   Fuseholders - For 3AG Fuses
340 LITTELFUSE-340 Datasheet
53Kb / 1P
   Fuseholders - For 3AG Fuses
342 LITTELFUSE-342 Datasheet
104Kb / 1P
   Fuseholders - For 3AG Fuses
01500274Z LITTELFUSE-01500274Z_V01 Datasheet
167Kb / 1P
   150 Series In-Line Fuseholders for 2AG or 5횞20mm Fuses
Revised: GD. 06/02/21
logo
Cooper Bussmann, Inc.
HTC-10M COOPER-HTC-10M Datasheet
68Kb / 1P
   For 5 x 20mm Fuses
GMD-125-R COOPER-GMD-125-R Datasheet
447Kb / 2P
   5 x 20mm Fuses
S500-32-R COOPER-S500-32-R Datasheet
267Kb / 2P
   5 x 20mm Fuses
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com