Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HX6228TBRT Datasheet(PDF) 11 Page - Honeywell Solid State Electronics Center

Part # HX6228TBRT
Description  128K x 8 STATIC RAM-SOI HX6228
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HX6228TBRT Datasheet(HTML) 11 Page - Honeywell Solid State Electronics Center

Back Button HX6228TBRT Datasheet HTML 4Page - Honeywell Solid State Electronics Center HX6228TBRT Datasheet HTML 5Page - Honeywell Solid State Electronics Center HX6228TBRT Datasheet HTML 6Page - Honeywell Solid State Electronics Center HX6228TBRT Datasheet HTML 7Page - Honeywell Solid State Electronics Center HX6228TBRT Datasheet HTML 8Page - Honeywell Solid State Electronics Center HX6228TBRT Datasheet HTML 9Page - Honeywell Solid State Electronics Center HX6228TBRT Datasheet HTML 10Page - Honeywell Solid State Electronics Center HX6228TBRT Datasheet HTML 11Page - Honeywell Solid State Electronics Center HX6228TBRT Datasheet HTML 12Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
HX6228
11
40-LEAD FLAT PACK
I
C
Capacitor Pads
Kovar Lid [3]
X
A
N
Ceramic Body
(Pedestal)
D
(width)
b
e
(pitch)
1
21
40
20
L
E
Top
View
40
21
A
A
b
c
D
E
e
F
G
H
I
L
N
S
T
U
V
W
X
Z
[1] Parts delivered with leads unformed
[2] At tie bar
[3] Lid tied to VSS
0.131 ± .015
0.008 ± 0.002
0.006 ± 0.0015
0.710 ±0.010
0.775 ± 0.007
0.025 ± 0.004
0.475 ± 0.005
0.760 ± 0.008
0.135 ± 0.005
0.030 ± 0.005
0.285 ± 0.015
0.050 ± 0.004
0.1175 ref
0.064 ref
0.006 ref
0.028 ref
0.125 ref
0.500 ± 0.005
0.140 ref
All dimensions are in inches
G
Non-Conductive
Tie-Bar
T
U
H
W
F
Bottom
View
V
Z
S


Similar Part No. - HX6228TBRT

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HX6256 HONEYWELL-HX6256 Datasheet
780Kb / 13P
   32K x 8 Static RAM
More results

Similar Description - HX6228TBRT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HLX6228 ETC-HLX6228 Datasheet
156Kb / 12P
   128K x 8 STATIC RAM-Low Power SOI
HX6356 ETC1-HX6356 Datasheet
145Kb / 12P
   32K x 8 STATIC RAM-SOI
logo
Cypress Semiconductor
CY62128 CYPRESS-CY62128 Datasheet
250Kb / 8P
   128K x 8 Static RAM
logo
Weida Semiconductor, In...
WCMA1008C1X WEIDA-WCMA1008C1X Datasheet
211Kb / 11P
   128K x 8 Static RAM
WCMA1008U1X WEIDA-WCMA1008U1X Datasheet
237Kb / 12P
   128K x 8 Static RAM
logo
LOGIC Devices Incorpora...
L7C108 LODEV-L7C108 Datasheet
711Kb / 15P
   128K x 8 Static RAM
logo
Cypress Semiconductor
CY7C1018BV33 CYPRESS-CY7C1018BV33 Datasheet
258Kb / 9P
   128K x 8 Static RAM
CY7C1019B CYPRESS-CY7C1019B_06 Datasheet
329Kb / 8P
   128K x 8 Static RAM
CY7C1018V33 CYPRESS-CY7C1018V33 Datasheet
168Kb / 8P
   128K x 8 Static RAM
CY7C1019BV33 CYPRESS-CY7C1019BV33 Datasheet
252Kb / 7P
   128K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com