Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HC589ADT Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC74HC589ADT
Description  8-Bit Serial or Parallel-Input/Serial-Output Shift Register with 3-State Output
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC589ADT Datasheet(HTML) 4 Page - ON Semiconductor

  MC74HC589ADT Datasheet HTML 1Page - ON Semiconductor MC74HC589ADT Datasheet HTML 2Page - ON Semiconductor MC74HC589ADT Datasheet HTML 3Page - ON Semiconductor MC74HC589ADT Datasheet HTML 4Page - ON Semiconductor MC74HC589ADT Datasheet HTML 5Page - ON Semiconductor MC74HC589ADT Datasheet HTML 6Page - ON Semiconductor MC74HC589ADT Datasheet HTML 7Page - ON Semiconductor MC74HC589ADT Datasheet HTML 8Page - ON Semiconductor MC74HC589ADT Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MC74HC589A
http://onsemi.com
4
TIMING REQUIREMENTS (Input tr = tf = 6 ns)
Guaranteed Limit
Symbol
Parameter
VCC
V
– 55 to
25
_C
v 85_C
v 125_C
Unit
tsu
Minimum Setup Time, A–H to Latch Clock
(Figure 5)
2.0
3.0
4.5
6.0
100
TBD
20
17
125
TBD
25
21
150
TBD
30
26
ns
tsu
Minimum Setup Time, Serial Data Input SA to Shift Clock
(Figure 6)
2.0
3.0
4.5
6.0
100
TBD
20
17
125
TBD
25
21
150
TBD
30
26
ns
tsu
Minimum Setup Time, Serial Shift/Parallel Load to Shift Clock
(Figure 7)
2.0
3.0
4.5
6.0
100
TBD
20
17
125
TBD
25
21
150
TBD
30
26
ns
th
Minimum Hold Time, Latch Clock to A–H
(Figure 5)
2.0
3.0
4.5
6.0
25
TBD
5
5
30
TBD
6
6
40
TBD
8
7
ns
th
Minimum Hold Time, Shift Clock to Serial Data Input SA
(Figure 6)
2.0
3.0
4.5
6.0
5
5
5
5
5
5
5
5
5
5
5
5
ns
tw
Minimum Pulse Width, Shift Clock
(Figure 2)
2.0
3.0
4.5
6.0
75
TBD
15
13
95
TBD
19
16
110
TBD
23
19
ns
tw
Minimum Pulse Width, Latch Clock
(Figure 1)
2.0
3.0
4.5
6.0
80
TBD
16
14
100
TBD
20
17
120
TBD
24
20
ns
tw
Minimum Pulse Width, Serial Shift/Parallel Load
(Figure 4)
2.0
3.0
4.5
6.0
80
TBD
16
14
100
TBD
20
17
120
TBD
24
20
ns
tr, tf
Maximum Input Rise and Fall Times
(Figure 1)
2.0
3.0
4.5
6.0
1000
TBD
500
400
1000
TBD
500
400
1000
TBD
500
400
ns
NOTE: Information on typical parametric values can be found in Chapter 2 of the ON Semiconductor High–Speed CMOS Data Book
(DL129/D).


Similar Part No. - MC74HC589ADT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC589ADTR2 ONSEMI-MC74HC589ADTR2 Datasheet
141Kb / 14P
   8-Bit Serial or Parallel-Input/Serial-Output Shift Register with 3-State Output High?뭁erformance Silicon?묰ate CMOS
February, 2005 ??Rev. 3
MC74HC589ADTR2G ONSEMI-MC74HC589ADTR2G Datasheet
142Kb / 12P
   8-Bit Serial or Parallel-Input/Serial-Output Shift Register with 3-State Output
August, 2014 ??Rev. 7
More results

Similar Description - MC74HC589ADT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC589A ONSEMI-MC74HC589A_14 Datasheet
142Kb / 12P
   8-Bit Serial or Parallel-Input/Serial-Output Shift Register with 3-State Output
August, 2014 ??Rev. 7
logo
Renesas Technology Corp
HD74HC589 RENESAS-HD74HC589 Datasheet
198Kb / 9P
   8-bit Serial or Parallel-input/Serial-output Shift Register (with 3-state outputs)
logo
ON Semiconductor
MC74HC165A ONSEMI-MC74HC165A Datasheet
112Kb / 12P
   8-Bit Serial or Parallel-Input/Serial-Output Shift Register
July, 2000 ??Rev. 4
logo
System Logic Semiconduc...
SL74HC165 SLS-SL74HC165 Datasheet
67Kb / 7P
   8-Bit Serial or Parallel-Input/ Serial-Output Shift Register
SL74HC166 SLS-SL74HC166 Datasheet
63Kb / 6P
   8-Bit Serial or Parallel-Input/ Serial-Output Shift Register
logo
ON Semiconductor
MC74HC595ADTR2G ONSEMI-MC74HC595ADTR2G Datasheet
159Kb / 11P
   8-Bit Serial-Input/Serial or Parallel-Output Shift Register
September, 2012 ??Rev. 14
logo
Motorola, Inc
MC54-74HC165A MOTOROLA-MC54-74HC165A Datasheet
288Kb / 9P
   8-BIT SERIAL OR PARALLEL-INPUT/SERIAL-OUTPUT SHIFT REGISTER
logo
ON Semiconductor
MC74HC597A ONSEMI-MC74HC597A Datasheet
150Kb / 12P
   8-Bit Serial or Parallel- Input/Serial-Output Shift Register
July, 2013 ??Rev. 3
MC74HC595A ONSEMI-MC74HC595A_16 Datasheet
122Kb / 13P
   8-Bit Serial-Input/Serial or Parallel-Output Shift Register
December, 2016 ??Rev. 23
MC74HC165A ONSEMI-MC74HC165A_16 Datasheet
135Kb / 12P
   8-Bit Serial or Parallel-Input/ Serial-Output Shift Register
October, 2014 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com