Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

239.800H Datasheet(PDF) 2 Page - Littelfuse

Part # 239.800H
Description  Axial Lead and Cartridge Fuses - Designed to UL/CSA Standards
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

239.800H Datasheet(HTML) 2 Page - Littelfuse

  239.800H Datasheet HTML 1Page - Littelfuse 239.800H Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Axial Lead and Cartridge Fuses
436
www .littelfuse .com
0239 000
1
20+0.5
5.1+0.6
5.2+0.1
-0.2
5.1+0.6
0239 000XE
2
0.65*
40
22.5 MAX
5.8 MAX
All dimensions in mm
Notes:
* Ratings above 6.3A
have 0.8 mm dia lead
1 For RoHS compliant parts
add suffix 'XP'
2 For RoHS compliant parts
add suffix 'P'
CURRENT IN AMPERES
10000
1000
100
10
1
0.1
0.01
0.01
1
10
100
1000
0.001
Average Time Current Curves
5 x 20 mm Time Lag Fuse (Slo-Blo® Fuse) 239 Series
®
UL
®
RoHS
Agency Approvals
Agency Approvals
Ampere Range
®
Certificate No. SU05001-2004
200mA – 3.15A
SU05001-2014
4A – 7A
Listed File No.
E10480
Guide No.
JDYX
File No.
029862
Cert. Class No.
LR1422-01
Certificate No. Cartridge
NBK290502-E10480 G
1A – 3A 250V 100A
NBK280602-E10480 C
4A & 5A 125V 10000A
NBK290502-E10480 I
7A
125V 500A
Leaded
NBK290502-E10480 H
1A – 3A 250V 100A
NBK280602-E10480 D
4A & 5A 125V 10000A
NBK290502-E10480 J
7A
125V 500A
200mA – 7A
®
UL
Pb
Designed to UL/CSA Standards
11


Similar Part No. - 239.800H

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
239-75AB ETC2-239-75AB Datasheet
922Kb / 20P
   BOARD LEVEL POWER SEMICONDUCTOR HEAT SINKS
239-75AB ETC-239-75AB Datasheet
7Mb / 21P
   BOARD LEVEL POWER SEMICONDUCTOR HEAT SINKS
239-75AB-03 ETC2-239-75AB-03 Datasheet
922Kb / 20P
   BOARD LEVEL POWER SEMICONDUCTOR HEAT SINKS
239-75AB-04 ETC2-239-75AB-04 Datasheet
922Kb / 20P
   BOARD LEVEL POWER SEMICONDUCTOR HEAT SINKS
239-75ABE-03 ETC-239-75ABE-03 Datasheet
7Mb / 21P
   BOARD LEVEL POWER SEMICONDUCTOR HEAT SINKS
More results

Similar Description - 239.800H

ManufacturerPart #DatasheetDescription
logo
Littelfuse
233 LITTELFUSE-233 Datasheet
135Kb / 2P
   Axial Lead and Cartridge Fuses - Designed to UL/CSA Standards
234 LITTELFUSE-234 Datasheet
137Kb / 2P
   Axial Lead and Cartridge Fuses - Designed to UL/CSA Standards
235 LITTELFUSE-235 Datasheet
145Kb / 2P
   Axial Lead and Cartridge Fuses - Designed to UL/CSA Standards
226 LITTELFUSE-226 Datasheet
90Kb / 1P
   Axial Lead and Cartridge Fuses - Designed to IEC Standard
227 LITTELFUSE-227 Datasheet
96Kb / 1P
   Axial Lead and Cartridge Fuses - Designed to IEC Standard
232 LITTELFUSE-232 Datasheet
124Kb / 2P
   Axial Lead and Cartridge Fuses - Designed to METI Standard
215.200 LITTELFUSE-215.200 Datasheet
125Kb / 2P
   Axial Lead and Cartridge Fuses - Designed to IEC Standard
0219.125A LITTELFUSE-0219.125A Datasheet
130Kb / 2P
   Axial Lead and Cartridge Fuses - Designed to IEC Standard
216.050 LITTELFUSE-216.050 Datasheet
128Kb / 2P
   Axial Lead and Cartridge Fuses - Designed to IEC Standard
217.032 LITTELFUSE-217.032 Datasheet
133Kb / 2P
   Axial Lead and Cartridge Fuses - Designed to IEC Standard
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com