Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTP747Y Datasheet(PDF) 4 Page - Lite-On Technology Corporation

Part # LTP747Y
Description  The LTP-747Y is a 0.7 inch (17.22 mm) matrix height 5 x 7 dot matrix display
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTP747Y Datasheet(HTML) 4 Page - Lite-On Technology Corporation

  LTP747Y Datasheet HTML 1Page - Lite-On Technology Corporation LTP747Y Datasheet HTML 2Page - Lite-On Technology Corporation LTP747Y Datasheet HTML 3Page - Lite-On Technology Corporation LTP747Y Datasheet HTML 4Page - Lite-On Technology Corporation LTP747Y Datasheet HTML 5Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
 
  
 

  
 !"#



:/315/=/300712/362
!B
")
/1D'3=136;33/2/362
B
"
:/315/'3=136;33/2/362
/3125/13'3"!/362
B

"
"
/:/30/-8215//362

-
7/3125/"7/312;3/15/
2EB
2315//"7/312;3/15/
2EB
86/3/"7/312;3/A/8=/12581/3/6012!A
$%!"#

       
:/315/;";0$2/029
$
A !
µ6 $FB">A;29
/1D"00)1:/8/52
λ7
B
"
$F!"
7/2318/%18 )62
∆λ

"
$F!"
"12)1:/8/52
λ6
BB
"
$F!"
!
!A
$F!"
'3=136-8215//362
-

-
$FB"
/:/30/;33/2/362
$

µ-F-
;";0$2/029(12512
$ "
!
$FB">A;29
2/ ;";0 2/029 0 "/10;3/6 =2 1 852 0/03 16 82/3 "?12 212
17734"12/02/$ ""0$2/31218//G81315/#/9/ 3/070/;3:/


Similar Part No. - LTP747Y

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LTP747Y ETC1-LTP747Y Datasheet
85Kb / 1P
   0.7 inch -5x7 LED DOT MATRIX
logo
Lite-On Technology Corp...
LTP747Y LITEON-LTP747Y Datasheet
991Kb / 8P
   0.7 inch 5x7 SINGLE COLOR DOT MATRIX DISPLAY
More results

Similar Description - LTP747Y

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTP-747E LITEON-LTP-747E Datasheet
145Kb / 5P
   The LTP-747E is a 0.7 inch (17.22 mm) matrix height 5 x 7 dot matrix display
LTP-747G LITEON-LTP-747G Datasheet
145Kb / 5P
   The LTP-747G is a 0.7 inch (17.22 mm) matrix height 5 x 7 dot matrix display
LTP-747KD LITEON-LTP-747KD Datasheet
157Kb / 5P
   The LTP-747KD is a 0.7 inch (17.22 mm) matrix height 5 x 7 dot matrix display
LTP-757G LITEON-LTP-757G Datasheet
150Kb / 5P
   The LTP-757G is a 0.7inch (17.22mm) matrix height 5 x 7 dot matrix display
logo
Fairchild Semiconductor
GMC7275C FAIRCHILD-GMC7275C Datasheet
236Kb / 6P
   0.7 INCH (17.2MM) 5 X 7 DOT MATRIX STICK DISPLAY
logo
Lite-On Technology Corp...
LTP-1557AKR LITEON-LTP-1557AKR Datasheet
151Kb / 5P
   1.2 inch (30.42 mm) matrix height 5 x 7 dot matrix display
logo
China Semiconductor Cor...
CSM-57031G CHINASEMI-CSM-57031G Datasheet
217Kb / 6P
   0.7 Inch Dot-Matrix Display
logo
Epson Company
C-5570H EPSON-C-5570H Datasheet
95Kb / 1P
   2.0 INCH, 5 X 7 DOT MATRIX DISPLAY
logo
List of Unclassifed Man...
C-3570X ETC-C-3570X Datasheet
93Kb / 1P
   1.2 INCH, 5 X 7 DOT MATRIX DISPLAY
logo
Lite-On Technology Corp...
LTP-757KR LITEON-LTP-757KR Datasheet
149Kb / 5P
   0.7inch (17.22mm) matrix height 5 x 7 dot matrix display
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com