Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HCT04AD Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC74HCT04AD
Description  Hex Inverter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HCT04AD Datasheet(HTML) 3 Page - ON Semiconductor

  MC74HCT04AD Datasheet HTML 1Page - ON Semiconductor MC74HCT04AD Datasheet HTML 2Page - ON Semiconductor MC74HCT04AD Datasheet HTML 3Page - ON Semiconductor MC74HCT04AD Datasheet HTML 4Page - ON Semiconductor MC74HCT04AD Datasheet HTML 5Page - ON Semiconductor MC74HCT04AD Datasheet HTML 6Page - ON Semiconductor MC74HCT04AD Datasheet HTML 7Page - ON Semiconductor MC74HCT04AD Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MC74HCT04A
http://onsemi.com
3
DC CHARACTERISTICS (Voltages Referenced to GND)
VCC
Guaranteed Limit
Symbol
Parameter
Condition
VCC
V
–55 to 25
°C
≤85°C
≤125°C
Unit
VIH
Minimum High–Level Input
Voltage
Vout = 0.1V
|Iout| ≤ 20µA
4.5
5.5
2.0
2.0
2.0
2.0
2.0
2.0
V
VIL
Maximum Low–Level Input
Voltage
Vout = VCC – 0.1V
|Iout| ≤ 20µA
4.5
5.5
0.8
0.8
0.8
0.8
0.8
0.8
V
VOH
Minimum High–Level Output
Voltage
Vin = VIL
|Iout| ≤ 20µA
4.5
5.5
4.4
5.4
4.4
5.4
4.4
5.4
V
Vin = VIL
|Iout| ≤ 4.0mA
4.5
3.98
3.84
3.70
VOL
Maximum Low–Level Output
Voltage
Vin = VIH
|Iout| ≤ 20µA
4.5
5.5
0.1
0.1
0.1
0.1
0.1
0.1
V
Vin = VIH
|Iout| ≤ 4.0mA
4.5
0.26
0.33
0.40
Iin
Maximum Input Leakage
Current
Vin = VCC or GND
5.5
±0.1
±1.0
±1.0
µA
ICC
Maximum Quiescent Supply
Current (per Package)
Vin = VCC or GND
Iout = 0µA
5.5
1
10
40
µA
∆ICC
Additional Quiescent Supply
Current
Vin = 2.4V, Any One Input
Vi
VCC or GND Other Inputs
≥ –55°C
25 to 125
°C
Current
Vin = VCC or GND, Other Inputs
Iout = 0µA
5.5
2.9
2.4
mA
1. Information on typical parametric values can be found in Chapter 2 of the ON Semiconductor High–Speed CMOS Data Book (DL129/D).
2. Total Supply Current = ICC + Σ∆ICC.
AC CHARACTERISTICS (VCC = 5.0V ±10%, CL = 50pF, Input tr = tf = 6ns)
Guaranteed Limit
Symbol
Parameter
–55 to 25
°C
≤85°C
≤125°C
Unit
tPLH,
tPHL
Maximum Propagation Delay, Input A to Output Y
(Figures 1 and 2)
15
17
19
21
22
26
ns
tTLH,
tTHL
Maximum Output Transition Time, Any Output
(Figures 1 and 2)
15
19
22
ns
Cin
Maximum Input Capacitance
10
10
10
pF
NOTE: For propagation delays with loads other than 50 pF, and information on typical parametric values, see Chapter 2 of the ON
Semiconductor High–Speed CMOS Data Book (DL129/D).
Typical @ 25
°C, VCC = 5.0 V
CPD
Power Dissipation Capacitance (Per Inverter)*
22
pF
* Used to determine the no–load dynamic power consumption: PD = CPD VCC2f + ICC VCC. For load considerations, see Chapter 2 of the
ON Semiconductor High–Speed CMOS Data Book (DL129/D).


Similar Part No. - MC74HCT04AD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74HCT04AD MOTOROLA-MC74HCT04AD Datasheet
144Kb / 6P
   Hex Inverter
MC74HCT04AD MOTOROLA-MC74HCT04AD Datasheet
77Kb / 6P
   With LSTTL-Compatible Inputs High-Performance Silicon-Gate CMOS
logo
ON Semiconductor
MC74HCT04AD ONSEMI-MC74HCT04AD Datasheet
151Kb / 8P
   Hex Inverter
October, 2006 ??Rev. 9
MC74HCT04ADG ONSEMI-MC74HCT04ADG Datasheet
151Kb / 8P
   Hex Inverter
October, 2006 ??Rev. 9
MC74HCT04ADG ONSEMI-MC74HCT04ADG Datasheet
80Kb / 5P
   Hex Inverter
August, 2015 ??Rev. 12
More results

Similar Description - MC74HCT04AD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC04A PHILIPS-74LVC04A Datasheet
87Kb / 10P
   Hex inverter
1997 Jun 30
logo
Texas Instruments
74AC11004 TI-74AC11004 Datasheet
75Kb / 5P
[Old version datasheet]   HEX INVERTER
REVISED APRIL 1996
logo
Fairchild Semiconductor
74AC04 FAIRCHILD-74AC04 Datasheet
104Kb / 8P
   Hex Inverter
74VHCT04A FAIRCHILD-74VHCT04A Datasheet
128Kb / 8P
   Hex Inverter
MM74HC04 FAIRCHILD-MM74HC04 Datasheet
77Kb / 6P
   Hex Inverter
MM74HCU04 FAIRCHILD-MM74HCU04 Datasheet
81Kb / 6P
   Hex Inverter
logo
NXP Semiconductors
74HC04 PHILIPS-74HC04 Datasheet
33Kb / 5P
   Hex inverter
2003 Jul 23
logo
STMicroelectronics
HCC4069UB STMICROELECTRONICS-HCC4069UB Datasheet
283Kb / 12P
   HEX INVERTER
logo
Motorola, Inc
74LS04 MOTOROLA-74LS04 Datasheet
34Kb / 2P
   HEX INVERTER
logo
NXP Semiconductors
74ALS04B PHILIPS-74ALS04B Datasheet
100Kb / 8P
   Hex inverter
1991 Feb 08
logo
STMicroelectronics
74AC04 STMICROELECTRONICS-74AC04_01 Datasheet
176Kb / 8P
   HEX INVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com