Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM42BDS640AGBD8IT Datasheet(PDF) 11 Page - SPANSION

Part # AM42BDS640AGBD8IT
Description  Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM42BDS640AGBD8IT Datasheet(HTML) 11 Page - SPANSION

Back Button AM42BDS640AGBD8IT Datasheet HTML 7Page - SPANSION AM42BDS640AGBD8IT Datasheet HTML 8Page - SPANSION AM42BDS640AGBD8IT Datasheet HTML 9Page - SPANSION AM42BDS640AGBD8IT Datasheet HTML 10Page - SPANSION AM42BDS640AGBD8IT Datasheet HTML 11Page - SPANSION AM42BDS640AGBD8IT Datasheet HTML 12Page - SPANSION AM42BDS640AGBD8IT Datasheet HTML 13Page - SPANSION AM42BDS640AGBD8IT Datasheet HTML 14Page - SPANSION AM42BDS640AGBD8IT Datasheet HTML 15Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 72 page
background image
10
Am42BDS640AG
November 1, 2002
P R E L I M INARY
ORDERING INFORMATION
The order number (Valid Combination) is formed by the following:
Valid Combinations
Valid Combinations list configurations planned to be supported in vol-
ume for this device. Consult the local AMD sales office to confirm
availability of specific valid combinations and to check on newly re-
leased combinations.
Am42BDS640
A
G
T
D
8
I
T
TAPE AND REEL
T
=
7 inches
S
=
13 inches
TEMPERATURE RANGE
I
=
Industrial (–40
°C to +85°C)
V
IO AND HANDSHAKING FEATURES
8
=
1.8 V V
IO, reduced wait-state handshaking
9
=
1.8 V V
IO, standard handshaking
CLOCK RATE/ASYNCHRONOUS SPEED/SRAM SPEED
D
=
54 MHz/70 ns/70 ns
C
=
40 MHz/85 ns/85 ns
BOOT SECTOR
T
=
Top Boot Sector
B
=
Bottom Boot Sector
PROCESS TECHNOLOGY
G
=
0.17 µm
SRAM DEVICE DENSITY
A=
16 Mbits
AMD DEVICE NUMBER/DESCRIPTION
Am42BDS640AG
Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
Am29BDS640G 64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation,
Burst Mode Flash Memory and 16 Mbit (1 M x 16-Bit) Static RAM
93-Ball Fine-pitch Ball Grid Array Package, 8.0 x 11.6 mm, 0.8 mm ball pitch (FSC093)
Valid Combinations
Order Number
Package Marking
Burst Frequency
(MHz)
V
IO Range
Am42BDS640AGTD8I
Am42BDS640AGBD8I
T, S
M42000004Y
M42000004Z
54
1.65 –
1.95 V
Am42BDS640AGTD9I
Am42BDS640AGBD9I
M420000050
M420000051
Am42BDS640AGTC8I
Am42BDS640AGBC8I
M420000052
M420000053
40
Am42BDS640AGTC9I
Am42BDS640AGBC9I
M420000054
M420000055


Similar Part No. - AM42BDS640AGBD8IT

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM42BDS640AGBD8IT AMD-AM42BDS640AGBD8IT Datasheet
995Kb / 72P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation, Burst Mode Flash Memory and 16 Mbit (1 M x 16-Bit) Static RAM
More results

Similar Description - AM42BDS640AGBD8IT

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
DS42553 AMD-DS42553 Datasheet
955Kb / 58P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
SPANSION
AM41DL3208G SPANSION-AM41DL3208G Datasheet
1Mb / 65P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
AM42DL6404G SPANSION-AM42DL6404G Datasheet
1,020Kb / 61P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
Advanced Micro Devices
DS42515 AMD-DS42515 Datasheet
830Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
DS42585 AMD-DS42585 Datasheet
958Kb / 58P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
DS42587 AMD-DS42587 Datasheet
958Kb / 58P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
DS42514 AMD-DS42514 Datasheet
832Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
AM49DL640AG AMD-AM49DL640AG Datasheet
1,005Kb / 65P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
AM41DL6408H AMD-AM41DL6408H Datasheet
1Mb / 66P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
DS42516 AMD-DS42516 Datasheet
953Kb / 58P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com