Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-B4624B Datasheet(PDF) 1 Page - Yellow Stone Corp

Part # BL-B4624B
Description  STANDARD LED LAMPS(ROUND TYPES)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YSTONE [Yellow Stone Corp]
Direct Link  http://www.ystone.com.tw
Logo YSTONE - Yellow Stone Corp

BL-B4624B Datasheet(HTML) 1 Page - Yellow Stone Corp

  BL-B4624B Datasheet HTML 1Page - Yellow Stone Corp BL-B4624B Datasheet HTML 2Page - Yellow Stone Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Chip
Absolute Maximum
Ratings
Electro-optical
Data(At 20mA)
Vf
(V)
Iv
(mcd)
Package
Part No.
Material/ Emitted
Color
Peak
Wave
Length
p(nm)
Lens
Appearance
(nm)
Pd
(mw)
If
(mA)
Peak
(mA) Typ Max Typ.
Viewing
Angle
2 1/2
(deg)
Drawing
No.
BL-B1134M
GaAsP/GaAs/ Red
655
40
80
40
200
1.7
2.0
8.0
BL-B5134M
GaP/GaP/ Bright Red
700
90
40
15
50
2.2
2.6 12.0
BL-B4534M
GaAsP/GaP/ Hi-Eff Red
635
Red Diffused
45
80
30
150
2.0
2.6 80.0
BL-B2134M
GaP/GaP/ Green
568
Green Diffused
30
80
30
150
2.2
2.6 80.0
BL-B3134M
GaAsP/GaP/ Yellow
585
Yellow Diffused
35
80
30
150
2.1
2.6 70.0
BL-B4134M
GaAsP/GaP/ Orange
635
Orange Diffused
45
80
30
150
2.0
2.6 80.0
25
T1 3/4
Standard
1.0" Lead
5.0
BL-B2434M
GaP/GaP/ Green
568
Green Trans
30
80
30
150
2.2
2.6 200.0
12
L-041
BL-B4534M-1
GaAsP/GaP/ Hi-Eff Red
635
Red Diffused
45
80
30
150
2.0
2.6 65.0
BL-B2134M-1 GaP/GaP/ Green
568
Green Diffused
30
80
30
150
2.2
2.6 65.0
BL-B3134M-1 GaAsP/GaP/ Yellow
585
Yellow Diffused
35
80
30
150
2.1
2.6 60.0
BL-B4134M-1 GaAsP/GaP/ Orange
635
Orange Diffused
45
80
30
150
2.0
2.6 65.0
30
BL-B3334M-1 GaAsP/GaP/ Yellow
585
35
80
30
150
2.1
2.6 140.0
BL-B2334M-1 GaP/GaP/ Green
568
30
80
30
150
2.2
2.6 150.0
T1 3/4
Wide
Viewing
Angle
1.0"
Lead
5.0
BL-B4334M-1 GaAsP/GaP/ Orange
635
Water Clear
45
80
30
150
2.0
2.6 150.0
15
L-042
BL-B1124B
GaAsP/GaAs/ Red
655
40
80
40
200
1.7
2.0
1.5
BL-B5124B
GaP/GaP/ Bright Red
700
90
40
15
50
2.2
2.6
2.0
BL-B4524B
GaAsP/GaP/ Hi-Eff Red
635
Red Diffused
45
80
30
150
2.0
2.6 12.0
BL-B2124B
GaP/GaP/ Green
568
Green Diffused
30
80
30
150
2.2
2.6 12.0
BL-B3124B
GaAsP/GaP/ Yellow
585
Yellow Diffused
35
80
30
150
2.1
2.6 10.0
50
BL-B2424B
GaP/GaP/ Green
568
Green Trans
30
80
30
150
2.2
2.6 35.0
0.5"
Lead
4.8
BL-B4624B
GaAsP/GaP/ Orange
635
Red Trans
45
80
30
150
2.0
2.6 35.0
40
L-043
BL-B4524C
GaAsP/GaP/ Hi-Eff Red
635
Red Diffused
45
80
30
150
2.0
2.6 16.0
BL-B2124C
GaP/GaP/ Green
568
Green Diffused
30
80
30
150
2.2
2.6 16.0
BL-B3124C
GaAsP/GaP/ Yellow
585
Yellow Diffused
35
80
30
150
2.1
2.6 10.0
BL-B4124C
GaAsP/GaP/ Orange
635
Orange Diffused
45
80
30
150
2.0
2.6 16.0
45
BL-B2324C
GaP/GaP/ Green
568
30
80
30
150
2.2
2.6 40.0
BL-B3324C
GaAsP/GaP/ Yellow
585
35
80
30
150
2.1
2.6 35.0
0.5"
Lead
5.0
BL-B4324C
GaAsP/GaP/ Orange
635
Water Clear
45
80
30
150
2.0
2.6 40.0
35
L-044
BL-B1134G
GaAsP/GaAs/ Red
655
40
80
40
200
1.7
2.0
8.0
BL-B5134G
GaP/GaP/ Bright Red
700
90
40
15
50
2.2
2.6 12.0
BL-B4534G
GaAsP/GaP/ Hi-Eff Red
635
Red Diffused
45
80
30
150
2.0
2.6 80.0
BL-B2134G
GaP/GaP/ Green
568
Green Diffused
30
80
30
150
2.2
2.6 80.0
BL-B3134G
GaAsP/GaP/ Yellow
585
Yellow Diffused
35
80
30
150
2.1
2.6 70.0
BL-B4134G
GaAsP/GaP/ Orange
635
Orange Diffused
45
80
30
150
2.0
2.6 80.0
35
T1 3/4
Standard
1.0" Lead
5.0
BL-B2434G
GaP/GaP/ Green
568
Green Trans
30
80
30
150
2.2
2.6 200.0
15
L-045
BL-B4534G-1
GaAsP/GaP/ Hi-Eff Red
635
Red Diffused
45
80
30
150
2.0
2.6 65.0
BL-B2134G-1 GaP/GaP/ Green
568
Green Diffused
30
80
30
150
2.2
2.6 65.0
BL-B3134G-1 GaAsP/GaP/ Yellow
585
Yellow Diffused
35
80
30
150
2.1
2.6 60.0
BL-B4134G-1 GaAsP/GaP/ Orange
635
Orange Diffused
45
80
30
150
2.0
2.6 65.0
45
BL-B3334G-1 GaAsP/GaP/ Yellow
585
35
80
30
150
2.1
2.6 140.0
BL-B2334G-1 GaP/GaP/ Green
568
30
80
30
150
2.2
2.6 150.0
T1 3/4
Wide
Viewing
Angle
1.0"
Lead
5.0
BL-B4334G-1 GaAsP/GaP/ Orange
635
Water Clear
45
80
30
150
2.0
2.6 150.0
20
L-046
BL-B1134N
GaAsP/GaAs/ Red
655
40
80
40
200
1.7
2.0
7.0
BL-B5134N
GaP/GaP/ Bright Red
700
90
40
15
50
2.2
2.6 13.0
BL-B4534N
GaAsP/GaP/ Hi-Eff Red
635
Red Diffused
45
80
30
150
2.0
2.6 80.0
BL-B2134N
GaP/GaP/ Green
568
Green Diffused
30
80
30
150
2.2
2.6 80.0
BL-B3134N
GaAsP/GaP/ Yellow
585
Yellow Diffused
35
80
30
150
2.1
2.6 70.0
40
T-13/4
Flangeless
1.0"Lead
5.0
BL-B2434N
GaP/GaP/ Green
568
Green Trans
30
80
30
150
2.0
2.6 140.0
20
L-047
BL-B1134N-1 GaAsP/GaAs/ Red
655
40
80
40
200
1.7
2.0
4.0
BL-B5134N-1 GaP/GaP/ Bright Red
700
90
40
15
50
2.2
2.6
9.0
BL-B4534N-1 GaAsP/GaP/ Hi-Eff Red
635
Red Diffused
45
80
30
150
2.0
2.6 70.0
T-13/4
Flangeless
1.0"Lead
5.0
BL-B2134N-1 GaP/GaP/ Green
568
Green Diffused
30
80
30
150
2.2
2.6 70.0
45
L-048
Remark
1.Hi-Eff Red / High-Efficiency Red.
2.Trans / Transparent.
3.2 1/2 The off-axis angle at which the luminous intensity is half the axial luminous intensity.
Yellow Stone corp.
www.ystone.com.tw
886-2-28221522 FAX:886-2-28202309 YELLOW STONE CORP. Specifications subject to change without notice.


Similar Part No. - BL-B4624B

ManufacturerPart #DatasheetDescription
logo
Yellow Stone Corp
BL-B4621 YSTONE-BL-B4621 Datasheet
1,003Kb / 2P
   STANDARD LED LAMPS(ROUND TYPES)
More results

Similar Description - BL-B4624B

ManufacturerPart #DatasheetDescription
logo
Yellow Stone Corp
BL-B4541 YSTONE-BL-B4541 Datasheet
459Kb / 6P
   STANDARD LED LAMPS (ROUND TYPES)
BL-B4541 YSTONE-BL-B4541 Datasheet
461Kb / 6P
   STANDARD LED LAMPS (ROUND TYPES)
BL-B2441 YSTONE-BL-B2441 Datasheet
1,003Kb / 2P
   STANDARD LED LAMPS(ROUND TYPES)
BL-B1132 YSTONE-BL-B1132 Datasheet
513Kb / 2P
   STANDARD LED LAMPS(ROUND TYPES)
BB-B5171-C YSTONE-BB-B5171-C Datasheet
114Kb / 1P
   BLINKING LED LAMPS(ROUND TYPES)
BR-B51V1-05V YSTONE-BR-B51V1-05V Datasheet
67Kb / 1P
   RESISTOR LED LAMPS (ROUND TYPES)
BL-R1138A YSTONE-BL-R1138A Datasheet
372Kb / 2P
   STANDARD LED LAMPS (RECTANGULAR TYPES)
BL-R1115 YSTONE-BL-R1115 Datasheet
505Kb / 2P
   STANDARD LED LAMPS(RECTANGULAR TYPES)
BL-R5131 YSTONE-BL-R5131 Datasheet
401Kb / 4P
   STANDARD LED LAMPS (RECTANGULAR TYPES)
BL-C5121 YSTONE-BL-C5121 Datasheet
400Kb / 5P
   STANDARD LED LAMPS (CYLINDRICAL TYPES)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com