Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMS6G10US60 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FMS6G10US60
Description  Compact & Complex Module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMS6G10US60 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FMS6G10US60 Datasheet HTML 1Page - Fairchild Semiconductor FMS6G10US60 Datasheet HTML 2Page - Fairchild Semiconductor FMS6G10US60 Datasheet HTML 3Page - Fairchild Semiconductor FMS6G10US60 Datasheet HTML 4Page - Fairchild Semiconductor FMS6G10US60 Datasheet HTML 5Page - Fairchild Semiconductor FMS6G10US60 Datasheet HTML 6Page - Fairchild Semiconductor FMS6G10US60 Datasheet HTML 7Page - Fairchild Semiconductor FMS6G10US60 Datasheet HTML 8Page - Fairchild Semiconductor FMS6G10US60 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
©2005 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
FMS6G10US60 Rev. B1
August 2005
FMS6G10US60
Compact & Complex Module
Features
• Short Circuit Rated 10
µs @ TC = 100°C, VGE = 15V
• High Speed Switching
• Low Saturation Voltage : VCE(sat) = 2.1 V @ IC = 10A
• High Input Impedance
• Built-in 3 Phase Rectifier Circuit
• Fast & Soft Anti-Parallel FWD
• Built-in NTC Thermistor
Applications
• AC & DC Motor Controls
• General Purpose Inverters
• Robotics
• Servo Controls
•UPS
Description
Fairchild IGBT Power Module provides low conduction and
switching losses as well as short circuit ruggedness. It’s
designed for the applications such as motor control and general
inverters where short-circuit ruggedness is required.
22
23
24
4
5
21
20
19
18
9
13
17
16
14
10
15
8
7
NTC
11
12
3
6
Internal Circuit Diagram
Package Code : 25PM-AA


Similar Part No. - FMS6G10US60

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS6G10US60S FAIRCHILD-FMS6G10US60S Datasheet
790Kb / 10P
   Compact & Complex Module
More results

Similar Description - FMS6G10US60

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS6G15US60 FAIRCHILD-FMS6G15US60 Datasheet
738Kb / 10P
   Compact & Complex Module
FMS6G15US60S FAIRCHILD-FMS6G15US60S Datasheet
754Kb / 10P
   Compact & Complex Module
FMS7G10US60S FAIRCHILD-FMS7G10US60S Datasheet
799Kb / 10P
   Compact & Complex Module
FMS7G15US60 FAIRCHILD-FMS7G15US60 Datasheet
747Kb / 10P
   Compact & Complex Module
FMC7G20US60 FAIRCHILD-FMC7G20US60 Datasheet
650Kb / 9P
   Compact & Complex Module
FMC7G30US60 FAIRCHILD-FMC7G30US60 Datasheet
662Kb / 9P
   Compact & Complex Module
FMC7G50US60 FAIRCHILD-FMC7G50US60 Datasheet
667Kb / 9P
   Compact & Complex Module
FMS7G20US60 FAIRCHILD-FMS7G20US60 Datasheet
902Kb / 9P
   Compact & Complex Module
FMS7G20US60S FAIRCHILD-FMS7G20US60S Datasheet
781Kb / 10P
   Compact & Complex Module
FMC6G15US60 FAIRCHILD-FMC6G15US60 Datasheet
657Kb / 9P
   Compact & Complex Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com