Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HCT541AN Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC74HCT541AN
Description  Octal 3-State Non-Inverting Buffer/Line Driver/Line Receiver With LSTTL-Compatible Inputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HCT541AN Datasheet(HTML) 3 Page - ON Semiconductor

  MC74HCT541AN Datasheet HTML 1Page - ON Semiconductor MC74HCT541AN Datasheet HTML 2Page - ON Semiconductor MC74HCT541AN Datasheet HTML 3Page - ON Semiconductor MC74HCT541AN Datasheet HTML 4Page - ON Semiconductor MC74HCT541AN Datasheet HTML 5Page - ON Semiconductor MC74HCT541AN Datasheet HTML 6Page - ON Semiconductor MC74HCT541AN Datasheet HTML 7Page - ON Semiconductor MC74HCT541AN Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MC74HCT541A
http://onsemi.com
3
AC CHARACTERISTICS (VCC = 5.0V, CL = 50 pF, Input tr = tf = 6 ns)
Guaranteed Limit
Symbol
Parameter
–55 to 25
°C
≤85°C
≤125°C
Unit
tPLH,
tPHL
Maximum Propagation Delay, Input A to Output Y
(Figures 1 and 3)
23
28
32
ns
tPLZ,
tPHZ
Maximum Propagation Delay, Output Enable to Output Y
(Figures 2 and 4)
30
34
38
ns
tPZL,
tPZH
Maximum Propagation Delay, Output Enable to Output Y
(Figures 2 and 4)
30
34
38
ns
tTLH,
tTHL
Maximum Output Transition Time, Any Output
(Figures 1 and 3)
12
15
18
ns
Cin
Maximum Input Capacitance
10
10
10
pF
Cout
Maximum Three–State Output Capacitance (Output in High Impedance
State)
15
15
15
pF
NOTE: For propagation delays with loads other than 50 pF, and information on typical parametric values, see Chapter 2 of the ON
Semiconductor High–Speed CMOS Data Book (DL129/D).
Typical @ 25
°C, VCC = 5.0 V
CPD
Power Dissipation Capacitance (Per Buffer)*
55
pF
* Used to determine the no–load dynamic power consumption: PD = CPD VCC2f + ICC VCC. For load considerations, see Chapter 2 of the
ON Semiconductor High–Speed CMOS Data Book (DL129/D).
Figure 1.
CL*
*Includes all probe and jig capacitance
TEST
POINT
OE1 or OE2
1.3V
3.0V
GND
OUTPUT Y
tPZL
OUTPUT Y
tPZH
HIGH
IMPEDANCE
VOL
VOH
HIGH
IMPEDANCE
10%
90%
tPLZ
tPHZ
1.3V
1.3V
Figure 2.
SWITCHING WAVEFORMS
DEVICE
UNDER
TEST
OUTPUT
TEST CIRCUITS
Figure 3.
Figure 4.
CL*
*Includes all probe and jig capacitance
TEST
POINT
DEVICE
UNDER
TEST
OUTPUT
1k
CONNECT TO VCC WHEN
TESTING tPLZ AND tPZL.
CONNECT TO GND WHEN
TESTING tPHZ and tPZH.
3.0V
GND
INPUT A
OUTPUT Y
tPLH
tPHL
90%
1.3V
10%
tr
tTLH
tf
tTHL
90%
1.3V
10%
1.3V


Similar Part No. - MC74HCT541AN

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74HCT541AN MOTOROLA-MC74HCT541AN Datasheet
151Kb / 5P
   Octal 3-State Non-Inverting Buffer/Line Driver/Line Receiver With LSTTL-Compatible Inputs
logo
ON Semiconductor
MC74HCT541AN ONSEMI-MC74HCT541AN Datasheet
108Kb / 8P
   Octal 3?뭆tate Non?묲nverting Buffer/Line Driver/ Line Receiver With LSTTL?묬ompatible Inputs
June, 2006 ??Rev. 5
MC74HCT541ANG ONSEMI-MC74HCT541ANG Datasheet
108Kb / 8P
   Octal 3?뭆tate Non?묲nverting Buffer/Line Driver/ Line Receiver With LSTTL?묬ompatible Inputs
June, 2006 ??Rev. 5
MC74HCT541ANG ONSEMI-MC74HCT541ANG Datasheet
153Kb / 8P
   Octal 3-State Non-Inverting Buffer/Line Driver/Line Receiver With LSTTL-Compatible Inputs
June, 2011 ??Rev. 6
More results

Similar Description - MC74HCT541AN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HCT541A ONSEMI-MC74HCT541A_11 Datasheet
153Kb / 8P
   Octal 3-State Non-Inverting Buffer/Line Driver/Line Receiver With LSTTL-Compatible Inputs
June, 2011 ??Rev. 6
logo
Motorola, Inc
MC74HCT541A MOTOROLA-MC74HCT541A Datasheet
151Kb / 5P
   Octal 3-State Non-Inverting Buffer/Line Driver/Line Receiver With LSTTL-Compatible Inputs
MC74HCT240A MOTOROLA-MC74HCT240A Datasheet
171Kb / 7P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver with LSTTL-Compatible Inputs
MC54HCT244A MOTOROLA-MC54HCT244A Datasheet
115Kb / 7P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver with LSTTL-Compatible Inputs
logo
ON Semiconductor
MC74HCT244A ONSEMI-MC74HCT244A Datasheet
175Kb / 8P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver with LSTTL-Compatible Inputs
May, 2000 ??Rev. 9
MC74HCT244A ONSEMI-MC74HCT244A_11 Datasheet
151Kb / 8P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver with LSTTL-Compatible Inputs
May, 2011 ??Rev. 12
MC74HCT241A ONSEMI-MC74HCT241A Datasheet
169Kb / 9P
   Octal 3-State Noninverting Buffer/Line Driver/ Line Receiver with LSTTL-Compatible Inputs
December, 2009 ??Rev. 8
MC74HC541A ONSEMI-MC74HC541A Datasheet
127Kb / 8P
   Octal 3-State Non-Inverting Buffer/Line Driver/Line Receiver
March, 2000 ??Rev. 2
MC74HCT541A ONSEMI-MC74HCT541A_16 Datasheet
118Kb / 6P
   Octal 3-State Non-Inverting Buffer/Line Driver/ Line Receiver
September, 2014 ??Rev. 7
MC74HCT541A ONSEMI-MC74HCT541A_06 Datasheet
108Kb / 8P
   Octal 3?뭆tate Non?묲nverting Buffer/Line Driver/ Line Receiver With LSTTL?묬ompatible Inputs
June, 2006 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com