Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6KE12ARL Datasheet(PDF) 3 Page - ON Semiconductor

Part # P6KE12ARL
Description  600 Watt Peak Power Surmetic-40 Zener Transient Voltage Suppressors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

P6KE12ARL Datasheet(HTML) 3 Page - ON Semiconductor

  P6KE12ARL Datasheet HTML 1Page - ON Semiconductor P6KE12ARL Datasheet HTML 2Page - ON Semiconductor P6KE12ARL Datasheet HTML 3Page - ON Semiconductor P6KE12ARL Datasheet HTML 4Page - ON Semiconductor P6KE12ARL Datasheet HTML 5Page - ON Semiconductor P6KE12ARL Datasheet HTML 6Page - ON Semiconductor P6KE12ARL Datasheet HTML 7Page - ON Semiconductor P6KE12ARL Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
P6KE6.8A Series
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted, VF = 3.5 V Max. @ IF (Note 6.) = 50 A)
VRWM
Breakdown Voltage
VC @ IPP (Note 5.)
Device
VRWM
(Note 3.)
IR @ VRWM
VBR (Note 4.) (Volts)
@ IT
VC
IPP
QVBR
Device
Device
Marking
Volts
µA
Min
Nom
Max
mA
Volts
A
%/
°C
P6KE6.8A
P6KE6.8A
5.8
1000
6.45
6.80
7.14
10
10.5
57
0.057
P6KE7.5A
P6KE7.5A
6.4
500
7.13
7.51
7.88
10
11.3
53
0.061
P6KE8.2A
P6KE8.2A
7.02
200
7.79
8.2
8.61
10
12.1
50
0.065
P6KE9.1A
P6KE9.1A
7.78
50
8.65
9.1
9.55
1
13.4
45
0.068
P6KE10A
P6KE10A
8.55
10
9.5
10
10.5
1
14.5
41
0.073
P6KE11A
P6KE11A
9.4
5
10.5
11.05
11.6
1
15.6
38
0.075
P6KE12A
P6KE12A
10.2
5
11.4
12
12.6
1
16.7
36
0.078
P6KE13A
P6KE13A
11.1
5
12.4
13.05
13.7
1
18.2
33
0.081
P6KE15A
P6KE15A
12.8
5
14.3
15.05
15.8
1
21.2
28
0.084
P6KE16A
P6KE16A
13.6
5
15.2
16
16.8
1
22.5
27
0.086
P6KE18A
P6KE18A
15.3
5
17.1
18
18.9
1
25.2
24
0.088
P6KE20A
P6KE20A
17.1
5
19
20
21
1
27.7
22
0.09
P6KE22A
P6KE22A
18.8
5
20.9
22
23.1
1
30.6
20
0.092
P6KE24A
P6KE24A
20.5
5
22.8
24
25.2
1
33.2
18
0.094
P6KE27A
P6KE27A
23.1
5
25.7
27.05
28.4
1
37.5
16
0.096
P6KE30A
P6KE30A
25.6
5
28.5
30
31.5
1
41.4
14.4
0.097
P6KE33A
P6KE33A
28.2
5
31.4
33.05
34.7
1
45.7
13.2
0.098
P6KE36A
P6KE36A
30.8
5
34.2
36
37.8
1
49.9
12
0.099
P6KE39A
P6KE39A
33.3
5
37.1
39.05
41
1
53.9
11.2
0.1
P6KE43A
P6KE43A
36.8
5
40.9
43.05
45.2
1
59.3
10.1
0.101
P6KE47A
P6KE47A
40.2
5
44.7
47.05
49.4
1
64.8
9.3
0.101
P6KE51A
P6KE51A
43.6
5
48.5
51.05
53.6
1
70.1
8.6
0.102
P6KE56A
P6KE56A
47.8
5
53.2
56
58.8
1
77
7.8
0.103
P6KE62A
P6KE62A
53
5
58.9
62
65.1
1
85
7.1
0.104
P6KE68A
P6KE68A
58.1
5
64.6
68
71.4
1
92
6.5
0.104
P6KE75A
P6KE75A
64.1
5
71.3
75.05
78.8
1
103
5.8
0.105
P6KE82A
P6KE82A
70.1
5
77.9
82
86.1
1
113
5.3
0.105
P6KE91A
P6KE91A
77.8
5
86.5
91
95.5
1
125
4.8
0.106
P6KE100A
P6KE100A
85.5
5
95
100
105
1
137
4.4
0.106
P6KE110A
P6KE110A
94
5
105
110.5
116
1
152
4
0.107
P6KE120A
P6KE120A
102
5
114
120
126
1
165
3.6
0.107
P6KE130A
P6KE130A
111
5
124
130.5
137
1
179
3.3
0.107
P6KE150A
P6KE150A
128
5
143
150.5
158
1
207
2.9
0.108
P6KE160A
P6KE160A
136
5
152
160
168
1
219
2.7
0.108
P6KE170A
P6KE170A
145
5
162
170.5
179
1
234
2.6
0.108
P6KE180A
P6KE180A
154
5
171
180
189
1
246
2.4
0.108
P6KE200A
P6KE200A
171
5
190
200
210
1
274
2.2
0.108
3. A transient suppressor is normally selected according to the maximum working peak reverse voltage (VRWM), which should be equal to or
greater than the dc or continuous peak operating voltage level.
4. VBR measured at pulse test current IT at an ambient temperature of 25°C
5. Surge current waveform per Figure 4 and derate per Figures 1 and 2.
6. 1/2 sine wave (or equivalent square wave), PW = 8.3 ms, duty cycle = 4 pulses per minute maximum.


Similar Part No. - P6KE12ARL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
P6KE12ARLG ONSEMI-P6KE12ARLG Datasheet
132Kb / 5P
   600 Watt Peak Power Surmetic-40 Transient Voltage Suppressors
October, 2009 ??Rev. 10
More results

Similar Description - P6KE12ARL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
P6KE30AG ONSEMI-P6KE30AG Datasheet
132Kb / 5P
   600 Watt Peak Power Surmetic-40 Transient Voltage Suppressors
October, 2009 ??Rev. 10
P6KE200ARLG ONSEMI-P6KE200ARLG Datasheet
132Kb / 5P
   600 Watt Peak Power Surmetic-40 Transient Voltage Suppressors
October, 2009 ??Rev. 10
P6KE12ARLG ONSEMI-P6KE12ARLG Datasheet
132Kb / 5P
   600 Watt Peak Power Surmetic-40 Transient Voltage Suppressors
October, 2009 ??Rev. 10
P6KE15ARLG ONSEMI-P6KE15ARLG Datasheet
132Kb / 5P
   600 Watt Peak Power Surmetic-40 Transient Voltage Suppressors
October, 2009 ??Rev. 10
P6KE6.8AG ONSEMI-P6KE6.8AG Datasheet
114Kb / 5P
   600 Watt Peak Power Surmetic-40 Transient Voltage Suppressors
October, 2009 ??Rev. 10
P6KE47ARLG ONSEMI-P6KE47ARLG Datasheet
132Kb / 5P
   600 Watt Peak Power Surmetic -40 Transient Voltage Suppressors
October, 2009 ??Rev. 10
P6KE150ARLG ONSEMI-P6KE150ARLG Datasheet
132Kb / 5P
   600 Watt Peak Power Surmetic-40 Transient Voltage Suppressors
October, 2009 ??Rev. 10
P6KE68AG ONSEMI-P6KE68AG Datasheet
132Kb / 5P
   600 Watt Peak Power Surmetic -40 Transient Voltage Suppressors
October, 2009 ??Rev. 10
P6KE200AG ONSEMI-P6KE200AG Datasheet
132Kb / 5P
   600 Watt Peak Power Surmetic-40 Transient Voltage Suppressors
October, 2009 ??Rev. 10
P6KE68ARLG ONSEMI-P6KE68ARLG Datasheet
132Kb / 5P
   600 Watt Peak Power Surmetic-40 Transient Voltage Suppressors
October, 2009 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com