Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

04351.25 Datasheet(PDF) 1 Page - Littelfuse

Part # 04351.25
Description  Surface Mount Fuses - Thin-Film Surface Mount
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

04351.25 Datasheet(HTML) 1 Page - Littelfuse

  04351.25 Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
373
Surface Mount Fuses
www .littelfuse .com
Thin-Film Surface Mount
SlimLine
Lead-Free 0402 Very Fast-Acting Fuse 435 Series
RoHS compliant and Lead-Free
• The SlimLine 0402 fuse is the world’s smallest fuse available.
• Ideal for space sensitive applications including disc drives and
handheld devices including mobile phones, cameras and personal
communication devices.
• The low profile flat surface and full-faced termination are designed for
superior performance in surface mount assembly processes.
ELECTRICAL CHARACTERISTICS:
% of Ampere
Opening
Rating
Time at 25
°C
100%
4 hours, Minimum
200%
5 seconds, Maximum
300%
0.2 seconds, Maximum
AGENCY APPROVALS: Recognized under the Components Program
of Underwriters Laboratories and Certified by CSA.
AGENCY FILE NUMBERS: UL E10480, CSA LR 29862.
INTERRUPTING RATINGS: 35A @ 32 VDC
ENVIRONMENTAL SPECIFICATIONS:
Operating Temperature: –55°C to 90°C. Consult temperature
rerating chart on page 4. For operation above 90°C contact Littelfuse.
Vibration: Per MIL-STD-202F.
Insulation Resistance (After Opening): Greater than 10,000 ohms.
Resistance To Soldering Heat: Withstands 60 seconds above 200°C
up to 260°C, maximum.
Thermal Shock: Withstands 5 cycles of –55°C to 125°C.
PHYSICAL SPECIFICATIONS:
Materials: Body: Epoxy Substrate
Terminations: 100% Copper/Nickel/Tin
Cover Coat: Conformal Coating
Soldering Parameters(see page 3 for typical soldering profile):
Reflow Solder— 260°C, 30 seconds maximum
PACKAGING SPECIFICATIONS: 8mm Paper Tape and Reel per
EIA-RS481-1 (IEC 286, part 3); 10,000 per reel, add packaging suffix, KR.
PATENTED
ORDERING INFORMATION:
Nominal
Nominal
Catalog
Ampere
Voltage
Resistance
Melting I
2t
Number
Rating
Rating
Cold Ohm
1
(A
2 Sec.)
0435.250
.25
32
0.220
0.0025
0435.375
.375
32
0.185
0.0035
0435.500
.5
32
0.150
0.0053
0435.750
.75
32
0.105
0.012
0435 001.
1
32
0.072
0.020
0435 1.25
1.25
32
0.060
0.035
0435 01.5
1.5
32
0.047
0.056
0435 1.75
1.75
32
0.038
0.075
0435 002.
2
32
0.030
0.100
1
Measured at 10% of rated current, 25°C.
2
Measured at rated voltage.
CURRENT IN AMPERES
0.01
0.1
0.1
1
1
10
100
10
100
0.001
.558
(.022")
REFLOW SOLDER
1.04
(.041")
.30
(.012")
.18
(.007")
Cu
Sn
.51
(.020")
.381
(.015")
.584
(.023")
Marking Codes:
.250
.375
.5
.750
1.0
1.25
1.5
1.75
2.0
Reference Dimensions:
Average Time Current Curves
®
®
Pb
RoHS
10


Similar Part No. - 04351.25

ManufacturerPart #DatasheetDescription
logo
Littelfuse
04351.25KR LITTELFUSE-04351.25KR Datasheet
663Kb / 3P
   Surface Mount Fuses Thin Film > 0402 Size > Very Fast-Acting > 435 Series
04351.25KRHF LITTELFUSE-04351.25KRHF Datasheet
663Kb / 3P
   Surface Mount Fuses Thin Film > 0402 Size > Very Fast-Acting > 435 Series
More results

Similar Description - 04351.25

ManufacturerPart #DatasheetDescription
logo
Littelfuse
431 LITTELFUSE-431 Datasheet
83Kb / 1P
   Surface Mount Fuses - Thin-Film Surface Mount
429 LITTELFUSE-429 Datasheet
78Kb / 1P
   Surface Mount Fuses - Thin-Film Surface Mount
433 LITTELFUSE-433 Datasheet
51Kb / 1P
   Surface Mount Fuses - Thin-Film Surface Mount
430 LITTELFUSE-430 Datasheet
37Kb / 1P
   Surface Mount Fuses - Thin-Film Surface Mount
434 LITTELFUSE-434 Datasheet
42Kb / 1P
   Surface Mount Fuses - Thin-Film Surface Mount
466 LITTELFUSE-466 Datasheet
101Kb / 2P
   Surface Mount Fuses - Lead-Free Thin-Film
logo
Bel Fuse Inc.
0429.125WRM BEL-0429.125WRM Datasheet
87Kb / 1P
   Thin-Film Surface Mount
logo
IRC - a TT electronics ...
PFC-A1206-01-50R0-1D00 IRCTT-PFC-A1206-01-50R0-1D00 Datasheet
334Kb / 2P
   Thin Film Surface Mount Attenuators
logo
Littelfuse
0452.500MRL LITTELFUSE-0452.500MRL Datasheet
190Kb / 3P
   Surface Mount Fuses Surface Mount Fuses
logo
Welwyn Components Limit...
PFCA WELWYN-PFCA Datasheet
293Kb / 2P
   Thin Film Surface Mount Attenuators
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com