Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

30E-1C-25.8 Datasheet(PDF) 2 Page - Littelfuse

Part # 30E-1C-25.8
Description  Medium Voltage Fuses
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

30E-1C-25.8 Datasheet(HTML) 2 Page - Littelfuse

  30E-1C-25.8 Datasheet HTML 1Page - Littelfuse 30E-1C-25.8 Datasheet HTML 2Page - Littelfuse 30E-1C-25.8 Datasheet HTML 3Page - Littelfuse 30E-1C-25.8 Datasheet HTML 4Page - Littelfuse 30E-1C-25.8 Datasheet HTML 5Page - Littelfuse 30E-1C-25.8 Datasheet HTML 6Page - Littelfuse 30E-1C-25.8 Datasheet HTML 7Page - Littelfuse 30E-1C-25.8 Datasheet HTML 8Page - Littelfuse 30E-1C-25.8 Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
62
R Rated Medium Voltage Fuses
Current Limiting
FEATURES
“R” rated fuses provide required short-circuit protection for
medium voltage motors, motor controllers and associated
circuitry. These components have limited ability to absorb the
energy of large short circuit currents. Medium voltage motor
controllers contain overload relays which provide both over-
load protection and locked rotor protection to the motor. The
controllers are also intended to interrupt low value short cir-
cuits within the capability of the motor controller. This pro-
tects the medium voltage fuse from sustained overcurrents
which are less than their minimum interrupting rating.
NEMA Standards for “R” rated medium voltage power fuses
require that they operate within 15-35 seconds when sub-
jected to an rms current 100 times the “R” rating. For exam-
ple, a fuse with a 2R rating will open within 15 to 35 seconds
on an applied current of 2 x 100 = 200 amperes.
Part Number System
130 - 4R -1C - 5.5
Catalog
Number
70-2R-1C-2.75
100-3R-1C-2.75
130-4R-1C-2.75
150-5R-1C-2.75
170-6R-1C-2.75
200-9R-1C-2.75
230-12R-1C-2.75
390-18R-2C-2.75
450-24R-2C-2.75
3"DIA
Dim.A
Clip
Center
6.38"
Dim.B
9.75"
D
DD
DDD
Old
Catalog
Number
LCK 2R
LCK 3R
LCK 4R
LCK 5R
LCK 6R
LCK 9R
LCK 12R
LCK 18R
LCK 24R
Size
2R
3R
4R
5R
6R
9R
12R
18R
24R
Maximum
Continuous
Current
@ 40 deg C.
70
100
130
150
170
200
230
390
450
Dim. A
(inches)
7"
7"
Dim. B
(inches)
10.875"
10.875"
Minimum
Interrupting
Rating
RMS Amps
170
250
340
390
500
760
1000
1500
1950
Max
Interrupting
Rating
RMS Asym
80,000
80,000
80,000
80,000
80,000
80,000
80,000
80,000
80,000
Figure
Number
1
1
1
1
1
1
1
2
2
CHARACTERISTICS
Voltage Rating: 2,400 volts – 15,500 volts
Current Range: 2R – 36R
OPTIONS
s
Hermitically sealed for use in hazardous locations
(add “S” suffix to part number)
s
Hookeye attachment (add “W” suffix to part number)
s
Bolt-in mounting configurations
R
RATED
FIGURE 1
FIGURE 2
FIGURE 3
Hookeye
Feature*
*For hookeye attach-
ment; add “W” suffix
to part number
Max Voltage (KV)
Style (C-Cartridge)
No. of Barrels
Rating (size)
Continuous Current
Add “w” suffix to part number for hookeye attachment.
Previous
Next


Similar Part No. - 30E-1C-25.8

ManufacturerPart #DatasheetDescription
logo
Littelfuse
30E-1C-25.8 LITTELFUSE-30E-1C-25.8 Datasheet
384Kb / 5P
   E Rated Medium Voltage Fuses
More results

Similar Description - 30E-1C-25.8

ManufacturerPart #DatasheetDescription
logo
Littelfuse
8NLE2150E LITTELFUSE-8NLE2150E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15E1C38.0 LITTELFUSE-15E1C38.0 Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15GSE2125E LITTELFUSE-15GSE2125E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15GSE3250E LITTELFUSE-15GSE3250E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15NLE10E LITTELFUSE-15NLE10E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15NLE50E LITTELFUSE-15NLE50E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
65036R3BI5.5 LITTELFUSE-65036R3BI5.5 Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
8NLE100E LITTELFUSE-8NLE100E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
8NLE2250E LITTELFUSE-8NLE2250E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
10E1C15.5 LITTELFUSE-10E1C15.5 Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15E1C25.8 LITTELFUSE-15E1C25.8 Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com