Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLL502-02SC-R Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # PLL502-02SC-R
Description  Low Phase Noise VCXO (24MHz to 50MHz)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PLL502-02SC-R Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  PLL502-02SC-R Datasheet HTML 1Page - List of Unclassifed Manufacturers PLL502-02SC-R Datasheet HTML 2Page - List of Unclassifed Manufacturers PLL502-02SC-R Datasheet HTML 3Page - List of Unclassifed Manufacturers PLL502-02SC-R Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PLL502-02
Low Phase Noise VCXO (24MHz to 50MHz)
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 09/17/04 Page 4
PACKAGE INFORMATION
C
L
A
EH
D
A1
e
B
8 PIN SOIC (in mm)
Symbol
Min.
Max.
A
1.47
1.73
A1
0.10
0.25
B
0.33
0.51
C
0.19
0.25
D
4.80
4.95
E
3.80
4.00
H
5.80
6.20
L
0.38
1.27
e
1.27 BSC
ORDERING INFORMATION
PhaseLink Corporation, reserves the right to make changes in its products or specifications, or both at any time without notice. The information fur-
nished by Phaselink is believed to be accurate and reliable. However, PhaseLink makes no guarantee or warranty concerning the accuracy of said
information and shall not be responsible for any loss or damage of whatever nature resulting from the use of, or reliance upon this product.
LIFE SUPPORT POLICY: PhaseLink’s products are not authorized for use as critical components in life support devices or systems without the ex-
press written approval of the President of PhaseLink Corporation.
For part ordering, please contact our Sales Department:
47745 Fremont Blvd., Fremont, CA 94538, USA
Tel: (510) 492-0990 Fax: (510) 492-0991
PART NUMBER
The order number for this device is a combination of the following:
Device number, Package type and Operating temperature range
PLL502-02 (H) X C
Order Number
Marking
Package Option
PLL502-02SC
P502-02SC
8-Pin SOIC (Tube)
PLL502-02SC -R
P502-02SC
8-Pin SOIC (Tape and Reel)
PLL502-02HSC
P502-02HSC
8-Pin SOIC (Tube)
PLL502-02HSC -R
P502-02HSC
8-Pin SOIC (Tape and Reel)
PART NUMBER
TEMPERATURE
C=COMMERCIAL
I=INDUSTRIAL
PACKAGE TYPE
S=SOIC
Optional High Drive


Similar Part No. - PLL502-02SC-R

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL502-02SC-R PLL-PLL502-02SC-R Datasheet
180Kb / 4P
   Low Phase Noise VCXO (24MHz to 50MHz)
More results

Similar Description - PLL502-02SC-R

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL502-24 PLL-PLL502-24 Datasheet
93Kb / 5P
   Low Phase Noise VCXO (24MHz to 50MHz)
logo
Micrel Semiconductor
PL502-02 MICREL-PL502-02 Datasheet
303Kb / 5P
   Low Phase Noise VCXO (24MHz to 50MHz)
logo
PhaseLink Corporation
PLL502-27 PLL-PLL502-27 Datasheet
93Kb / 5P
   Low Phase Noise VCXO (24MHz to 50MHz)
PLL502-01 PLL-PLL502-01 Datasheet
93Kb / 5P
   Low Phase Noise VCXO (24MHz to 50MHz)
logo
Abracon Corporation
ABV0202 ABRACON-ABV0202 Datasheet
56Kb / 4P
   Low Phase Noise VCXO (24MHz to 50MHz)
03/11/05
logo
PhaseLink Corporation
PLL502-02 PLL-PLL502-02 Datasheet
180Kb / 4P
   Low Phase Noise VCXO (24MHz to 50MHz)
PLL602-01 PLL-PLL602-01 Datasheet
202Kb / 4P
   Low Phase Noise XO (24MHz to 50MHz)
logo
Abracon Corporation
ABX0201 ABRACON-ABX0201 Datasheet
54Kb / 4P
   Low Phase Noise XO (24MHz to 50MHz)
logo
PhaseLink Corporation
PLL502-21 PLL-PLL502-21 Datasheet
141Kb / 6P
   384MHz - 768MHz Low Phase Noise PECL VCXO (12 - 24MHz Crystal)
PLL502-22 PLL-PLL502-22 Datasheet
139Kb / 6P
   384MHz - 768MHz Low Phase Noise LVDS VCXO (12 - 24MHz Crystal)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com