Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMS7G10US60 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FMS7G10US60
Description  Compact & Complex Module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMS7G10US60 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FMS7G10US60 Datasheet HTML 1Page - Fairchild Semiconductor FMS7G10US60 Datasheet HTML 2Page - Fairchild Semiconductor FMS7G10US60 Datasheet HTML 3Page - Fairchild Semiconductor FMS7G10US60 Datasheet HTML 4Page - Fairchild Semiconductor FMS7G10US60 Datasheet HTML 5Page - Fairchild Semiconductor FMS7G10US60 Datasheet HTML 6Page - Fairchild Semiconductor FMS7G10US60 Datasheet HTML 7Page - Fairchild Semiconductor FMS7G10US60 Datasheet HTML 8Page - Fairchild Semiconductor FMS7G10US60 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
www.fairchildsemi.com
FMS7G10US60 Rev. B1
Electrical Characteristics of IGBT @ Inverter T
C = 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
Off Characteristics
BVCES
Collector-Emitter Breakdown Voltage
VGE = 0V, IC = 250µA
600
--
--
V
∆BVCES/
∆TJ
Temperature Coeff. of Breakdown
Voltage
VGE = 0V, IC = 1mA
--
0.6
--
V/
°C
ICES
Collector Cut-Off Current
VCE = VCES, VGE = 0V
--
--
250
µA
IGES
Gate - Emitter Leakage Current
VGE = VGES, VCE = 0V
--
--
± 100
nA
On Characteristics
VGE(th)
Gate - Emitter Threshold Voltage
IC = 10mA, VCE = VGE
5.0
6.5
8.5
V
VCE(sat)
Collector to Emitter Saturation Voltage
IC = 10A, VGE = 15V
--
2.1
2.7
V
Dynamic Characteristics
Cies
Input Capacitance
VCE = 30V, VGE = 0V,
f = 1MHz
--
710
--
pF
Coes
Output Capacitance
--
57
--
pF
Cres
Reverse Transfer Capacitance
--
12
--
pF
Switching Characteristics
td(on)
Turn-On Delay Time
VCC = 300 V, IC = 10A,
RG = 20Ω, VGE = 15V,
Inductive Load, TC = 25°C
--
65
130
ns
tr
Rise Time
--
65
130
ns
td(off)
Turn-Off Delay Time
--
80
160
ns
tf
Fall Time
--
100
200
ns
Eon
Turn-On Switching Loss
--
0.15
--
mJ
Eoff
Turn-Off Switching Loss
--
0.2
--
mJ
td(on)
Turn-On Delay Time
VCC = 300 V, IC = 10A,
RG = 20Ω, VGE = 15V,
Inductive Load, TC = 125°C
--
70
140
ns
tr
Rise Time
--
60
120
ns
td(off)
Turn-Off Delay Time
--
90
180
ns
tf
Fall Time
--
200
350
ns
Eon
Turn-On Switching Loss
--
0.16
--
mJ
Eoff
Turn-Off Switching Loss
--
0.3
--
mJ
Tsc
Short Circuit Withstand Time
VCC = 300 V, VGE = 15V
@ TC = 100°C
10
--
--
µs
Qg
Total Gate Charge
VCE = 300 V, IC = 10A,
VGE = 15V
--
35
50
nC
Qge
Gate-Emitter Charge
--
8
15
nC
Qgc
Gate-Collector Charge
--
12
20
nC


Similar Part No. - FMS7G10US60

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS7G10US60S FAIRCHILD-FMS7G10US60S Datasheet
799Kb / 10P
   Compact & Complex Module
More results

Similar Description - FMS7G10US60

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS6G10US60 FAIRCHILD-FMS6G10US60 Datasheet
794Kb / 10P
   Compact & Complex Module
FMS6G15US60 FAIRCHILD-FMS6G15US60 Datasheet
738Kb / 10P
   Compact & Complex Module
FMS6G15US60S FAIRCHILD-FMS6G15US60S Datasheet
754Kb / 10P
   Compact & Complex Module
FMS7G10US60S FAIRCHILD-FMS7G10US60S Datasheet
799Kb / 10P
   Compact & Complex Module
FMS7G15US60 FAIRCHILD-FMS7G15US60 Datasheet
747Kb / 10P
   Compact & Complex Module
FMC7G20US60 FAIRCHILD-FMC7G20US60 Datasheet
650Kb / 9P
   Compact & Complex Module
FMC7G30US60 FAIRCHILD-FMC7G30US60 Datasheet
662Kb / 9P
   Compact & Complex Module
FMC7G50US60 FAIRCHILD-FMC7G50US60 Datasheet
667Kb / 9P
   Compact & Complex Module
FMS7G20US60 FAIRCHILD-FMS7G20US60 Datasheet
902Kb / 9P
   Compact & Complex Module
FMS7G20US60S FAIRCHILD-FMS7G20US60S Datasheet
781Kb / 10P
   Compact & Complex Module
FMC6G15US60 FAIRCHILD-FMC6G15US60 Datasheet
657Kb / 9P
   Compact & Complex Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com