Electronic Components Datasheet Search |
|
50E-1CL-15.5 Datasheet(PDF) 4 Page - Littelfuse |
|
50E-1CL-15.5 Datasheet(HTML) 4 Page - Littelfuse |
4 / 12 page 64 R Rated Medium Voltage Fuses Current Limiting Dim.B Dim.A Dim.A (2) .34" X .660 Slots 1.38" Apart 3" Dia. (2) .34" Holes 1.38" Apart Indicator Indicator Dim.B Dim.B 3" Dia. Indicator Indicator Bolt Mount “B” Inverted Bolt “IB” 70-2R-1IB-2.75 100-3R-1IB-2.75 130-4R-1IB-2.75 150-5R-1IB-2.75 170-6R-1IB-2.75 200-9R-1IB-2.75 230-12R-1IB-2.75 390-18R-2IB-2.75 450-24R-2IB-2.75 — — 2R 3R 4R 5R 6R 9R 12R 18R 24R 70 100 130 150 170 200 230 390 450 — — 13" 13" 170 250 340 390 500 760 1000 1500 1950 80,000 80,000 80,000 80,000 80,000 80,000 80,000 80,000 80,000 9 9 9 9 9 9 9 10 10 Catalog Number 70-2R-1B-2.75 100-3R-1B-2.75 130-4R-1B-2.75 150-5R-1B-2.75 170-6R-1B-2.75 200-9R-1B-2.75 230-12R-1B-2.75 390-18R-2B-2.75 450-24R-2B-2.75 R RATED Old Catalog Number — — Size 2R 3R 4R 5R 6R 9R 12R 18R 24R Maximum Continuous Current @ 40 deg C. 70 100 130 150 170 200 230 390 450 Dim. A (inches) 4.6" 7.4" Dim. B (inches) 13" 13" Minimum Interrupting Rating RMS Amps 170 250 240 390 500 760 1000 1500 1950 Max Interrupting Rating RMS (Asym) 80,000 80,000 80,000 80,000 80,000 80,000 80,000 80,000 80,000 Figure Number 7 7 7 7 7 7 7 8 8 FIGURE 7 FIGURE 8 FIGURE 9 FIGURE 10 Littelfuse’s POWR-GARD medium voltage fuses are available in several bolt-in mounting configurations. Contact factory for custom configurations “B” Bolt mount “BI” Bolt-In mount “IB” Inverted-Bolt mount Refer to illustrations for mounting dimensions. Previous Next |
Similar Part No. - 50E-1CL-15.5 |
|
Similar Description - 50E-1CL-15.5 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |