Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMS6410B Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FMS6410B
Description  Dual Channel Video Drivers with Integrated Filters and Composite Video Summer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMS6410B Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FMS6410B Datasheet HTML 1Page - Fairchild Semiconductor FMS6410B Datasheet HTML 2Page - Fairchild Semiconductor FMS6410B Datasheet HTML 3Page - Fairchild Semiconductor FMS6410B Datasheet HTML 4Page - Fairchild Semiconductor FMS6410B Datasheet HTML 5Page - Fairchild Semiconductor FMS6410B Datasheet HTML 6Page - Fairchild Semiconductor FMS6410B Datasheet HTML 7Page - Fairchild Semiconductor FMS6410B Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
www.fairchildsemi.com
FMS6410B Rev. 1A
Pin Configuration
Typical Application Diagram
Figure 1. AC or DC-Coupled Application Diagram
FAIRCHILD
FMS6410B
8L SOIC
YIN
GND
VCC
1
2
3
4
YOUT
5
6
7
8
NC
COUT
CIN
CVOUT
YOUT
To TV
CVOUT
to VCR
COUT
YIN
CIN
75
75
75
75
75
75
75
75
220µF
220µF
220µF
220µF
0.1µF
0.1µF
5V
1
4
73
5
6
8
0.1µF
10µF
FMS6410B
FMS6410B may also
be DC-Coupled
YIN
CIN
VCC
GND
YOUT
CVOUT
COUT
Pin Assignments
Pin#
Pin
Type
Description
1YIN
Input
Luminance (Luma) Input: In a typical system,
this pin is connected to the Luma or compos-
ite video output pin from the external video
encoder.
2
NC
-
No Connect.
3
GND
Input
Must be tied to Ground
4CIN
Input
Chrominance (Chroma) Input: In a typical
system, this pin is connected to the Chroma
output pin from the external video encoder.
5COUT
Output
Filtered Chrominance Video Output from the
CIN channel.
6CVOUT
Output
Composite Video Output: This pin is the sum
of YOUT and COUT .
7
VCC
Input
+5V supply
8YOUT
Output
Filtered Luminance Output from the YIN
channel.


Similar Part No. - FMS6410B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS6410B FAIRCHILD-FMS6410B Datasheet
214Kb / 8P
   Dual-Channel Video Drivers with Integrated Filters and Composite Video Summer
FMS6410B FAIRCHILD-FMS6410B Datasheet
125Kb / 3P
   Capacitor Selection for the FMS6410B S-Video Filter
logo
ON Semiconductor
FMS6410B ONSEMI-FMS6410B Datasheet
335Kb / 10P
   Dual-Channel Video Drivers
October 2006 Rev. 1.0.2
logo
Fairchild Semiconductor
FMS6410BCS FAIRCHILD-FMS6410BCS Datasheet
214Kb / 8P
   Dual-Channel Video Drivers with Integrated Filters and Composite Video Summer
logo
ON Semiconductor
FMS6410BCS ONSEMI-FMS6410BCS Datasheet
335Kb / 10P
   Dual-Channel Video Drivers
October 2006 Rev. 1.0.2
More results

Similar Description - FMS6410B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS6400-1 FAIRCHILD-FMS6400-1 Datasheet
82Kb / 8P
   Dual Channel Video Drivers with Integrated Filters and Composite Video Summer
FMS6400 FAIRCHILD-FMS6400 Datasheet
79Kb / 8P
   Dual Channel Video Drivers with Integrated Filters and Composite Video Summer
FMS6410 FAIRCHILD-FMS6410 Datasheet
317Kb / 9P
   Dual Channel Video Drivers with Integrated Filters and Composite Video Summer
FMS6410B FAIRCHILD-FMS6410B_06 Datasheet
214Kb / 8P
   Dual-Channel Video Drivers with Integrated Filters and Composite Video Summer
FMS6414 FAIRCHILD-FMS6414 Datasheet
34Kb / 7P
   Dual Channel Video Drivers with Integrated Filters
FMS6410 FAIRCHILD-FMS6410_04 Datasheet
110Kb / 9P
   Dual Channel Video Drivers with Integrated Filters
logo
ON Semiconductor
FMS6410B ONSEMI-FMS6410B Datasheet
335Kb / 10P
   Dual-Channel Video Drivers
October 2006 Rev. 1.0.2
logo
Maxim Integrated Produc...
MAX7481 MAXIM-MAX7481 Datasheet
860Kb / 13P
   Bidirectional Video Filters/Buffers for Composite and S-Video Portable Media Devices
Rev 0; 11/06
MAX7442 MAXIM-MAX7442 Datasheet
250Kb / 7P
   6-Channel Integrated Video Reconstruction Filters
Rev 0; 1/03
logo
Fairchild Semiconductor
ML6428 FAIRCHILD-ML6428 Datasheet
161Kb / 10P
   S-Video Filter and 75 ??Line Drivers with Summed Composite Output
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com