Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMS6690MTC20 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FMS6690MTC20
Description  Six Channel, 6th Order SD/PS/HD Video Filter Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMS6690MTC20 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FMS6690MTC20 Datasheet HTML 1Page - Fairchild Semiconductor FMS6690MTC20 Datasheet HTML 2Page - Fairchild Semiconductor FMS6690MTC20 Datasheet HTML 3Page - Fairchild Semiconductor FMS6690MTC20 Datasheet HTML 4Page - Fairchild Semiconductor FMS6690MTC20 Datasheet HTML 5Page - Fairchild Semiconductor FMS6690MTC20 Datasheet HTML 6Page - Fairchild Semiconductor FMS6690MTC20 Datasheet HTML 7Page - Fairchild Semiconductor FMS6690MTC20 Datasheet HTML 8Page - Fairchild Semiconductor FMS6690MTC20 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
FMS6690 Rev. 2A
4
www.fairchildsemi.com
High Definition Electrical Characteristics
Tc = 25°C, Vin = 1Vpp, Vcc = 5V, Rsource = 37.5Ω, FcSEL = 1, all inputs AC coupled with 0.1uF, all outputs
AC coupled with 220uF into 150
Ω loads, referenced to 400kHz; unless otherwise noted
Notes:
1. 100% tested at 25°C
2. SNR = 20 * log (714mV / rms noise)
Symbol
Parameter
Conditions
Min.
Typ.
Max
Units
AVHD
Channel Gain1
All HD Channels
5.6
6.0
6.4
dB
f1dBHD
-1dB Bandwidth1
All HD Channels
28
31
MHz
fcHD
-3dB Bandwidth1
All HD Channels
30
34
MHz
fSBHD
Attenuation(stopband reject)1
All HD Channels at f = 74.25MHz
30
41
dB
THD
Output Distortion (all HD
channels)
VOUT = 1.4Vpp, 22MHz
0.9
%
XTALKHD
Crosstalk (ch-to-ch)
at 1MHz
-54
dB
SNR
Signal-to-Noise Ratio2
unweighted, 100kHz to 30MHz
60
dB
tpdHD
Propagation Delay
Delay from input to output
25
ns


Similar Part No. - FMS6690MTC20

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS6690MTC20 FAIRCHILD-FMS6690MTC20 Datasheet
317Kb / 12P
   Six Channel, 6th Order SD/PS/HD Video Filter Driver
FMS6690MTC20X FAIRCHILD-FMS6690MTC20X Datasheet
317Kb / 12P
   Six Channel, 6th Order SD/PS/HD Video Filter Driver
logo
ON Semiconductor
FMS6690MTC20X ONSEMI-FMS6690MTC20X Datasheet
573Kb / 15P
   Six Channel, 6th Order, SD/PS/HD Video Filter Driver
August 2009 Rev. 1.0.3
More results

Similar Description - FMS6690MTC20

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS6690 FAIRCHILD-FMS6690_06 Datasheet
317Kb / 12P
   Six Channel, 6th Order SD/PS/HD Video Filter Driver
logo
ON Semiconductor
FMS6690 ONSEMI-FMS6690 Datasheet
573Kb / 15P
   Six Channel, 6th Order, SD/PS/HD Video Filter Driver
August 2009 Rev. 1.0.3
logo
Fairchild Semiconductor
FMS6246 FAIRCHILD-FMS6246 Datasheet
92Kb / 10P
   Six Channel, 6th Order SD/PS Video Filter Driver
FMS6246 FAIRCHILD-FMS6246_06 Datasheet
257Kb / 11P
   Six Channel, 6th Order SD/PS Video Filter Driver
FMS6346 FAIRCHILD-FMS6346_06 Datasheet
267Kb / 11P
   Six Channel, 6th Order SD/HD Video Filter Driver
FMS6346 FAIRCHILD-FMS6346 Datasheet
92Kb / 10P
   Six Channel, 6th Order SD/HD Video Filter Driver
logo
ON Semiconductor
FMS6346 ONSEMI-FMS6346 Datasheet
1Mb / 12P
   Six Channel, 6th-Order SD/HD Video Filter Driver
October 2009 Rev. 1.0.5
logo
Fairchild Semiconductor
FMS6346 FAIRCHILD-FMS6346_08 Datasheet
886Kb / 10P
   Six Channel, 6th-Order SD/HD Video Filter Driver
logo
ON Semiconductor
FMS6144A ONSEMI-FMS6144A Datasheet
572Kb / 15P
   Four-Channel, 6th-Order SD VoltagePlus Video Filter Driver
August 2011 Rev. 1.0.2
FMS6646 ONSEMI-FMS6646 Datasheet
912Kb / 14P
   Six Channel, SD/HD 1080p Video Filter Driver
May 2011 Rev. 1.0.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com