Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

601 Datasheet(PDF) 1 Page - Littelfuse

Part # 601
Description  MINIATURE FUSEHOLDERS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

601 Datasheet(HTML) 1 Page - Littelfuse

  601 Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
050908
WebSite www.littelfuse.com
In our continuing strategy to deliver unparalleled circuit protection solutions,
technical expertise and application leadership, we proudly introduce the
WICKMANN Group and its products to the Littelfuse portfolio.
12,7 -0,1
20
10,85
0,5
35,5
55
6
7,1
5
1...6
5,8
3,2
M
M
M
M
MINIA
INIA
INIA
INIA
INIATURE
TURE
TURE
TURE
TURE
FFFFFUSEHOLDERS
USEHOLDERS
USEHOLDERS
USEHOLDERS
USEHOLDERS
Holder / No. 601
601
601
601
601
Specifications
Specifications
Specifications
Specifications
Specifications
Standard
Standard
Standard
Standard
Standard
IEC 60127-6
UL 512
CSA C22.2. No.39
Approvals
Approvals
Approvals
Approvals
Approvals
SEMKO: Certificate No. 9946019
UL Recognized: File No. E 70164
CSA Certified: File No. 47574
VDE Licence No. 132224
Mounting
Mounting
Mounting
Mounting
Mounting
12.7mm diameter D-hole
Admissible torque on plastic hex nut is 1.2Nm
TTTTTerminals
erminals
erminals
erminals
erminals
Solderable or 2.8mm quick connect-fits 0.5mm tab
Protection Class & Category
Protection Class & Category
Protection Class & Category
Protection Class & Category
Protection Class & Category
IP 40 (with Cap 602 00 acc. to IEC 60529)
IP 54 (with Cap 602 04 acc. to IEC 60529)
PC2 (IEC 60127-6)
Materials
Materials
Materials
Materials
Materials
Holder:
Black Duroplast
Phenolplast PF, UL94 V-0
Cap:
Black Thermoplastic
Polyamide PA6.6, UL94 V-0
Sealing Washer: Novapress Multi (Cap 602 04)
Metal Parts:
Copper alloy,
corrosion protected
Terminals:
Solderable, tinned
Insulating cover:
Polyvinyl chloride (Soft PVC),
black
Electrical Data (23ºC)
Electrical Data (23ºC)
Electrical Data (23ºC)
Electrical Data (23ºC)
Electrical Data (23ºC)
Rated Voltage: 250V
Rated Current: 6.3A (SEMKO/VDE)
16A (UL/CSA)
Rated Power :
4W (SEMKO/VDE)
Operating T
Operating T
Operating T
Operating T
Operating Temperature
emperature
emperature
emperature
emperature
-25ºC to +70ºC (consider de-rating)
Climatic T
Climatic T
Climatic T
Climatic T
Climatic Test
est
est
est
est
-25ºC/+70ºC/21 days (IEC 60068-2-1...3)
Stock Conditions
Stock Conditions
Stock Conditions
Stock Conditions
Stock Conditions
+10ºC to +60ºC
relative humidity ≤ 75% yearly average,
without dew, maximum value for 30 days - 95%
Vibration Resistance
Vibration Resistance
Vibration Resistance
Vibration Resistance
Vibration Resistance
24 cycles at 15 min. each (IEC 60068-2-6)
10 - 60Hz at 0.75mm amplitude
60 - 2000Hz at 10g acceleration
Dielectric Strength
Dielectric Strength
Dielectric Strength
Dielectric Strength
Dielectric Strength
> 1.5 kV
Impulse Voltage
Impulse Voltage
Impulse Voltage
Impulse Voltage
Impulse Voltage
4 kV, 50 Hz, 1 min., dry
Insulation Resistance
Insulation Resistance
Insulation Resistance
Insulation Resistance
Insulation Resistance
> 103 MΩ (500 VDC, 1 min.)
Solderability
Solderability
Solderability
Solderability
Solderability
235ºC, 3 sec. (Wave)
350ºC, 1 sec. (Soldering Iron)
Soldering Heat Resistance
Soldering Heat Resistance
Soldering Heat Resistance
Soldering Heat Resistance
Soldering Heat Resistance
260ºC, 5 sec. (IEC 60068-2-20)
Minimum Cross Section
Minimum Cross Section
Minimum Cross Section
Minimum Cross Section
Minimum Cross Section
Conductor - 2.5mm2
Marking
Marking
Marking
Marking
Marking
601, 250V, Approvals
Unit Weight
Unit Weight
Unit Weight
Unit Weight
Unit Weight
4.0g (Holder) / 1.9g (Cap) / 2.9g (Insulating
sleeve)
Order Information
Order Information
Order Information
Order Information
Order Information
Packaging
Packaging
Packaging
Packaging
Packaging
Bulk (100 pcs.)
Order Numbers
Order Numbers
Order Numbers
Order Numbers
Order Numbers
Holder
No. 601 0000 000
Cap, without washer, IP 40 No. 602 0000 000
Cap, with washer, IP 64
No. 602 0000 040
Cap / No. 602
602
602
602
602
Design 00: without silicon washer (IP 40)
Design 00: without silicon washer (IP 40)
Design 00: without silicon washer (IP 40)
Design 00: without silicon washer (IP 40)
Design 00: without silicon washer (IP 40)
Design 04: with silicon washer (IP 54)
Design 04: with silicon washer (IP 54)
Design 04: with silicon washer (IP 54)
Design 04: with silicon washer (IP 54)
Design 04: with silicon washer (IP 54)
(from front side only)
Panel Mount, Shocksafe
Panel Mount, Shocksafe
Panel Mount, Shocksafe
Panel Mount, Shocksafe
Panel Mount, Shocksafe
5x20mm Fuses
5x20mm Fuses
5x20mm Fuses
5x20mm Fuses
5x20mm Fuses
Not for new designs - refer to No. 850 and 851
Panel opening
Specifications are subject
to change without notice
Insulating cover for
terminals/ No. 522
522
522
522
522
Note: 1.00 means the number one with two decimal places. 1,000 means the number one thousand.


Similar Part No. - 601

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
601 ETC2-601 Datasheet
206Kb / 1P
   Wiha Quality Tools Toll Free: (800) 494-6104
logo
Bourns Electronic Solut...
601 BOURNS-601 Datasheet
231Kb / 2P
   RC Network T-Filters
logo
Willow Technologies Ltd
601 WILLOW-601 Datasheet
481Kb / 2P
   Optically Isolated 5 and 10A/250 Vac
601-1 WILLOW-601-1 Datasheet
481Kb / 2P
   Optically Isolated 5 and 10A/250 Vac
logo
Teledyne Technologies I...
601-1 TELEDYNE-601-1 Datasheet
481Kb / 2P
   Optically Isolated 5 and 10A/250 Vac
More results

Similar Description - 601

ManufacturerPart #DatasheetDescription
logo
Littelfuse
647 LITTELFUSE-647 Datasheet
91Kb / 1P
   MINIATURE FUSEHOLDERS
519 LITTELFUSE-519 Datasheet
89Kb / 1P
   MINIATURE FUSEHOLDERS
658 LITTELFUSE-658 Datasheet
146Kb / 1P
   MINIATURE FUSEHOLDERS
649 LITTELFUSE-649 Datasheet
94Kb / 1P
   MINIATURE FUSEHOLDERS
518 LITTELFUSE-518 Datasheet
69Kb / 1P
   MINIATURE FUSEHOLDERS
523 LITTELFUSE-523 Datasheet
85Kb / 1P
   MINIATURE FUSEHOLDERS
268 LITTELFUSE-268 Datasheet
109Kb / 1P
   MINIATURE FUSEHOLDERS
595 LITTELFUSE-595 Datasheet
168Kb / 1P
   MINIATURE FUSEHOLDERS
596 LITTELFUSE-596 Datasheet
216Kb / 1P
   MINIATURE FUSEHOLDERS
652 LITTELFUSE-652 Datasheet
76Kb / 1P
   MINIATURE FUSEHOLDERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com