Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962G9583402VXXA Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # 5962G9583402VXXA
Description  Quad Receiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

5962G9583402VXXA Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  5962G9583402VXXA Datasheet HTML 1Page - Aeroflex Circuit Technology 5962G9583402VXXA Datasheet HTML 2Page - Aeroflex Circuit Technology 5962G9583402VXXA Datasheet HTML 3Page - Aeroflex Circuit Technology 5962G9583402VXXA Datasheet HTML 4Page - Aeroflex Circuit Technology 5962G9583402VXXA Datasheet HTML 5Page - Aeroflex Circuit Technology 5962G9583402VXXA Datasheet HTML 6Page - Aeroflex Circuit Technology 5962G9583402VXXA Datasheet HTML 7Page - Aeroflex Circuit Technology 5962G9583402VXXA Datasheet HTML 8Page - Aeroflex Circuit Technology 5962G9583402VXXA Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
FEATURES
q >155.5 Mbps (77.7 MHz) switching rates
q +340mV differential signaling
q 5 V power supply
q TTL compatible outputs
q Ultra low power CMOS technology
q 8.0ns maximum propagation delay
q 3.0ns maximum differential skew
q Radiation-hardened design; total dose irradiation testing to
MIL-STD-883 Method 1019
- Total-dose: 300 krad(Si) and 1Mrad(Si)
- Latchup immune (LET > 111 M eV-cm
2/mg)
q Packaging options:
- 16-lead flatpack (dual in-line)
q Standard Microcircuit Drawing 5962-95834
- QML Q and V compliant part
q Compatible with IEEE 1596.3SCI LVDS
q Compatible with ANSI/TIA/EIA 644-1996 LVDS Standard
INTRODUCTION
The UT54LVDS032 Quad Receiver is a quad CMOS
differential line receiver designed for applications requiring
ultra low power dissipation and high data rates. The device
is designed to support data rates in excess of 155.5 Mbps
(77.7 MHz) utilizing Low Voltage Differential Signaling
(LVDS) technology.
The UT54LVDS032 accepts low voltage (340mV)
differential input signals and translates them to 5V TTL
output levels. The receiver supports a three-state function
that may be used to multiplex outputs. The receiver also
supports OPEN, shorted and terminated (100
Ω) input fail-
safe. Receiver output will be HIGH for all fail-safe
conditions.
The UT54LVDS032 and companion quad line driver
UT54LVDS031 provides new alternatives to high power
pseudo-ECL devices for high speed point-to-point interface
applications.
+
R1
-
RIN1+
RIN1-
RIN2+
RIN2-
RIN3+
RIN3-
RIN4+
RIN4-
ROUT1
ROUT2
ROUT4
ROUT3
EN
EN
+
R2
-
+
R3
-
+
R4
-
Standard Products
UT54LVDS032 Quad Receiver
Data Sheet
May 22, 2003
Figure 1. UT54LVDS032 Quad Receiver Block Diagram


Similar Part No. - 5962G9583402VXXA

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
5962G9563801QQA AEROFLEX-5962G9563801QQA Datasheet
347Kb / 19P
   Radiation-Hardened MicroController
5962G9563801QQC AEROFLEX-5962G9563801QQC Datasheet
347Kb / 19P
   Radiation-Hardened MicroController
5962G9563801QQX AEROFLEX-5962G9563801QQX Datasheet
347Kb / 19P
   Radiation-Hardened MicroController
logo
List of Unclassifed Man...
5962G9563801QQYA ETC2-5962G9563801QQYA Datasheet
182Kb / 18P
   Radiation-Hardened MicroController
5962G9563801QQYC ETC2-5962G9563801QQYC Datasheet
182Kb / 18P
   Radiation-Hardened MicroController
More results

Similar Description - 5962G9583402VXXA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS75154 NSC-DS75154 Datasheet
120Kb / 8P
   Quad Line Receiver
logo
Analog Devices
AD6657A AD-AD6657A Datasheet
1Mb / 36P
   Quad IF Receiver
REV. 0
logo
Austin Semiconductor
AS10515F16MIL AUSTIN-AS10515F16MIL_06 Datasheet
43Kb / 4P
   Quad Line Receiver
logo
Texas Instruments
DS14C89A TI1-DS14C89A_19 Datasheet
770Kb / 13P
[Old version datasheet]   Quad CMOS Receiver
DS14C89A TI1-DS14C89A_15 Datasheet
236Kb / 11P
[Old version datasheet]   Quad CMOS Receiver
logo
Analog Devices
AD6657A AD-AD6657A_17 Datasheet
1Mb / 37P
   Quad IF Receiver
logo
National Semiconductor ...
DS14C89AT NSC-DS14C89AT Datasheet
117Kb / 6P
   Quad CMOS Receiver
logo
ON Semiconductor
MC10H115 ONSEMI-MC10H115_06 Datasheet
152Kb / 6P
   Quad Line Receiver
February, 2006 ??Rev. 7
MC10115 ONSEMI-MC10115_02 Datasheet
86Kb / 4P
   Quad Line Receiver
January, 2002 ??Rev. 7
logo
Analog Devices
AD6657 AD-AD6657 Datasheet
1Mb / 32P
   Quad IF Receiver
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com