Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT71V65802S150BQ Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT71V65802S150BQ
Description  256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT71V65802S150BQ Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT71V65802S150BQ Datasheet HTML 1Page - Integrated Device Technology IDT71V65802S150BQ Datasheet HTML 2Page - Integrated Device Technology IDT71V65802S150BQ Datasheet HTML 3Page - Integrated Device Technology IDT71V65802S150BQ Datasheet HTML 4Page - Integrated Device Technology IDT71V65802S150BQ Datasheet HTML 5Page - Integrated Device Technology IDT71V65802S150BQ Datasheet HTML 6Page - Integrated Device Technology IDT71V65802S150BQ Datasheet HTML 7Page - Integrated Device Technology IDT71V65802S150BQ Datasheet HTML 8Page - Integrated Device Technology IDT71V65802S150BQ Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
6.42
2
IDT71V65602, IDT71V65802, 256K x 36, 512K x 18, 3.3V Synchronous SRAMs with
ZBT
™ Feature, 2.5V I/O, Burst Counter, and Pipelined Outputs
Commercial and Industrial Temperature Ranges
Symbol
Pin Function
I/O
Active
Description
A0-A18
Address Inputs
I
N/A
Synchronous Address inputs. The address register is trig gered by a combination of the
rising edge of CLK, ADV/
LD low, CEN low, and true chip enables.
ADV/
LD
Advance / Load
I
N/A
ADV/
LD is a synchronous input that is used to load the internal registers with new address
and control when it is sampled low at the rising edge of clock with the chip selected. When
ADV/
LD is low with the chip deselected, any burst in progress is terminated. When ADV/LD
is sampled hig h then the internal burst counter is advanced for any burst that was in
progress. The external addresses are ignored when ADV/
LD is sampled high.
R/
W
Read / Write
I
N/A
R/
W signal is a synchronous input that identifies whether the current load cycle initiated is a
Read or Write access to the memory array. The data bus activity for the current cycle takes
place two clock cycles later.
CEN
Clock Enable
I
LOW
Synchronous Clock Enable Input. When
CEN is sampled high, all other synchronous
inputs, including clock are ignored and outputs re main unchanged. The effect of
CEN
sampled high on the device outp uts is as if the low to hig h clock transition did not occur.
For normal operation,
CEN must be sampled low at rising edge of clock.
BW1-BW4
Individual Byte
Write Enables
I
LOW
Synchro nous byte write enables. Each 9-bit byte has its own active low byte write enable.
On load write cycles (When R/
W and ADV/LD are sampled low) the appropriate byte write
signal (
BW1-BW4) must be valid. The byte write signal must also be valid on each cycle of
a burst write. Byte Write signals are ignored when R/
W is sampled high. The appropriate
byte(s) of data are written into the device two cycles later.
BW1-BW4 can all be tied low if
always doing write to the entire 36-bit word.
CE1, CE2
Chip Enables
I
LOW
Synchronous active low chip enable.
CE1 and CE2 are used with CE2 to enable the
IDT71V65602/5802. (
CE1 or CE2 sampled high or CE2 sampled low) and ADV/LD low at the
rising edge of clock, initiates a deselect cycle. The ZBTTM has a two cycle deselect, i.e.,
the data bus will tri-state two clock cycles after deselect is initiated.
CE2
Chip Enable
I
HIGH
Synchrono us active high chip enable. CE2 is used with
CE1 and CE2 to enable the chip.
CE2 has inverted po larity but otherwise identical to
CE1 and CE2.
CLK
Clock
I
N/A
This is the clock input to the IDT71V65602/5802. Except for
OE, all timing references for the
device are made with respect to the rising edge of CLK.
I/O0-I/O31
I/OP1-I/OP4
Data Input/Output
I/O
N/A
Synchro nous data input/output (I/O) pins. Both the data input path and data output path are
registered and triggered by the rising edge of CLK.
LBO
Linear Burst Order
I
LOW
Burst order selection input. When
LBO is high the Interleaved burst sequence is selected.
When
LBO is low the Linear burst sequence is selected. LBO is a static input and it must
not change during device operation.
OE
Output Enable
I
LOW
Asynchronous output enable.
OE must be low to read data from the IDT71V65602/5802.
When
OE is high the I/O pins are in a high-impedance state. OE does not need to be
actively controlled for read and write cycles. In normal operation,
OE can be tied low.
ZZ
Sleep Mode
I
HIGH
Asynchronous sleep mode input. ZZ HIGH will gate the CLK internally and power down
71V65602/5802 to the lowest p ower consumption level. Data retention is guaranteed in
Sleep Mode.
VDD
Power Supply
N/A
N/A
3.3V core power supply.
VDDQ
Power Supply
N/A
N/A
2.5V I/O Supply.
VSS
Ground
N/A
N/A
Ground.
5303 tbl 02
Pin Definitions(1)
NOTE:
1. All synchronous inputs must meet specified setup and hold times with respect to CLK.


Similar Part No. - IDT71V65802S150BQ

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V65803 IDT-IDT71V65803 Datasheet
496Kb / 26P
   256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs
IDT71V65803 IDT-IDT71V65803 Datasheet
368Kb / 26P
   3.3V Synchronous ZBT SRAMs
IDT71V65803S100BG IDT-IDT71V65803S100BG Datasheet
496Kb / 26P
   256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs
IDT71V65803S100BGI IDT-IDT71V65803S100BGI Datasheet
496Kb / 26P
   256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs
IDT71V65803S100BQ IDT-IDT71V65803S100BQ Datasheet
496Kb / 26P
   256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs
More results

Similar Description - IDT71V65802S150BQ

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V2546S IDT-IDT71V2546S Datasheet
1,004Kb / 28P
   128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
IDT71V2556S IDT-IDT71V2556S Datasheet
1,019Kb / 28P
   128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
IDT71T75602 IDT-IDT71T75602 Datasheet
637Kb / 25P
   512K x 36, 1M x 18 2.5V Synchronous ZBT??SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
logo
Renesas Technology Corp
71V65603 RENESAS-71V65603 Datasheet
313Kb / 27P
   256K x 36, 512K x 18 3.3V Synchronous ZBT™ SRAMs ZBT™ Feature 3.3V I/O, Burst Counter Pipelined Outputs
Nov.12. 21
logo
Integrated Device Techn...
71V3558S200PFG IDT-71V3558S200PFG Datasheet
643Kb / 28P
   128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Pipelined Outputs
IDT71V3556S IDT-IDT71V3556S Datasheet
1,010Kb / 28P
   128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Pipelined Outputs
logo
Renesas Technology Corp
71V3556S RENESAS-71V3556S Datasheet
337Kb / 29P
   128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Pipelined Outputs
Aug.06.21
71T75602 RENESAS-71T75602 Datasheet
348Kb / 28P
   512K x 36, 1M x 18 2.5V Synchronous ZBT™ SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
Sep.27.21
logo
Integrated Device Techn...
IDT71V67602 IDT-IDT71V67602 Datasheet
975Kb / 22P
   256K X 36, 512K X 18 3.3V Synchronous SRAMs 2.5V I/O, Burst Counter Pipelined Outputs, Single Cycle Deselect
logo
Renesas Technology Corp
IDT71V67602 RENESAS-IDT71V67602 Datasheet
540Kb / 24P
   256K X 36, 512K X 18 3.3V Synchronous SRAMs 2.5V I/O, Burst Counter Pipelined Outputs, Single Cycle Deselect
FEBRUARY 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com