Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB91F233PFF-GE1 Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # MB91F233PFF-GE1
Description  32-bit Microcontroller
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB91F233PFF-GE1 Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  MB91F233PFF-GE1 Datasheet HTML 1Page - Fujitsu Component Limited. MB91F233PFF-GE1 Datasheet HTML 2Page - Fujitsu Component Limited. MB91F233PFF-GE1 Datasheet HTML 3Page - Fujitsu Component Limited. MB91F233PFF-GE1 Datasheet HTML 4Page - Fujitsu Component Limited. MB91F233PFF-GE1 Datasheet HTML 5Page - Fujitsu Component Limited. MB91F233PFF-GE1 Datasheet HTML 6Page - Fujitsu Component Limited. MB91F233PFF-GE1 Datasheet HTML 7Page - Fujitsu Component Limited. MB91F233PFF-GE1 Datasheet HTML 8Page - Fujitsu Component Limited. MB91F233PFF-GE1 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 66 page
background image
MB91230 Series
2
(Continued)
• Memory-to-memory transfer, bit handling, and barrel shift instructions, etc. : Instructions suitable for embedded
applications
• Function entry/exit instructions, multiple-register load/store instructions : Instructions adapted for C-language
• Register interlock function : Facilitates coding in assembler
• Built-in multiplier with instruction-level support
- 32-bit multiplication with sign : 5 cycles
- 16-bit multiplication with sign : 3 cycles
• Interrupt (PC and PS save) : 6 cycles (16 priority levels)
• Harvard architecture allowing program access and data access to be executed simultaneously
• Instruction compatible with FR family
• Capacity of built-in ROM and ROM type
- MASK ROM
: 256 KB
- FLASH ROM
: 256 KB
• Capacity of built-in RAM : 16 KB
• General-purpose ports : Maximum 98 ports (including N-ch open-drain port : 4 ports)
• A/D converter (series-parallel type)
- Resolution : 10-bit : 8 ch (4 ch
× 2 unit)
- Conversion time : 1.69
µs (Minimum conversion time)
• D/A converter (R-2R type)
- Resolution : 8-bit : 2 ch (independence)
- Conversion speed : 0.6
µs (when load capacitance 20 pF)
• External interrupt input : 16 ch
• Bit search module (for REALOS)
- Function for searching the MSB (Upper bit) in each word for the first “0” or “1” inverted point
• UART (full-duplex double buffer) : 4 ch
- Selectable parity On/Off
- Asynchronous (start-stop synchronized) or clock-synchronous communications selectable
- Internal timer for dedicated baud rate (U-timer) on each channel
- External clock can be used as transfer clock
- Error detection function for parity, frame and overrun
• PPG : 16-bit
× 6 ch
• Up/down counter : 2 ch (8-bit
× 2 ch or 16-bit × 1 ch)
• Reload timer : 16-bit
× 4 ch
• Free-run timer : 16-bit
× 2 ch
• Watch timer : 15-bit
× 1 ch
• PWC : 8-bit
× 2 ch
• Input capture : 2 ch (interface with free-run timer 0)
• Output compare : 4 ch (free-run timer 0 and output compare unit 0/1 cooperate, free-run timer 1 and
output compare units 2/3)
• LCD controller : SEG00 to SEG31/COM0 to COM3 (also serving as a port)
• Clock monitor (peripheral clock output function) : 1 ch
• Timebase/watchdog timer (26-bit)
• Real-time clock (counting even with the real-time clock stopped)
• Low Power Consumption Mode
• Sleep/stop function
• Package : LQFP-120, FLGA-128
• Technology : CMOS 0.35
µm
• Power supply
• Dual power supply configuration [internal logic 3.3 V, I/O 5.5 V(3.3 V for ADC and DAC input/output)]
Note : Do not set the external bus mode in which the MB91230 series cannot operate.


Similar Part No. - MB91F233PFF-GE1

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91F233PFF-GE1 FUJITSU-MB91F233PFF-GE1 Datasheet
298Kb / 66P
   32-bit Microcontroller
More results

Similar Description - MB91F233PFF-GE1

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91301A FUJITSU-MB91301A Datasheet
4Mb / 622P
   32-BIT MICROCONTROLLER
MB91F367GA FUJITSU-MB91F367GA Datasheet
713Kb / 62P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC100LC1DN ETC2-NUC100LC1DN Datasheet
1Mb / 107P
   32-bit Microcontroller
NUC140LC1CN ETC2-NUC140LC1CN Datasheet
1Mb / 77P
   32-BIT MICROCONTROLLER
logo
Cypress Semiconductor
MB91F469GA CYPRESS-MB91F469GA Datasheet
6Mb / 147P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
M052 NUVOTON-M052 Datasheet
1Mb / 71P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUMAKER ETC2-NUMAKER Datasheet
1Mb / 71P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
NANO120 NUVOTON-NANO120 Datasheet
1Mb / 18P
   32-bit Microcontroller
logo
Fujitsu Component Limit...
MB91230 FUJITSU-MB91230 Datasheet
298Kb / 66P
   32-bit Microcontroller
MB91305 FUJITSU-MB91305 Datasheet
880Kb / 90P
   32-bit Microcontroller
MB91F467BA FUJITSU-MB91F467BA Datasheet
1Mb / 136P
   32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com