Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MG200Q2YS65H Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # MG200Q2YS65H
Description  IGBT Module Silicon N Channel IGBT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

MG200Q2YS65H Datasheet(HTML) 3 Page - Toshiba Semiconductor

  MG200Q2YS65H Datasheet HTML 1Page - Toshiba Semiconductor MG200Q2YS65H Datasheet HTML 2Page - Toshiba Semiconductor MG200Q2YS65H Datasheet HTML 3Page - Toshiba Semiconductor MG200Q2YS65H Datasheet HTML 4Page - Toshiba Semiconductor MG200Q2YS65H Datasheet HTML 5Page - Toshiba Semiconductor MG200Q2YS65H Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MG200Q2YS65H
2002-10-04
3
Collector-emitter voltage VCE (V)
IC – VCE (sat)
Collector-emitter voltage VCE (V)
IC – VCE (sat)
Gate-emitter voltage VGE (V)
VCE – VGE
Gate-emitter voltage VGE (V)
VCE – VGE
Gate-emitter voltage VGE (V)
IC – VGE
Forward voltage VF (V)
IF – VF
0
0
4
8
12
16
4
8
12
16
20
Common emitter
Tc
= 25°C
IC = 400 A
100 A
200 A
0
0
50
100
150
200
4
8
12
16
Common emitter
VCE = 5 V
Tc
= 125°C
-40°C
25°C
0
0
100
200
300
400
1
2
3
4
Tc
= 125°C
25°C
Common cathode
VGE = 0
0
0
100
200
300
400
2
4
6
8
10
VGE = 8 V
10 V
12 V
20 V
18 V
15 V
Common emitter
Tc
= 125°C
0
0
4
8
12
16
4
8
12
16
20
Common emitter
Tc
= 125°C
IC = 400 A
100 A
200 A
12 V
0
0
100
200
300
400
2
4
6
8
10
Common emitter
Tc
= 25°C
VGE = 8 V
PC = 1310 W
10 V
20 V
18 V
15 V


Similar Part No. - MG200Q2YS65H

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
MG200Q2YS60A TOSHIBA-MG200Q2YS60A Datasheet
97Kb / 6P
   High Power Switching Applications Motor Control Applications
logo
Mitsubishi Electric Sem...
MG200Q2YS60A MITSUBISHI-MG200Q2YS60A Datasheet
218Kb / 8P
   High Power Switching Applications Motor Control Applications
logo
Powerex Power Semicondu...
MG200Q2YS60A POWEREX-MG200Q2YS60A Datasheet
320Kb / 6P
   Compact IGBT Series Module
More results

Similar Description - MG200Q2YS65H

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
MG600J2YS60A TOSHIBA-MG600J2YS60A Datasheet
191Kb / 9P
   TOSHIBA IGBT Module Silicon N Channel IGBT
MG400Q2YS60A TOSHIBA-MG400Q2YS60A Datasheet
200Kb / 9P
   TOSHIBA IGBT Module Silicon N Channel IGBT
MG400J2YS60A TOSHIBA-MG400J2YS60A Datasheet
196Kb / 9P
   TOSHIBA IGBT Module Silicon N Channel IGBT
MG100Q2YS65H TOSHIBA-MG100Q2YS65H Datasheet
164Kb / 6P
   TOSHIBA IGBT Module Silicon N Channel IGBT
MG600Q1US61 TOSHIBA-MG600Q1US61 Datasheet
234Kb / 8P
   TOSHIBA IGBT Module Silicon N Channel IGBT
MG300Q2YS65H TOSHIBA-MG300Q2YS65H Datasheet
168Kb / 6P
   TOSHIBA IGBT Module Silicon N Channel IGBT
MG150J2YS50 TOSHIBA-MG150J2YS50 Datasheet
225Kb / 5P
   TOSHIBA GTR Module Silicon N Channel IGBT
MP6759 TOSHIBA-MP6759 Datasheet
150Kb / 6P
   TOSHIBA GTR Module Silicon N Channel IGBT
MG150J7KS50 TOSHIBA-MG150J7KS50 Datasheet
119Kb / 6P
   TOSHIBA GTR Module Silicon N Channel IGBT
MG1200FXF1US51 TOSHIBA-MG1200FXF1US51 Datasheet
94Kb / 5P
   TOSHIBA GTR Module Silicon N-Channel IGBT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com