Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K4H560838E-ZLB3 Datasheet(PDF) 3 Page - Samsung semiconductor

Part # K4H560838E-ZLB3
Description  256Mb E-die DDR SDRAM Specification 60 FBGA with Pb-Free (RoHS compliant)
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4H560838E-ZLB3 Datasheet(HTML) 3 Page - Samsung semiconductor

  K4H560838E-ZLB3 Datasheet HTML 1Page - Samsung semiconductor K4H560838E-ZLB3 Datasheet HTML 2Page - Samsung semiconductor K4H560838E-ZLB3 Datasheet HTML 3Page - Samsung semiconductor K4H560838E-ZLB3 Datasheet HTML 4Page - Samsung semiconductor K4H560838E-ZLB3 Datasheet HTML 5Page - Samsung semiconductor K4H560838E-ZLB3 Datasheet HTML 6Page - Samsung semiconductor K4H560838E-ZLB3 Datasheet HTML 7Page - Samsung semiconductor K4H560838E-ZLB3 Datasheet HTML 8Page - Samsung semiconductor K4H560838E-ZLB3 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
DDR SDRAM
DDR SDRAM 256Mb E-die (x4, x8) Pb-Free
Rev. 1.1 October, 2004
• Double-data-rate architecture; two data transfers per clock cycle
• Bidirectional data strobe [DQ] (x4,x8) Four banks operation
• Differential clock inputs(CK and CK)
• DLL aligns DQ and DQS transition with CK transition
• MRS cycle with address key programs
-. Read latency 2, 2.5 (clock)
-. Burst length (2, 4, 8)
-. Burst type (sequential & interleave)
• All inputs except data & DM are sampled at the positive going edge of the system clock(CK)
• Data I/O transactions on both edges of data strobe
• Edge aligned data output, center aligned data input
• DM for write masking only (x4, x8)
• Auto & Self refresh
• 7.8us refresh interval(8K/64ms refresh)
• Maximum burst refresh cycle : 8
• 60Ball FBGA Pb-Free package
• RoHS compliant
*CL : CAS Latency
Operating Frequencies
B3(DDR333@CL=2.5)
A2(DDR266@CL=2)
B0(DDR266@CL=2.5)
CL-tRCD-tRP
2.5-3-3
2-3-3
2.5-3-3
Speed @CL2
133MHz
133MHz
100MHz
Speed @CL2.5
166MHz
133MHz
133MHz
Ordering Information
Part No.
Org.
Max Freq.
Interface
Package
K4H560438E-ZC/LB3
64M x 4
B3(DDR333@CL=2.5)
SSTL2
60 FBGA
K4H560438E-ZC/LA2
A2(DDR266@CL=2)
K4H560438E-ZC/LB0
B0(DDR266@CL=2.5)
K4H560838E-ZC/LB3
32M x 8
B3(DDR333@CL=2.5)
SSTL2
60 FBGA
K4H560838E-ZC/LA2
A2(DDR266@CL=2)
K4H560838E-ZC/LB0
B0(DDR266@CL=2.5)
Key Features


Similar Part No. - K4H560838E-ZLB3

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4H560838E-GC/LA2 SAMSUNG-K4H560838E-GC/LA2 Datasheet
244Kb / 24P
   256Mb E-die DDR SDRAM Specification 60Ball FBGA (x4/x8)
K4H560838E-GC/LB0 SAMSUNG-K4H560838E-GC/LB0 Datasheet
244Kb / 24P
   256Mb E-die DDR SDRAM Specification 60Ball FBGA (x4/x8)
K4H560838E-GC/LB3 SAMSUNG-K4H560838E-GC/LB3 Datasheet
244Kb / 24P
   256Mb E-die DDR SDRAM Specification 60Ball FBGA (x4/x8)
K4H560838E-GCA2 SAMSUNG-K4H560838E-GCA2 Datasheet
244Kb / 24P
   256Mb E-die DDR SDRAM Specification 60Ball FBGA (x4/x8)
K4H560838E-GCB0 SAMSUNG-K4H560838E-GCB0 Datasheet
244Kb / 24P
   256Mb E-die DDR SDRAM Specification 60Ball FBGA (x4/x8)
More results

Similar Description - K4H560838E-ZLB3

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4H560438E-VC SAMSUNG-K4H560438E-VC Datasheet
297Kb / 23P
   256Mb E-die DDR SDRAM Specification 54 sTSOP-II with Pb-Free (RoHS compliant)
K4H560438E-UC SAMSUNG-K4H560438E-UC Datasheet
297Kb / 23P
   256Mb E-die DDR SDRAM Specification 66 TSOP-II with Pb-Free (RoHS compliant)
K4S560432E-UC SAMSUNG-K4S560432E-UC Datasheet
198Kb / 14P
   256Mb E-die SDRAM Specification 54 TSOP-II with Pb-Free (RoHS compliant)
K4H560438E-GC SAMSUNG-K4H560438E-GC Datasheet
244Kb / 24P
   256Mb E-die DDR SDRAM Specification 60Ball FBGA (x4/x8)
K4H560438E-GCCC SAMSUNG-K4H560438E-GCCC Datasheet
197Kb / 18P
   256Mb E-die DDR 400 SDRAM Specification 60Ball FBGA (x4/x8)
K7I643682M SAMSUNG-K7I643682M Datasheet
309Kb / 17P
   72Mb M-die DDRII SRAM Specification 165 FBGA with Pb & Pb-Free (RoHS compliant)
K4H511638D SAMSUNG-K4H511638D Datasheet
366Kb / 24P
   512Mb D-die DDR SDRAM Specification 66 TSOP-II with Pb-Free (RoHS compliant)
K4H1G0438M-UC SAMSUNG-K4H1G0438M-UC Datasheet
206Kb / 23P
   1Gb M-die DDR SDRAM Specification 66 TSOP-II with Pb-Free (RoHS compliant)
K4H280438F-UC SAMSUNG-K4H280438F-UC Datasheet
298Kb / 23P
   128Mb F-die DDR SDRAM Specification 66 TSOP-II with Pb-Free (RoHS compliant)
K4S560432E-TC SAMSUNG-K4S560432E-TC Datasheet
198Kb / 14P
   256Mb E-die SDRAM Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com