Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K4H560438E-ULA2 Datasheet(PDF) 8 Page - Samsung semiconductor

Part # K4H560438E-ULA2
Description  256Mb E-die DDR SDRAM Specification 66 TSOP-II with Pb-Free (RoHS compliant)
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4H560438E-ULA2 Datasheet(HTML) 8 Page - Samsung semiconductor

Back Button K4H560438E-ULA2 Datasheet HTML 4Page - Samsung semiconductor K4H560438E-ULA2 Datasheet HTML 5Page - Samsung semiconductor K4H560438E-ULA2 Datasheet HTML 6Page - Samsung semiconductor K4H560438E-ULA2 Datasheet HTML 7Page - Samsung semiconductor K4H560438E-ULA2 Datasheet HTML 8Page - Samsung semiconductor K4H560438E-ULA2 Datasheet HTML 9Page - Samsung semiconductor K4H560438E-ULA2 Datasheet HTML 10Page - Samsung semiconductor K4H560438E-ULA2 Datasheet HTML 11Page - Samsung semiconductor K4H560438E-ULA2 Datasheet HTML 12Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
DDR SDRAM
DDR SDRAM 256Mb E-die (x4, x8) Pb-Free
Rev. 1.1 October, 2004
Command Truth Table
(V=Valid, X=Don
′t Care, H=Logic High, L=Logic Low)
COMMAND
CKEn-1 CKEn
CS
RAS
CAS
WE
BA0,1 A10/AP
A0 ~ A9,
A11,A12
Note
Register
Extended MRS
H
X
L
L
L
L
OP CODE
1, 2
Register
Mode Register Set
H
X
L
L
L
L
OP CODE
1, 2
Refresh
Auto Refresh
H
H
LL
L
H
X
3
Self
Refresh
Entry
L
3
Exit
L
H
LH
H
H
X
3
HX
X
X
3
Bank Active & Row Addr.
H
X
L
L
H
H
V
Row Address
Read &
Column Address
Auto Precharge Disable
HX
L
H
L
H
V
L
Column
Address
4
Auto Precharge Enable
H
4
Write &
Column Address
Auto Precharge Disable
HX
L
H
L
L
V
L
Column
Address
4
Auto Precharge Enable
H
4, 6
Burst Stop
H
X
L
H
H
L
X
7
Precharge
Bank Selection
HX
L
L
H
L
VL
X
All Banks
X
H
5
Active Power Down
Entry
H
L
HX
X
X
X
LV
V
V
Exit
L
H
X
X
X
X
Precharge Power Down Mode
Entry
H
L
HX
X
X
X
LH
H
H
Exit
L
H
HX
X
X
LV
V
V
DM(UDM/LDM for x16 only)
H
X
X
8
No operation (NOP) : Not defined
H
X
HX
X
X
X
9
LH
H
H
9
1. OP Code : Operand Code. A0 ~ A12 & BA0 ~ BA1 : Program keys. (@EMRS/MRS)
2. EMRS/MRS can be issued only at all banks precharge state.
A new command can be issued 2 clock cycles after EMRS or MRS.
3. Auto refresh functions are same as the CBR refresh of DRAM.
The automatical precharge without row precharge command is meant by "Auto".
Auto/self refresh can be issued only at all banks precharge state.
4. BA0 ~ BA1 : Bank select addresses.
If both BA0 and BA1 are "Low" at read, write, row active and precharge, bank A is selected.
If BA0 is "High" and BA1 is "Low" at read, write, row active and precharge, bank B is selected.
If BA0 is "Low" and BA1 is "High" at read, write, row active and precharge, bank C is selected.
If both BA0 and BA1 are "High" at read, write, row active and precharge, bank D is selected.
5. If A10/AP is "High" at row precharge, BA0 and BA1 are ignored and all banks are selected.
6. During burst write with auto precharge, new read/write command can not be issued.
Another bank read/write command can be issued after the end of burst.
New row active of the associated bank can be issued at tRP after the end of burst.
7. Burst stop command is valid at every burst length.
8. DM(x4/8) sampled at the rising and falling edges of the DQS and Data-in are masked at the both edges (Write DM latency is 0).
9. This combination is not defined for any function, which means "No Operation(NOP)" in DDR SDRAM.
Note :


Similar Part No. - K4H560438E-ULA2

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4H560438E-GC SAMSUNG-K4H560438E-GC Datasheet
244Kb / 24P
   256Mb E-die DDR SDRAM Specification 60Ball FBGA (x4/x8)
K4H560438E-GC/LA2 SAMSUNG-K4H560438E-GC/LA2 Datasheet
244Kb / 24P
   256Mb E-die DDR SDRAM Specification 60Ball FBGA (x4/x8)
K4H560438E-GC/LB0 SAMSUNG-K4H560438E-GC/LB0 Datasheet
244Kb / 24P
   256Mb E-die DDR SDRAM Specification 60Ball FBGA (x4/x8)
K4H560438E-GC/LB3 SAMSUNG-K4H560438E-GC/LB3 Datasheet
244Kb / 24P
   256Mb E-die DDR SDRAM Specification 60Ball FBGA (x4/x8)
K4H560438E-GCA2 SAMSUNG-K4H560438E-GCA2 Datasheet
244Kb / 24P
   256Mb E-die DDR SDRAM Specification 60Ball FBGA (x4/x8)
More results

Similar Description - K4H560438E-ULA2

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S560432E-UC SAMSUNG-K4S560432E-UC Datasheet
198Kb / 14P
   256Mb E-die SDRAM Specification 54 TSOP-II with Pb-Free (RoHS compliant)
K4H511638D SAMSUNG-K4H511638D Datasheet
366Kb / 24P
   512Mb D-die DDR SDRAM Specification 66 TSOP-II with Pb-Free (RoHS compliant)
K4H1G0438M-UC SAMSUNG-K4H1G0438M-UC Datasheet
206Kb / 23P
   1Gb M-die DDR SDRAM Specification 66 TSOP-II with Pb-Free (RoHS compliant)
K4H280438F-UC SAMSUNG-K4H280438F-UC Datasheet
298Kb / 23P
   128Mb F-die DDR SDRAM Specification 66 TSOP-II with Pb-Free (RoHS compliant)
K4H560438E-VC SAMSUNG-K4H560438E-VC Datasheet
297Kb / 23P
   256Mb E-die DDR SDRAM Specification 54 sTSOP-II with Pb-Free (RoHS compliant)
K4H560438E-ZC SAMSUNG-K4H560438E-ZC Datasheet
359Kb / 23P
   256Mb E-die DDR SDRAM Specification 60 FBGA with Pb-Free (RoHS compliant)
K4S640432H-UC SAMSUNG-K4S640432H-UC Datasheet
144Kb / 14P
   64Mb H-die SDRAM Specification 54 TSOP-II with Pb-Free (RoHS compliant)
K4S280432F-UC SAMSUNG-K4S280432F-UC Datasheet
145Kb / 14P
   128Mb F-die SDRAM Specification 54 TSOP-II with Pb-Free (RoHS compliant)
K4S640432H-TC SAMSUNG-K4S640432H-TC Datasheet
144Kb / 14P
   64Mb H-die SDRAM Specification 54 TSOP-II with Pb-Free
K4H560438E-NC SAMSUNG-K4H560438E-NC Datasheet
214Kb / 24P
   256Mb E-die DDR SDRAM Specification 54pin sTSOP(II)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com