Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT71V65602S133BGI Datasheet(PDF) 8 Page - Integrated Device Technology

Part # IDT71V65602S133BGI
Description  256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT71V65602S133BGI Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button IDT71V65602S133BGI Datasheet HTML 4Page - Integrated Device Technology IDT71V65602S133BGI Datasheet HTML 5Page - Integrated Device Technology IDT71V65602S133BGI Datasheet HTML 6Page - Integrated Device Technology IDT71V65602S133BGI Datasheet HTML 7Page - Integrated Device Technology IDT71V65602S133BGI Datasheet HTML 8Page - Integrated Device Technology IDT71V65602S133BGI Datasheet HTML 9Page - Integrated Device Technology IDT71V65602S133BGI Datasheet HTML 10Page - Integrated Device Technology IDT71V65602S133BGI Datasheet HTML 11Page - Integrated Device Technology IDT71V65602S133BGI Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
6.42
8
IDT71V65602, IDT71V65802, 256K x 36, 512K x 18, 3.3V Synchronous SRAMs with
ZBT
™ Feature, 2.5V I/O, Burst Counter, and Pipelined Outputs
Commercial and Industrial Temperature Ranges
NOTES:
1. H1, H2, and N7 do not have to be directly connected to VDD as long as the input voltage is
≥ VIH.
2. B9, B11, A1, R2 and P2 is reserved for future 18M, 36M, 72M, 144M and 288M, respectively.
3. DNU=Do not use. Pins P5, R5, P7, R7 and N5 are reserved for respective JTAG pins: TDI, TMS, TDO, TCK and
TRST on future revisions. The current die
revision allows these pins to be left unconnected, tied LOW (VSS), or tied HIGH (VDD).
Pin Configuration - 256K X 36, 165 fBGA
Pin Configuration - 512K X 18, 165 fBGA
1
2
345
6789
10
11
ANC(2)
A7
CE1
BW3
BW2
CE2
CEN
ADV
/LD
A17
A8
NC
BNC
A6
CE2
BW4
BW1
CLK
R/
W
OE
NC(2)
A9
NC(2)
CI/OP3
NC
VDDQ
VSS
VSS
VSS
VSS
VSS
VDDQ
NC
I/OP2
DI/O17
I/O16
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
I/O15
I/O14
EI/O19
I/O18
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
I/O13
I/O12
FI/O21
I/O20
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
I/O11
I/O10
GI/O
23
I/O22
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
I/O9
I/O8
HVDD(1)
VDD(1)
NC
VDD
VSS
VSS
VSS
VDD
NC
NC
ZZ
JI/O25
I/O24
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
I/O7
I/O6
KI/O27
I/O26
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
I/O5
I/O4
LI/O29
I/O28
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
I/O3
I/O2
MI/O31
I/O30
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
I/O1
I/O0
NI/OP4
NC
VDDQ
VSS
DNU(3)
NC
VDD(1)
VSS
VDDQ
NC
I/OP1
PNC
NC(2)
A5
A2
DNU(3)
A1
DNU(3)
A10
A13
A14
NC
R
LBO
NC(2)
A4
A3
DNU(3)
A0
DNU(3)
A11
A12
A15
A16
5303 tbl 25a
1
23456789
10
11
ANC(2)
A7
CE1
BW2
NC
CE2
CEN
ADV
/LD
A18
A8
A10
BNC
A6
CE2
NC
BW1
CLK
R/
W
OE
NC(2)
A9
NC(2)
CNC
NC
VDDQ
VSS
VSS
VSS
VSS
VSS
VDDQ
NC
I/OP1
DNC
I/O8
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
NC
I/O7
ENC
I/O9
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
NC
I/O6
FNC
I/O10
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
NC
I/O5
GNC
I/O11
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
NC
I/O4
HVDD(1)
VDD(1)
NC
VDD
VSS
VSS
VSS
VDD
NC
NC
ZZ
JI/O12
NC
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
I/O3
NC
KI/O13
NC
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
I/O2
NC
LI/O14
NC
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
I/O1
NC
MI/O15
NC
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
I/O0
NC
NI/OP2
NC
VDDQ
VSS
DNU(3)
NC
VDD(1)
VSS
VDDQ
NC
NC
PNC
NC(2)
A5
A2
DNU(3)
A1
DNU(3)
A11
A14
A15
NC
R
LBO
NC(2)
A4
A3
DNU(3)
A0
DNU(3)
A12
A13
A16
A17
5303 tbl25b


Similar Part No. - IDT71V65602S133BGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V65603 IDT-IDT71V65603 Datasheet
496Kb / 26P
   256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs
IDT71V65603 IDT-IDT71V65603 Datasheet
368Kb / 26P
   3.3V Synchronous ZBT SRAMs
IDT71V65603S100BG IDT-IDT71V65603S100BG Datasheet
496Kb / 26P
   256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs
IDT71V65603S100BGI IDT-IDT71V65603S100BGI Datasheet
496Kb / 26P
   256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs
IDT71V65603S100BQ IDT-IDT71V65603S100BQ Datasheet
496Kb / 26P
   256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs
More results

Similar Description - IDT71V65602S133BGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V2546S IDT-IDT71V2546S Datasheet
1,004Kb / 28P
   128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
IDT71V2556S IDT-IDT71V2556S Datasheet
1,019Kb / 28P
   128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
IDT71T75602 IDT-IDT71T75602 Datasheet
637Kb / 25P
   512K x 36, 1M x 18 2.5V Synchronous ZBT??SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
logo
Renesas Technology Corp
71V65603 RENESAS-71V65603 Datasheet
313Kb / 27P
   256K x 36, 512K x 18 3.3V Synchronous ZBT™ SRAMs ZBT™ Feature 3.3V I/O, Burst Counter Pipelined Outputs
Nov.12. 21
logo
Integrated Device Techn...
71V3558S200PFG IDT-71V3558S200PFG Datasheet
643Kb / 28P
   128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Pipelined Outputs
IDT71V3556S IDT-IDT71V3556S Datasheet
1,010Kb / 28P
   128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Pipelined Outputs
logo
Renesas Technology Corp
71V3556S RENESAS-71V3556S Datasheet
337Kb / 29P
   128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Pipelined Outputs
Aug.06.21
71T75602 RENESAS-71T75602 Datasheet
348Kb / 28P
   512K x 36, 1M x 18 2.5V Synchronous ZBT™ SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
Sep.27.21
logo
Integrated Device Techn...
IDT71V67602 IDT-IDT71V67602 Datasheet
975Kb / 22P
   256K X 36, 512K X 18 3.3V Synchronous SRAMs 2.5V I/O, Burst Counter Pipelined Outputs, Single Cycle Deselect
logo
Renesas Technology Corp
IDT71V67602 RENESAS-IDT71V67602 Datasheet
540Kb / 24P
   256K X 36, 512K X 18 3.3V Synchronous SRAMs 2.5V I/O, Burst Counter Pipelined Outputs, Single Cycle Deselect
FEBRUARY 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com