Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WS128K32NV-15G2TM Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # WS128K32NV-15G2TM
Description  128Kx32 3.3V SRAM MULTICHIP PACKAGE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

WS128K32NV-15G2TM Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  WS128K32NV-15G2TM Datasheet HTML 1Page - List of Unclassifed Manufacturers WS128K32NV-15G2TM Datasheet HTML 2Page - List of Unclassifed Manufacturers WS128K32NV-15G2TM Datasheet HTML 3Page - List of Unclassifed Manufacturers WS128K32NV-15G2TM Datasheet HTML 4Page - List of Unclassifed Manufacturers WS128K32NV-15G2TM Datasheet HTML 5Page - List of Unclassifed Manufacturers WS128K32NV-15G2TM Datasheet HTML 6Page - List of Unclassifed Manufacturers WS128K32NV-15G2TM Datasheet HTML 7Page - List of Unclassifed Manufacturers WS128K32NV-15G2TM Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
White Microelectronics • (602) 437-1520 • www.whiteedc.com
4
1
WS128K32V-XXX
128Kx32 3.3V SRAM MULTICHIP PACKAGE PRELIMINARY*
s 3.3 Volt Power Supply
s Low Power CMOS
s TTL Compatible Inputs and Outputs
s Built-in Decoupling Caps and Multiple Ground Pins for Low
Noise Operation
s Weight
WS128K32V-XG2TX - 8 grams typical
WS128K32V-XG1UX - 5 grams typical
WS128K32V-XH1X - 13 grams typical
*
This data sheet describes a product that is not fully qualified or
characterized and is subject ot change without notice.
** Commercial and Industrial temperature ranges only.
FEATURES
s Access Times of 15**, 17, 20, 25, 35ns
s Low Voltage Operation
s Packaging
• 66-pin, PGA Type, 1.075 inch square Hermetic Ceramic
HIP (Package 400)
• 68 lead, Hermetic CQFP (G2T), 22.4mm (0.880 inch) square
(Package 509), 4.57mm (0.180 inch) high. Designed to fit
JEDEC 68 lead 0.990" CQFJ footprint (Fig. 2)
• 68 lead, Hermetic CQFP (G1U), 23.8mm (0.940 inch)
square (Package 509), 3.56mm (0.140 inch) high.
s Organized as 128Kx32; User Configurable as 256Kx16 or
512Kx8
s Commercial, Industrial and Military Temperature Ranges
FIG. 1
PIN CONFIGURATION FOR WS128K32NV-XH1X
PIN DESCRIPTION
I/O0-31
Data Inputs/Outputs
A0-16
Address Inputs
WE1-4
Write Enables
CS1-4
Chip Selects
OE
Output Enable
VCC
Power Supply
GND
Ground
NC
Not Connected
I/O8
I/O9
I/O10
A13
A14
A15
A16
NC
I/O0
I/O1
I/O2
WE2
CS2
GND
I/O11
A10
A11
A12
VCC
CS1
NC
I/O3
I/O15
I/O14
I/O13
I/O12
OE
NC
WE1
I/O7
I/O6
I/O5
I/O4
I/O24
I/O25
I/O26
A6
A7
NC
A8
A9
I/O16
I/O17
I/O18
VCC
CS4
WE4
I/O27
A3
A4
A5
WE3
CS3
GND
I/O19
I/O31
I/O30
I/O29
I/O28
A0
A1
A2
I/O23
I/O22
I/O21
I/O20
11
22
33
44
55
66
1
12
23
34
45
56
TOP VIEW
BLOCK DIAGRAM
128K x 8
8
I/O 0-7
CS1
128K x 8
8
I/O 8-15
2
128K x 8
8
I/O 16-23
3
128K x 8
8
I/O 24-31
4
A 0-16
OE
WE
CS
WE
CS
WE
CS
WE
12
3
4
April 2001 Rev. 2


Similar Part No. - WS128K32NV-15G2TM

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WS128K32N-100G2UC WEDC-WS128K32N-100G2UC Datasheet
379Kb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187
WS128K32N-100G2UCA WEDC-WS128K32N-100G2UCA Datasheet
379Kb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187
WS128K32N-100G2UI WEDC-WS128K32N-100G2UI Datasheet
379Kb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187
WS128K32N-100G2UIA WEDC-WS128K32N-100G2UIA Datasheet
379Kb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187
WS128K32N-100G2UM WEDC-WS128K32N-100G2UM Datasheet
379Kb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187
More results

Similar Description - WS128K32NV-15G2TM

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WS128K32-XG2TXE WEDC-WS128K32-XG2TXE Datasheet
325Kb / 6P
   128Kx32 SRAM MULTICHIP PACKAGE, RADIATION TOLLERANT
WS512K32V-XXX WEDC-WS512K32V-XXX Datasheet
292Kb / 7P
   512Kx32 SRAM 3.3V MULTICHIP PACKAGE
logo
Aeroflex Circuit Techno...
ACT-SF128K32 AEROFLEX-ACT-SF128K32 Datasheet
168Kb / 10P
   ACT-SF128K32 High Speed 128Kx32 SRAM / 128Kx32 Flash Multichip Module
ACT-SF41632 AEROFLEX-ACT-SF41632 Datasheet
182Kb / 11P
   ACT-SF41632 High Speed 128Kx32 SRAM / 512Kx32 Flash Multichip Module
logo
Alliance Semiconductor ...
AS7C33128NTD32B ALSC-AS7C33128NTD32B Datasheet
435Kb / 18P
   3.3V 128Kx32/36 Pipelined SRAM with NTD
logo
Samsung semiconductor
KM732V787 SAMSUNG-KM732V787 Datasheet
524Kb / 16P
   128Kx32 Synchronous SRAM
KM732V789 SAMSUNG-KM732V789 Datasheet
487Kb / 15P
   128Kx32 Synchronous SRAM
logo
ATMEL Corporation
AT68166F ATMEL-AT68166F Datasheet
316Kb / 17P
   Rad Hard 16 MegaBit 3.3V SRAM MultiChip Module
logo
White Electronic Design...
WSF128K32-XH2X WEDC-WSF128K32-XH2X Datasheet
441Kb / 12P
   128KX32 SRAM/FLASH MODULE
WS128K32XXX WEDC-WS128K32XXX Datasheet
379Kb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com