Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK3761 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SK3761
Description  TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOS4)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3761 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SK3761 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3761 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3761 Datasheet HTML 3Page - Toshiba Semiconductor 2SK3761 Datasheet HTML 4Page - Toshiba Semiconductor 2SK3761 Datasheet HTML 5Page - Toshiba Semiconductor 2SK3761 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2SK3761
2004-02-26
1
10.5max
3.84±0.2
1.5 max
0.81 max
2.54
4.7max
1.3
0.45
2.7
1
2
3
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type ( -MOSⅥ)
2SK3761
Switching Regulator Applications
• Low drain-source ON resistance: RDS (ON) = 0.9Ω (typ.)
• High forward transfer admittance: |Yfs| = 5.0S (typ.)
• Low leakage current: IDSS = 100 μA (VDS = 600 V)
• Enhancement-mode: V th = 2.0~4.0 V (V DS = 10 V, ID = 1 mA)
Maximum Ratings (Ta
= 25°C)
Characteristics
Symbol
Rating
Unit
Drain-source voltage
VDSS
600
V
Drain-gate voltage (RGS = 20 kΩ)
VDGR
600
V
Gate-source voltage
VGSS
±30
V
DC
(Note 1)
ID
6
Drain current
Pulse (t
= 1 ms)
(Note 1)
IDP
24
A
Drain power dissipation (Tc
= 25°C)
PD
74
W
Single pulse avalanche energy
(Note 2)
EAS
54
mJ
Avalanche current
IAR
6
A
Repetitive avalanche energy (Note 3)
EAR
7.4
mJ
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
-55~150
°C
Thermal Characteristics
Characteristics
Symbol
Max
Unit
Thermal resistance, channel to case
Rth (ch-c)
1.68
°C/W
Thermal resistance, channel to ambient
Rth (ch-a)
83.3
°C/W
Note 1: Please use devices on conditions that the channel temperature is below 150°C.
Note 2: VDD = 90 V, Tch = 25°C(initial), L = 2.6 mH, IAR = 6 A, RG = 25 Ω
Note 3: Repetitive rating: Pulse width limited by maximum channel temperature
This transistor is an electrostatic sensitive device. Please handle with caution.
unit:mm
1
3
2
Weight : 2.0g(typ.)
JEDEC
JEITA
TOSHIBA
TO-220AB
SC-46
1.
Gate
2.
Drain(HEAT SINK)
3.
Source
1.5 max
2.54
3.84±0.2
10.5 max
4.7 max
1.3
0.45
2.7
0.81


Similar Part No. - 2SK3761

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
2SK3761 VBSEMI-2SK3761 Datasheet
1Mb / 10P
   N-Channel 650V (D-S) Power MOSFET
More results

Similar Description - 2SK3761

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3564 TOSHIBA-2SK3564 Datasheet
94Kb / 3P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOS4)
2SK3563 TOSHIBA-2SK3563 Datasheet
348Kb / 3P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOS4)
2SK3565 TOSHIBA-2SK3565 Datasheet
341Kb / 3P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOS4)
2SK3567 TOSHIBA-2SK3567 Datasheet
94Kb / 3P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOSVI)
2SK3125 TOSHIBA-2SK3125 Datasheet
226Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOSVI)
2SK3562 TOSHIBA-2SK3562 Datasheet
232Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOSVI)
2SK3407 TOSHIBA-2SK3407 Datasheet
230Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOSV)
2SK3543 TOSHIBA-2SK3543 Datasheet
234Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOSV)
TPC8202 TOSHIBA-TPC8202 Datasheet
339Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOSVI)
2SK2613 TOSHIBA-2SK2613 Datasheet
232Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOSIII)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com