Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8EWF12S Datasheet(PDF) 3 Page - International Rectifier

Part # 8EWF12S
Description  SURFACE MOUNTABLE FAST SOFT RECOVERY DIODE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

8EWF12S Datasheet(HTML) 3 Page - International Rectifier

  8EWF12S Datasheet HTML 1Page - International Rectifier 8EWF12S Datasheet HTML 2Page - International Rectifier 8EWF12S Datasheet HTML 3Page - International Rectifier 8EWF12S Datasheet HTML 4Page - International Rectifier 8EWF12S Datasheet HTML 5Page - International Rectifier 8EWF12S Datasheet HTML 6Page - International Rectifier 8EWF12S Datasheet HTML 7Page - International Rectifier 8EWF12S Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Bulletin I2203 03/05
8EWF12SPbF QUIET
IR Series
www.irf.com
T
J
Max. Junction Temperature Range
- 40 to 150
°C
T
stg
Max. Storage Temperature Range
- 40 to 150
°C
SolderingTemperature
240
°C
for 10 seconds
R
thJC Max. Thermal Resistance Junction
2.5
°C/W
DCoperation
to Case
R
thJA Typ. Thermal Resistance Junction
50
°C/W
to Ambient (PCB Mount)**
wt
Approximate Weight
1(0.03)
g(oz.)
T
CaseStyle
TO-252AA (D-Pak)
MarkingDevice
8EWF12S
Thermal-Mechanical Specifications
Parameters
8EWF
Units
Conditions
** When mounted on 1" square (650mm2) PCB of FR-4 or G-10 material 4 oz (140µm) copper 40°C/W
For recommended footprint and soldering techniques refer to application note #AN-994
Fig. 1 - Current Rating Characteristics
Fig. 3 - Forward Power Loss Characteristics
Fig. 4 - Forward Power Loss Characteristics
Fig. 2 - Current Rating Characteristics
60
70
80
90
100
110
120
130
140
150
0
1
2345678
9
30°
60°
90°
120°
180°
Conduction Angle
Average Forward Current (A)
8EWF..SSeries
R
(DC) = 2.5 °C/ W
thJC
60
70
80
90
100
110
120
130
140
150
024
68
10
12
14
DC
30° 60°
90°
120°
180°
Cond uction Period
Average Forward Current (A)
8EWF..SSeries
R
(DC) = 2.5 °C/ W
thJC
0
2
4
6
8
10
12
012
3456789
RMSLimit
180°
120°
90°
60°
30°
Cond uction Angle
Average Forward Current (A)
8EWF..SSeries
T = 150°C
J
0
2
4
6
8
10
12
14
16
18
02
46
8
10
12
14
DC
180°
120°
90°
60°
30°
RMSLimit
Conduction Period
Average Forward Current (A)
8EWF..SSeries
T = 150°C
J


Similar Part No. - 8EWF12S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
8EWF12STR VISHAY-8EWF12STR Datasheet
216Kb / 8P
   Surface Mountable Fast Soft Recovery Diode, 8 A
Revision: 08-Jul-08
logo
International Rectifier
8EWF12STRL IRF-8EWF12STRL Datasheet
153Kb / 8P
   SURFACE MOUNTABLE FAST SOFT RECOVERY DIODE
logo
Vishay Siliconix
8EWF12STRL VISHAY-8EWF12STRL Datasheet
216Kb / 8P
   Surface Mountable Fast Soft Recovery Diode, 8 A
Revision: 08-Jul-08
8EWF12STRLPBF VISHAY-8EWF12STRLPBF Datasheet
216Kb / 8P
   Surface Mountable Fast Soft Recovery Diode, 8 A
Revision: 08-Jul-08
8EWF12STRPBF VISHAY-8EWF12STRPBF Datasheet
216Kb / 8P
   Surface Mountable Fast Soft Recovery Diode, 8 A
Revision: 08-Jul-08
More results

Similar Description - 8EWF12S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
8EWF06SPBF IRF-8EWF06SPBF Datasheet
259Kb / 8P
   SURFACE MOUNTABLE FAST SOFT RECOVERY DIODE
8EWF IRF-8EWF Datasheet
162Kb / 8P
   SURFACE MOUNTABLE FAST SOFT RECOVERY DIODE
8EWF10S IRF-8EWF10S Datasheet
153Kb / 8P
   SURFACE MOUNTABLE FAST SOFT RECOVERY DIODE
8EWF06S IRF-8EWF06S Datasheet
172Kb / 9P
   SURFACE MOUNTABLE FAST SOFT RECOVERY DIODE
20ETF IRF-20ETF Datasheet
211Kb / 8P
   SURFACE MOUNTABLE FAST SOFT RECOVERY RECTIFIER DIODE
20ETF06SPBF IRF-20ETF06SPBF Datasheet
331Kb / 8P
   SURFACE MOUNTABLE FAST SOFT RECOVERY RECTIFIER DIODE
logo
Vishay Siliconix
VS-8EWF02S-M3 VISHAY-VS-8EWF02S-M3 Datasheet
228Kb / 8P
   Surface Mountable Fast Soft Recovery Diode, 8A
Revision: 04-Apr-11
VS-8EWF10S-M3 VISHAY-VS-8EWF10S-M3 Datasheet
191Kb / 7P
   Surface Mountable Fast Soft Recovery Diode, 8A
Revision: 17-Nov-11
8EWF10SPBF VISHAY-8EWF10SPBF Datasheet
216Kb / 8P
   Surface Mountable Fast Soft Recovery Diode, 8 A
Revision: 08-Jul-08
8EWF12STRPBF VISHAY-8EWF12STRPBF_13 Datasheet
225Kb / 8P
   Surface Mountable Fast Soft Recovery Diode, 8 A
Revision: 08-Jul-08
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com