Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AG606 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # AG606
Description  Push-Pull CATV Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AG606 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  AG606 Datasheet HTML 1Page - List of Unclassifed Manufacturers AG606 Datasheet HTML 2Page - List of Unclassifed Manufacturers AG606 Datasheet HTML 3Page - List of Unclassifed Manufacturers AG606 Datasheet HTML 4Page - List of Unclassifed Manufacturers AG606 Datasheet HTML 5Page - List of Unclassifed Manufacturers AG606 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Specifications and information are subject to change without notice.
WJ Communications, Inc
Phone 1-800-WJ1-4401 FAX: 408-577-6621
e-mail: sales@wj.com
Web site: www.wj.com
Page 4 of 6
July 2005
The Communications Edge TM
AG606
Push-Pull CATV Amplifier
Product Information
75
: Push-Pull Application Circuit Performance (Cont’d)
(Vsupply=7V, Rbias= 20.5 :, 25q C)
P1dB vs. Frequency
14
16
18
20
22
24
0
200
400
600
800
1000
Frequency (MHz)
+25°C
-40°C
+85°C
Noise Figure vs. Frequency
(Application Board)
2
3
4
5
6
7
0
200
400
600
800
1000
Frequency (MHz)
+25°C
-40°C
+85°C
Noise Figure vs. Frequency at 25°C
(Device)
2
3
4
5
6
7
0
200
400
600
800
1000
Frequency (MHz)
OIP3 vs. Frequency
1 MHz Spacing, +5dBm / Tone
30
32
34
36
38
40
0
200
400
600
800
1000
Frequency (MHz)
+25°C
-40°C
+85°C
OIP2 vs. Frequency
1 MHz Spacing, +5 dBm / Tone
60
65
70
75
80
85
0
200
400
600
800
1000
Frequency (MHz)
+25°C
-40°C
+85°C
XMOD, CTB and CSO vs. Frequency
@ 34 dBmV at 25°C
-100
-90
-80
-70
-60
-50
0
100
200
300
400
500
600
Frequency (MHz)
XMOD
CTB
CSO
CSO vs. Frequency
79 Channel Flat Loading, 34 dBmV
-100
-90
-80
-70
-60
-50
0
100
200
300
400
500
600
Frequency (MHz)
-40°C
+25°C
+85°C
CTB vs. Frequency
79 Channel Flat Loading, 34 dBmV
-100
-90
-80
-70
-60
-50
0
100
200
300
400
500
600
Frequency (MHz)
-40°C
+25°C
+85°C
XMOD vs. Frequency
79 Channel Flat Loading, 34 dBmV
-100
-90
-80
-70
-60
-50
0
100
200
300
400
500
600
Frequency (MHz)
-40°C
+25°C
+85°C
CSO vs. Frequency
79 Channel Flat Loading at 25°C
-100
-90
-80
-70
-60
-50
0
100
200
300
400
500
600
Frequency (MHz)
30 dBmV
32 dBmV
34 dBmV
36 dBmV
38 dBmV
CTB vs. Frequency
79 Channel Flat Loading at 25°C
-100
-90
-80
-70
-60
-50
0
100
200
300
400
500
600
Frequency (MHz)
30 dBmV
32 dBmv
34 dBmV
36 dBmV
38 dBmV
XMOD vs. Frequency
79 Channel Flat Loading at 25°C
-100
-90
-80
-70
-60
-50
0
100
200
300
400
500
600
Frequency (MHz)
30 dBmV
32 dBmV
34 dBmV
36 dBmV
38 dBmV


Similar Part No. - AG606

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
AG606 WJCI-AG606 Datasheet
340Kb / 5P
   Push-Pull CATV Amplifier
logo
Qorvo, Inc
AG606 QORVO-AG606 Datasheet
325Kb / 5P
   Push-Pull CATV Amplifier
logo
WJ Communication. Inc.
AG606-G WJCI-AG606-G Datasheet
340Kb / 5P
   Push-Pull CATV Amplifier
logo
TriQuint Semiconductor
AG606-G TRIQUINT-AG606-G Datasheet
325Kb / 5P
   Matched amplifiers for a push-pull configuration
logo
Qorvo, Inc
AG606-G QORVO-AG606-G Datasheet
325Kb / 5P
   Push-Pull CATV Amplifier
More results

Similar Description - AG606

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAM-010144 MA-COM-MAAM-010144_15 Datasheet
875Kb / 7P
   Push Pull CATV Amplifier
MAAM-011177 MA-COM-MAAM-011177 Datasheet
1Mb / 15P
   Push-Pull CATV Amplifier
MAAMSS0044 MA-COM-MAAMSS0044_15 Datasheet
870Kb / 6P
   Push Pull CATV Amplifier
MAAMSS0044 MA-COM-MAAMSS0044 Datasheet
210Kb / 5P
   Push Pull CATV Amplifier
MAAM-010144 MA-COM-MAAM-010144 Datasheet
235Kb / 6P
   Push Pull CATV Amplifier
logo
WJ Communication. Inc.
AG606 WJCI-AG606 Datasheet
340Kb / 5P
   Push-Pull CATV Amplifier
logo
Qorvo, Inc
AG606 QORVO-AG606 Datasheet
325Kb / 5P
   Push-Pull CATV Amplifier
logo
M/A-COM Technology Solu...
MAAM-009455 MA-COM-MAAM-009455 Datasheet
285Kb / 6P
   Push Pull CATV Amplifier
MAAM-009455 MA-COM-MAAM-009455_15 Datasheet
925Kb / 7P
   Push Pull CATV Amplifier
logo
TriQuint Semiconductor
TAT8858A1H TRIQUINT-TAT8858A1H_15 Datasheet
1Mb / 25P
   CATV Infrastructure Push-Pull Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com