Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WS512K32V-20H1C Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # WS512K32V-20H1C
Description  512Kx32 SRAM 3.3V MODULE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

WS512K32V-20H1C Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  WS512K32V-20H1C Datasheet HTML 1Page - List of Unclassifed Manufacturers WS512K32V-20H1C Datasheet HTML 2Page - List of Unclassifed Manufacturers WS512K32V-20H1C Datasheet HTML 3Page - List of Unclassifed Manufacturers WS512K32V-20H1C Datasheet HTML 4Page - List of Unclassifed Manufacturers WS512K32V-20H1C Datasheet HTML 5Page - List of Unclassifed Manufacturers WS512K32V-20H1C Datasheet HTML 6Page - List of Unclassifed Manufacturers WS512K32V-20H1C Datasheet HTML 7Page - List of Unclassifed Manufacturers WS512K32V-20H1C Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
White Electronic Designs Corporation • (602) 437-1520 • www.whiteedc.com
WS512K32V-XXX
PACKAGE 400: 66 PIN, PGA TYPE, CERAMIC HEX-IN-LINE PACKAGE, HIP (H1)
27.3 (1.075)
± 0.25 (0.010) SQ
PIN 1 IDENTIFIER
SQUARE PAD
ON BOTTOM
25.4 (1.0) TYP
15.24 (0.600) TYP
0.76 (0.030)
± 0.13 (0.005)
4.34 (0.171)
MAX
3.81 (0.150)
± 0.13 (0.005)
2.54 (0.100)
TYP
25.4 (1.0) TYP
1.42 (0.056)
± 0.13 (0.005)
1.27 (0.050) TYP DIA
0.46 (0.018)
± 0.05 (0.002) DIA
ALL LINEAR DIMENSIONS ARE MILLIMETERS AND PARENTHETICALLY IN INCHES
0.940"


Similar Part No. - WS512K32V-20H1C

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WS512K32V-XXX WEDC-WS512K32V-XXX Datasheet
292Kb / 7P
   512Kx32 SRAM 3.3V MULTICHIP PACKAGE
More results

Similar Description - WS512K32V-20H1C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WS512K32NBV-15G2 ETC-WS512K32NBV-15G2 Datasheet
170Kb / 8P
   512Kx32 3.3V SRAM MODULE
logo
White Electronic Design...
WS512K32BV-XXXE WEDC-WS512K32BV-XXXE Datasheet
332Kb / 8P
   512Kx32 3.3V SRAM MODULE
EDI8L32512V WEDC-EDI8L32512V Datasheet
230Kb / 8P
   512Kx32 SRAM Module.3.3V
WS512K32V-XXX WEDC-WS512K32V-XXX Datasheet
292Kb / 7P
   512Kx32 SRAM 3.3V MULTICHIP PACKAGE
WSF512K32-XXX WEDC-WSF512K32-XXX Datasheet
445Kb / 14P
   512KX32 SRAM / FLASH MODULE
WEDPS512K32V-XBX WEDC-WEDPS512K32V-XBX Datasheet
217Kb / 7P
   512Kx32 SRAM 3.3V MULTI-CHIP PACKAGE
logo
Aeroflex Circuit Techno...
ACT-SF512K32 AEROFLEX-ACT-SF512K32 Datasheet
182Kb / 11P
   ACT-SF512K32 High Speed 512Kx32 SRAM / 512Kx32 Flash Multichip Module
logo
White Electronic Design...
WS512K32-XXX WEDC-WS512K32-XXX Datasheet
266Kb / 6P
   512Kx32 SRAM MODULE, SMD 5962-94611
WSF41632-22XX WEDC-WSF41632-22XX Datasheet
526Kb / 14P
   128KX32 SRAM & 512Kx32 FLASH MIXED MODULE
WED2DL32512V WEDC-WED2DL32512V Datasheet
146Kb / 9P
   512Kx32 Synchronous Pipeline Burst SRAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com