Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7534 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # 7534
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7534 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button 7534 Datasheet HTML 6Page - Renesas Technology Corp 7534 Datasheet HTML 7Page - Renesas Technology Corp 7534 Datasheet HTML 8Page - Renesas Technology Corp 7534 Datasheet HTML 9Page - Renesas Technology Corp 7534 Datasheet HTML 10Page - Renesas Technology Corp 7534 Datasheet HTML 11Page - Renesas Technology Corp 7534 Datasheet HTML 12Page - Renesas Technology Corp 7534 Datasheet HTML 13Page - Renesas Technology Corp 7534 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 55 page
background image
7534 Group
Rev.2.00
Jun 21, 2004
page 10 of 54
REJ03B0099-0200Z
Memory
Special function register (SFR) area
The SFR area in the zero page contains control registers such as I/O
ports and timers.
RAM
RAM is used for data storage and for a stack area of subroutine calls
and interrupts.
ROM
The first 128 bytes and the last 2 bytes of ROM are reserved for
device testing and the rest is a user area for storing programs.
Interrupt vector area
The interrupt vector area contains reset and interrupt vectors.
Zero page
The 256 bytes from addresses 000016 to 00FF16 are called the zero
page area. The internal RAM and the special function registers (SFR)
are allocated to this area.
The zero page addressing mode can be used to specify memory and
register addresses in the zero page area. Access to this area with
only 2 bytes is possible in the zero page addressing mode.
Special page
The 256 bytes from addresses FF0016 to FFFF16 are called the spe-
cial page area. The special page addressing mode can be used to
specify memory addresses in the special page area. Access to this
area with only 2 bytes is possible in the special page addressing
mode.
Fig. 10 Memory map diagram
010016
000016
004016
044016
FF0016
FFEC16
FFFE16
FFFF16
256
384
XXXX16
013F16
01BF16
8192
16384
E00016
C00016
E08016
C08016
YYYY16
ZZZZ16
RAM
ROM
Reserved area
SFR area
Not used
Interrupt vector area
ROM area
Reserved ROM area
(128 bytes)
Zero page
Special page
RAM area
RAM capacity
(bytes)
address
XXXX16
ROM capacity
(bytes)
address
YYYY16
Reserved ROM area
address
ZZZZ16


Similar Part No. - 7534

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
7534 RENESAS-7534 Datasheet
1Mb / 221P
   8-BIT SINGLE-CHIP MICROCOMPUTER
logo
Molex Electronics Ltd.
7534 MOLEX-7534 Datasheet
69Kb / 2P
   KK Mini -2.50mm & 2.54mm Modular Interconnection System
logo
Fairchild Semiconductor
7534 FAIRCHILD-7534 Datasheet
131Kb / 16P
   A New PSPICE Electro-Thermal Subcircuit
logo
Molex Electronics Ltd.
75341 MOLEX-75341 Datasheet
318Kb / 3P
   1.85 by 1.85mm (.073 by .073?? Pitch GbX* Backplane Connector System in 2, 3, 4 and 5-Pair Columns
75341-0235 MOLEX9-75341-0235 Datasheet
317Kb / 6P
   1.85mm by 1.85mm (.073 by .073") Pitch 4-Pair GbX Backplane Connector System, Power Module
More results

Similar Description - 7534

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com