Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC2DXV5T1 Datasheet(PDF) 1 Page - ON Semiconductor

Part # EMC2DXV5T1
Description  Dual Common Base-Collector Bias Resistor Transistors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

EMC2DXV5T1 Datasheet(HTML) 1 Page - ON Semiconductor

  EMC2DXV5T1 Datasheet HTML 1Page - ON Semiconductor EMC2DXV5T1 Datasheet HTML 2Page - ON Semiconductor EMC2DXV5T1 Datasheet HTML 3Page - ON Semiconductor EMC2DXV5T1 Datasheet HTML 4Page - ON Semiconductor EMC2DXV5T1 Datasheet HTML 5Page - ON Semiconductor EMC2DXV5T1 Datasheet HTML 6Page - ON Semiconductor EMC2DXV5T1 Datasheet HTML 7Page - ON Semiconductor EMC2DXV5T1 Datasheet HTML 8Page - ON Semiconductor EMC2DXV5T1 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2003
September, 2003 − Rev. 1
1
Publication Order Number:
EMC2DXV5T1/D
EMC2DXV5T1,
EMC5DXV5T1
Preferred Devices
Dual Common
Base−Collector Bias
Resistor Transistors
NPN and PNP Silicon Surface Mount
Transistors with Monolithic Bias
Resistor Network
The BRT (Bias Resistor Transistor) contains a single transistor with
a monolithic bias network consisting of two resistors; a series base
resistor and a base−emitter resistor. These digital transistors are
designed to replace a single device and its external resistor bias
network. The BRT eliminates these individual components by
integrating them into a single device. In the EMC5DXV5T1 series,
two complementary BRT devices are housed in the SOT−553 package
which is ideal for low power surface mount applications where board
space is at a premium.
Simplifies Circuit Design
Reduces Board Space
Reduces Component Count
Available in 8 mm, 7 inch Tape and Reel
Lead Free
MAXIMUM RATINGS (TA = 25°C unless otherwise noted, common for Q1
and Q2, − minus sign for Q1 (PNP) omitted)
Rating
Symbol
Value
Unit
Collector-Base Voltage
VCBO
50
Vdc
Collector-Emitter Voltage
VCEO
50
Vdc
Collector Current
IC
100
mAdc
THERMAL CHARACTERISTICS
Characteristic
(One Junction Heated)
Symbol
Max
Unit
Total Device Dissipation
TA = 25°C
Derate above 25
°C
PD
357 (Note 1)
2.9 (Note 1)
mW
mW/
°C
Thermal Resistance −
Junction-to-Ambient
RqJA
350 (Note 1)
°C/W
Characteristic
(Both Junctions Heated)
Symbol
Max
Unit
Total Device Dissipation
TA = 25°C
Derate above 25
°C
PD
500 (Note 1)
4.0 (Note 1)
mW
mW/
°C
Thermal Resistance −
Junction-to-Ambient
RqJA
250 (Note 1)
°C/W
Junction and Storage Temperature
TJ, Tstg
− 55 to +150
°C
1. FR−4 @ Minimum Pad
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
MARKING
DIAGRAM
Preferred devices are recommended choices for future use
and best overall value.
45
Q1
Q2
R1
R1
R2
R2
31
2
http://onsemi.com
SOT−553
CASE 463B
xx D
1
5
1
5
xx = Specific Device Code
D
= Date Code
Device
Package
Shipping†
ORDERING INFORMATION
EMC2DXV5T1
SOT−553
4 mm pitch
4000/Tape & Reel
EMC2DXV5T5
SOT−553
2 mm pitch
8000/Tape & Reel
EMC5DXV5T1
SOT−553
4 mm pitch
4000/Tape & Reel
EMC5DXV5T5
SOT−553
2 mm pitch
8000/Tape & Reel


Similar Part No. - EMC2DXV5T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
EMC2DXV5T1 ONSEMI-EMC2DXV5T1 Datasheet
96Kb / 11P
   Dual Common Base?묬ollector Bias Resistor Transistors NPN and PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
October, 2005 ??Rev. 4
EMC2DXV5T1G ONSEMI-EMC2DXV5T1G Datasheet
96Kb / 11P
   Dual Common Base?묬ollector Bias Resistor Transistors NPN and PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
October, 2005 ??Rev. 4
EMC2DXV5T1G ONSEMI-EMC2DXV5T1G Datasheet
143Kb / 11P
   Dual Common Base-Collector Bias Resistor Transistors
October, 2010 ??Rev. 6
EMC2DXV5T1G ONSEMI-EMC2DXV5T1G Datasheet
105Kb / 11P
   Dual Common Base-Collector Bias Resistor Transistors
May, 2014 ??Rev. 7
EMC2DXV5T1G ONSEMI-EMC2DXV5T1G_14 Datasheet
105Kb / 11P
   Dual Common Base-Collector Bias Resistor Transistors
May, 2014 ??Rev. 7
More results

Similar Description - EMC2DXV5T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
UMC2NT1G ONSEMI-UMC2NT1G_11 Datasheet
178Kb / 11P
   Dual Common Base-Collector Bias Resistor Transistors
December, 2011 ??Rev. 10
UMC2NT1G ONSEMI-UMC2NT1G_V01 Datasheet
211Kb / 12P
   Dual Common Base-Collector Bias Resistor Transistors
January, 2022 ??Rev. 11
NSTB1005DXV5T1G ONSEMI-NSTB1005DXV5T1G Datasheet
108Kb / 5P
   Dual Common Base-Collector Bias Resistor Transistors
October, 2010 ??Rev. 1
EMC2DXV5T1G ONSEMI-EMC2DXV5T1G_14 Datasheet
105Kb / 11P
   Dual Common Base-Collector Bias Resistor Transistors
May, 2014 ??Rev. 7
NSTB1005DXV5 ONSEMI-NSTB1005DXV5_04 Datasheet
62Kb / 6P
   Dual Common Base-Collector Bias Resistor Transistors
March, 2004 ??Rev. 0
EMC2DXV5T1G ONSEMI-EMC2DXV5T1G Datasheet
143Kb / 11P
   Dual Common Base-Collector Bias Resistor Transistors
October, 2010 ??Rev. 6
UMC2NT1G ONSEMI-UMC2NT1G Datasheet
164Kb / 10P
   Dual Common Base-Collector Bias Resistor Transistors
October, 2009 ??Rev. 8
UMC2NT1 ONSEMI-UMC2NT1 Datasheet
87Kb / 10P
   Dual Common Base-Collector Bias Resistor Transistors
September, 2004 ??Rev. 5
NSTB1002DXV5 ONSEMI-NSTB1002DXV5_06 Datasheet
63Kb / 6P
   Dual Common Base?묬ollector Bias Resistor Transistors
January, 2006 ??Rev. 0
NSB1010XV5T5 ONSEMI-NSB1010XV5T5 Datasheet
100Kb / 6P
   Dual Common Base?묬ollector Bias Resistor Transistors
January, 2005 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com