Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS820E32Q-117 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # GS820E32Q-117
Description  2M Synchronous Burst SRAM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GS820E32Q-117 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  GS820E32Q-117 Datasheet HTML 1Page - List of Unclassifed Manufacturers GS820E32Q-117 Datasheet HTML 2Page - List of Unclassifed Manufacturers GS820E32Q-117 Datasheet HTML 3Page - List of Unclassifed Manufacturers GS820E32Q-117 Datasheet HTML 4Page - List of Unclassifed Manufacturers GS820E32Q-117 Datasheet HTML 5Page - List of Unclassifed Manufacturers GS820E32Q-117 Datasheet HTML 6Page - List of Unclassifed Manufacturers GS820E32Q-117 Datasheet HTML 7Page - List of Unclassifed Manufacturers GS820E32Q-117 Datasheet HTML 8Page - List of Unclassifed Manufacturers GS820E32Q-117 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
Rev: 1.03 2/2000
2/23
© 1999, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
D
GS820E32T/Q-150/138/133/117/100/66
GS820E32 100 Pin TQFP and QFP Pinout
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
VDDQ
VSS
DQC4
DQC3
VSS
VDDQ
DQC2
DQC1
FT
VDD
NC
VSS
DQD1
DQD2
VDDQ
VSS
DQD3
DQD4
DQD5
VSS
VDDQ
VDDQ
VSS
DQB4
DQB3
VSS
VDDQ
DQB2
DQB1
VSS
NC
VDD
ZZ
DQA1
DQA2
VDDQ
VSS
DQA3
DQA4
VSS
VDDQ
64K x 32
Top View
DQB5
NC
DQB7
DQB8
DQB6
DQA6
DQA5
DQA8
DQA7
NC
DQC7
DQC8
DQC6
DQD6
DQD8
DQD7
NC
DQC5
NC
100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81
31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Similar Part No. - GS820E32Q-117

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS820E32AGT-133 GSI-GS820E32AGT-133 Datasheet
547Kb / 21P
   64K x 32 2Mb Synchronous Burst SRAM
GS820E32AGT-133I GSI-GS820E32AGT-133I Datasheet
547Kb / 21P
   64K x 32 2Mb Synchronous Burst SRAM
GS820E32AGT-166 GSI-GS820E32AGT-166 Datasheet
547Kb / 21P
   64K x 32 2Mb Synchronous Burst SRAM
GS820E32AGT-166I GSI-GS820E32AGT-166I Datasheet
547Kb / 21P
   64K x 32 2Mb Synchronous Burst SRAM
GS820E32AGT-180 GSI-GS820E32AGT-180 Datasheet
547Kb / 21P
   64K x 32 2Mb Synchronous Burst SRAM
More results

Similar Description - GS820E32Q-117

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GS82032T ETC1-GS82032T Datasheet
760Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
logo
GSI Technology
GS820H32AT GSI-GS820H32AT Datasheet
344Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
GS820H32T GSI-GS820H32T Datasheet
344Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
GS82032 GSI-GS82032 Datasheet
677Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
logo
Alliance Semiconductor ...
AS7C332MPFD18A ALSC-AS7C332MPFD18A Datasheet
508Kb / 19P
   3.3V 2M x 18 pipelined burst synchronous SRAM
AS7C252MPFS18A ALSC-AS7C252MPFS18A Datasheet
507Kb / 18P
   2.5V 2M x 18 pipelined burst synchronous SRAM
AS7C332MPFS18A ALSC-AS7C332MPFS18A Datasheet
508Kb / 19P
   3.3V 2M x 18 pipelined burst synchronous SRAM
AS7C252MPFD18A ALSC-AS7C252MPFD18A Datasheet
507Kb / 18P
   2.5V 2M x 18 pipelined burst synchronous SRAM
logo
White Electronic Design...
WED2DL32512V WEDC-WED2DL32512V Datasheet
146Kb / 9P
   512Kx32 Synchronous Pipeline Burst SRAM
logo
Samsung semiconductor
K7B403625M SAMSUNG-K7B403625M Datasheet
439Kb / 16P
   128Kx36-Bit Synchronous Burst SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com