Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD54HC32 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CD54HC32
Description  High-Speed CMOS Logic Quad 2-Input OR Gate
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54HC32 Datasheet(HTML) 2 Page - Texas Instruments

  CD54HC32 Datasheet HTML 1Page - Texas Instruments CD54HC32 Datasheet HTML 2Page - Texas Instruments CD54HC32 Datasheet HTML 3Page - Texas Instruments CD54HC32 Datasheet HTML 4Page - Texas Instruments CD54HC32 Datasheet HTML 5Page - Texas Instruments CD54HC32 Datasheet HTML 6Page - Texas Instruments CD54HC32 Datasheet HTML 7Page - Texas Instruments CD54HC32 Datasheet HTML 8Page - Texas Instruments CD54HC32 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
Functional Diagram
HC Logic Symbol
HCT Logic Symbol
TRUTH TABLE
INPUTS
OUTPUT
nA
nB
nY
LL
L
LH
H
HL
H
HH
H
H = High Voltage Level, L = Low Voltage Level
1A
1B
2A
2B
2Y
GND
1
2
3
4
5
6
14
13
12
11
VCC
4B
3Y
3B
4A
4Y
10
8
7
9
3A
1Y
nA
nB
nY
nA
nB
nY
CD54HC32, CD74HC32, CD54HCT, CD74HCT32


Similar Part No. - CD54HC32

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC32 TI-CD54HC32 Datasheet
35Kb / 6P
[Old version datasheet]   High Speed CMOS Logic Quad 2-Input OR Gate
CD54HC32 TI-CD54HC32 Datasheet
413Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input OR Gate
CD54HC32F3A TI-CD54HC32F3A Datasheet
413Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input OR Gate
CD54HC32W TI-CD54HC32W Datasheet
35Kb / 6P
[Old version datasheet]   High Speed CMOS Logic Quad 2-Input OR Gate
CD54HC32 TI-CD54HC32_07 Datasheet
413Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input OR Gate
More results

Similar Description - CD54HC32

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC32 TI-CD54HC32_07 Datasheet
413Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input OR Gate
CD54HCT32 TI-CD54HCT32 Datasheet
35Kb / 6P
[Old version datasheet]   High Speed CMOS Logic Quad 2-Input OR Gate
CD54HC86 TI-CD54HC86_03 Datasheet
35Kb / 5P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input EXCLUSIVE-OR Gate
CD54HC86 TI-CD54HC86_08 Datasheet
443Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input EXCLUSIVE-OR Gate
CD54HC86 TI-CD54HC86 Datasheet
270Kb / 11P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input EXCLUSIVE-OR Gate
CD54HC86 TI-CD54HC86_07 Datasheet
414Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input EXCLUSIVE-OR Gate
CD74HC86 TI-CD74HC86 Datasheet
45Kb / 6P
[Old version datasheet]   High Speed CMOS Logic Quad 2-Input EXCLUSIVE OR Gate
logo
ELM Technology Corporat...
ELM7SH32XB ELM-TECH-ELM7SH32XB Datasheet
278Kb / 3P
   HIGH SPEED CMOS LOGIC IC 2-input OR gate
logo
KODENSHI_AUK CORP.
KK74ACT32 KODENSHI-KK74ACT32 Datasheet
221Kb / 5P
   Quad 2-Input OR Gate High-Speed Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74AC32 IKSEMICON-IN74AC32 Datasheet
157Kb / 5P
   Quad 2-Input OR Gate High-Speed Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com