Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM04MC09T Datasheet(PDF) 6 Page - Taiyo Yuden (U.S.A.), Inc

Part # CM04MC09T
Description  COMMON MODE CHOKE COILS (FOR DC AND SIGNAL LINES) SMD TYPE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

CM04MC09T Datasheet(HTML) 6 Page - Taiyo Yuden (U.S.A.), Inc

Back Button CM04MC09T Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc CM04MC09T Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc CM04MC09T Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc CM04MC09T Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc CM04MC09T Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc CM04MC09T Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc CM04MC09T Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc CM04MC09T Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc CM04MC09T Datasheet HTML 10Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
391
5
Item
Specifled Value
Test Method and Remarks
1.Operating Temperature
Range
2.Storage Temperature
Range
3.Rated current
4.Impedance
5. Inductance
6.DC Resisitance
7.Self resonance frequency
8.Temperature characteris-
tic
9.Resisitance to flexure of
substrare
Including self-generated heat
Commom mode choke coil Balun transformers
D
K
5 to J40C in taped packaging
MSD inductor
D
The maximum DC value having inductance decrease
within specified value and temperature increase within
40C by the application of DC bias.
Inductance decrease
04
05
06
30L
20L
10L
Commom mode choke coil
D
The maximum DC value having temperature increase within speci-
fied temperature,as detailed in individual specification.
Commom mode choke coil
D
Measuring equipment
DHP 4291A or its equivalent
Measuring frequency
DSpecified frequency
SMD inductor
D
Measuring equipment
DHP 4284A or its equivalent
Measuring frequency
D1kHz
Measuring voltage
D1V osc. Measurement in series connection
SMD transformer
・SMD inductor・Commom mode choke coilD
Measuring equipment
DDC ohmmeter
SMD inductor
D
Measuring equipment
DImpedance analyzer
f
HP 4191A, 4192Ag or its equivalent
SMD inductor
D
Change of maximum inductance deviation in step 1 to 5
Temperature at step 1
20C
Temperature at step 2
Minimum operating
temperature
Temperature at step 3
20C fStandard temperatureg
Temperature at step 4
Maximum oparating
temperature
Temperature st step 5
20C
Commom mode choke coil
D
Accoding to JIS C0051
CM04RCYBU05MC
Warp
3mm
Pressing speed
0.5mm/sec.
Duration
5M1sec.
Surface Mount High
current inductors
04/05/06 Type
CommonMode
Choke Coils
CM04RC
CommonMode
Choke Coils
BU05MC
Balun Transformers
BU05MC
Surface Mount
High current
inductors 08 Type
Within the specified tolerance
Within the specified tolerance
Can satisfy the conditions of the chart at right.
K
25VJ105C
04, 05, 06 Type
DWithin M10L
08Type
DWithinM5L
1/4
RELIABILITY DATA
K
40CVJ85C
K
25CVJ85C
Within the specification
Within the specification
Within the specified tolerance
Within the specified tolerance
Pressig jig
Board
Refer to individual
specification


Similar Part No. - CM04MC09T

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
CM04-PR-DC DDK-CM04-PR-DC Datasheet
311Kb / 5P
   M12 Sized & Sealed Circular Connector
CM04-PR-DC DDK-CM04-PR-DC Datasheet
751Kb / 5P
   M12 Sized & Sealed Circular Connector
logo
List of Unclassifed Man...
CM046060 ETC-CM046060 Datasheet
34Mb / 42P
   MAGNETIC POWDER CORES
Ver.12
CM046125 ETC-CM046125 Datasheet
34Mb / 42P
   MAGNETIC POWDER CORES
Ver.12
CM046147 ETC-CM046147 Datasheet
34Mb / 42P
   MAGNETIC POWDER CORES
Ver.12
More results

Similar Description - CM04MC09T

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
BU05MC08T TAIYO-YUDEN-BU05MC08T Datasheet
146Kb / 1P
   SMD Common Mode Choke Coils for DC and Signal lines
BU05MC01T TAIYO-YUDEN-BU05MC01T Datasheet
146Kb / 1P
   SMD Common Mode Choke Coils for DC and Signal lines
BU08RA11 TAIYO-YUDEN-BU08RA11 Datasheet
142Kb / 1P
   Leaded Common Mode Choke Coils for DC and Signal lines
TLF9UB802WK1 TAIYO-YUDEN-TLF9UB802WK1 Datasheet
139Kb / 1P
   Leaded Common Mode Choke Coils for DC and Signal lines
TLF9UBH203WK1 TAIYO-YUDEN-TLF9UBH203WK1 Datasheet
138Kb / 1P
   Leaded Common Mode Choke Coils for DC and Signal lines
CM05RB01 TAIYO-YUDEN-CM05RB01 Datasheet
139Kb / 1P
   Leaded Common Mode Choke Coils for DC and Signal lines
CM08RB01 TAIYO-YUDEN-CM08RB01 Datasheet
149Kb / 1P
   Leaded Common Mode Choke Coils for DC and Signal lines
TLF9UB203WK1 TAIYO-YUDEN-TLF9UB203WK1 Datasheet
139Kb / 1P
   Leaded Common Mode Choke Coils for DC and Signal lines
TLF9UB302WK1 TAIYO-YUDEN-TLF9UB302WK1 Datasheet
139Kb / 1P
   Leaded Common Mode Choke Coils for DC and Signal lines
TLF9UBH802WK1 TAIYO-YUDEN-TLF9UBH802WK1 Datasheet
138Kb / 1P
   Leaded Common Mode Choke Coils for DC and Signal lines
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com