Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EEVTG1C222M Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # EEVTG1C222M
Description  Aluminum Electrolytic Capacitor/TG
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEVTG1C222M Datasheet(HTML) 4 Page - Panasonic Semiconductor

  EEVTG1C222M Datasheet HTML 1Page - Panasonic Semiconductor EEVTG1C222M Datasheet HTML 2Page - Panasonic Semiconductor EEVTG1C222M Datasheet HTML 3Page - Panasonic Semiconductor EEVTG1C222M Datasheet HTML 4Page - Panasonic Semiconductor EEVTG1C222M Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Aluminum Electrolytic Capacitor/TG
Design, Specifications are subject to change without notice. Ask factory for technical specifications before purchase and / or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consulation without fail.
 EE77 
V
.
TG
(V)
(µF)
(mm)
(mm)
(m A )
(
Ω)
(pcs)
63
80
EEVTG1V471UQ
EEVTG1V471M
EEVTG1V681UM
EEVTG1V681M
EEVTG1V102M
EEVTG1H100P
EEVTG1H220P
EEVTG1H330UP
EEVTG1H330P
EEVTG1H470UP
EEVTG1H470P
EEVTG1H101UP
EEVTG1H221Q
EEVTG1H331Q
EEVTG1H471M
EEVTG1H681UM
EEVTG1H681M
EEVTG1H102M
EEVTG1J100P
EEVTG1J220P
EEVTG1J330UP
EEVTG1J330P
EEVTG1J470UP
EEVTG1J470P
EEVTG1J101UP
EEVTG1J101Q
EEVTG1J221Q
EEVTG1J331M
EEVTG1J471M
EEVTG1K100P
EEVTG1K220UP
EEVTG1K220P
EEVTG1K330UP
EEVTG1K330P
EEVTG1K470UP
EEVTG1K470Q
EEVTG1K101UQ
EEVTG1K101M
EEVTG1K221UM
EEVTG1K221M
EEVTG1K331UM
EEVTG1K331M
EEVTG1K471M
200
125
125
125
125
1000
1000
1000
500
500
500
500
200
200
125
125
125
125
1000
500
500
500
500
500
500
200
200
125
125
500
500
500
500
500
500
200
200
125
125
125
125
125
125
35
50
470
680
1000
10
22
33
47
100
220
330
470
680
1000
10
22
33
47
100
220
330
470
10
22
33
47
100
220
330
470
(H13)
J16
(J16)
K16
K16
E
E
(E)
F
(F)
G
(G)
H13
H13
J16
(J16)
K16
K16
E
F
(F)
G
(F)
G
(G)
H13
H13
J16
J16
F
(F)
G
(F)
G
(G)
H13
(H13)
J16
(J16)
K16
(J16)
K16
K16
(800)
1100
(1100)
1300
1300
80
80
(80)
133
(133)
221
(221)
600
600
900
(900)
950
950
55
100
(100)
150
(100)
150
(150)
350
350
500
500
70
(70)
90
(70)
90
(90)
250
(250)
350
(350)
400
(350)
400
400
(0.12)
0.08
(0.08)
0.075
0.075
1.6
1.6
(1.6)
0.75
(0.75)
0.5
(0.5)
0.23
0.23
0.15
(0.15)
0.14
0.14
2.2
1
(1)
0.8
(1)
0.8
(0.8)
0.26
0.26
0.18
0.18
1.3
(1.3)
1.0
(1.3)
1.0
(1.0)
0.42
(0.42)
0.3
(0.3)
0.28
(0.3)
0.28
0.28
0.16
0.16
0.16
0.16
0.16
0.14
0.14
0.14
0.14
0.14
0.14
0.14
0.14
0.14
0.14
0.14
0.14
0.14
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
12.5
16
(16)
18
18
8
8
(8)
8
(8)
10
(10)
12.5
12.5
16
(16)
18
18
8
8
(8)
10
(8)
10
(10)
12.5
12.5
16
16
8
(8)
10
(8)
10
(10)
12.5
(12.5)
16
(16)
18
(16)
18
18
13.5
16.5
(16.5)
16.5
16.5
6.2
6.2
(6.2)
10.2
(10.2)
10.2
(10.2)
13.5
13.5
16.5
(16.5)
16.5
16.5
6.2
10.2
(10.2)
10.2
(10.2)
10.2
(10.2)
13.5
13.5
16.5
16.5
10.2
(10.2)
10.2
(10.2)
10.2
(10.2)
13.5
(13.5)
16.5
(16.5)
16.5
(16.5)
16.5
16.5
s
Standard Products
Ripple
current
(100kHz)
(+125
°C)
Cap
20%)
tan
δ
(120Hz)
(+20
°C)
ESR
(100kHz)
(+20
°C)
W.V.
Case Size
Dia.
Length
Size
code
Specification
Part No.
Min. Packaging
Q’ty
Taping
The taping dimension are explained on p.42 of our Catalog.
Please use it as a reference guide.
Endurance : 125
°C 1000 to 2000h


Similar Part No. - EEVTG1C222M

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEVTG1C222M PANASONIC-EEVTG1C222M Datasheet
211Kb / 4P
   Aluminum Electrolytic Capacitors/ TG
EEVTG1C222M PANASONIC-EEVTG1C222M Datasheet
84Kb / 3P
   Aluminum Electrolytic Capacitors/ TG
EEVTG1C222M PANASONIC-EEVTG1C222M Datasheet
92Kb / 3P
   Aluminum Electrolytic Capacitors/ TG
EEVTG1C222M PANASONIC-EEVTG1C222M Datasheet
84Kb / 3P
   Aluminum Electrolytic Capacitors/ TG
EEVTG1C222M PANASONIC-EEVTG1C222M Datasheet
96Kb / 3P
   Aluminum Electrolytic Capacitors/ TG
More results

Similar Description - EEVTG1C222M

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEE-TG1E101UP PANASONIC-EEE-TG1E101UP Datasheet
211Kb / 4P
   Aluminum Electrolytic Capacitors/ TG
EEE-TG2A220UP PANASONIC-EEE-TG2A220UP Datasheet
84Kb / 3P
   Aluminum Electrolytic Capacitors/ TG
EEE-TG1J101UP PANASONIC-EEE-TG1J101UP Datasheet
84Kb / 3P
   Aluminum Electrolytic Capacitors/ TG
EEE-TG1H101UP PANASONIC-EEE-TG1H101UP Datasheet
84Kb / 3P
   Aluminum Electrolytic Capacitors/ TG
EEV-TG1H331Q PANASONIC-EEV-TG1H331Q Datasheet
96Kb / 3P
   Aluminum Electrolytic Capacitors/ TG
EEETG2A220UP PANASONIC-EEETG2A220UP Datasheet
92Kb / 3P
   Aluminum Electrolytic Capacitors/ TG
EEV-TG1E102UM PANASONIC-EEV-TG1E102UM Datasheet
96Kb / 3P
   Aluminum Electrolytic Capacitors/ TG
EEE-TG1A331UP PANASONIC-EEE-TG1A331UP Datasheet
96Kb / 3P
   Aluminum Electrolytic Capacitors/ TG
logo
Suntan Capacitors
TS13DL-CD117 SUNTAN-TS13DL-CD117 Datasheet
278Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DM-CD71A SUNTAN-TS13DM-CD71A Datasheet
284Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com