Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G218AR-S4 Datasheet(PDF) 6 Page - Global Mixed-mode Technology Inc

Part # G218AR-S4
Description  Multi-mode LVD/SE SCSI Terminator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G218AR-S4 Datasheet(HTML) 6 Page - Global Mixed-mode Technology Inc

  G218AR-S4 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G218AR-S4 Datasheet HTML 2Page - Global Mixed-mode Technology Inc G218AR-S4 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G218AR-S4 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G218AR-S4 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G218AR-S4 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G218AR-S4 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G218AR-S4 Datasheet HTML 8Page - Global Mixed-mode Technology Inc G218AR-S4 Datasheet HTML 9Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Ver 3.3
Sep 11, 2001
TEL: 886-3-5788833
http://www.gmt.com.tw
6
G218A
Global Mixed-mode Technology Inc.
Recommended Operating Conditions
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Termpower Voltage
Vtpwr
4.5
5
5.50
V
Logic 0
Vil
-0.3
+0.8
V
Logic 1
Vih
2.0
Vtpwr+0.3
V
Operating Temperature
Tamb
0
70
°C
Single Ended Characteristics
(0°C to 70°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
SE Termination Resistance
Rse
104.5
110
115.5
Ohms
Vline = 0-3.0 volts
SE Voltage Reference
Vref
2.79
2.85
2.93
Volts
SE output Current
Iose
25.4
mA
Vline = 0.2 volts
Low Voltage Differential Characteristics
(0°C to 70°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Differential Mode Termination Resistance
Rdm
100
105
110
Ohms
Common Mode Termination Resistance
Rcm
110
150
190
Ohms
Differential Mode Bias
Vdm
100
112
125
mV
All lines Open
Common Mode Bias
Vcm
1.125
1.25
1.375
V
DC Characteristics
(0°C to 70°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Termpower Current
Itpmr
35
mA
All lines Open
Input Leakage High
Iih
-1.0
µA
Input Leakage Low
Iil
1.0
µA
Output Current High
Ioh
-1.0
mA
Vout = 2.4 volts;SE/LVD/HVD Pins only
Output Current Low
Iol
4.0
mA
Vout=0.4 volts;SE/LVD/HVD Pins only
DIFFSENS SE Operating Range
Vseor
-0.3
0.5
V
DIFFSENS LVD Operating Range
Vlvdor
0.7
1.9
V
DIFFSENS HVD Operating Range
Vhvdor
2.4
Vtpwr+0.3
V
DIFFSINS Driver Output Voltage
Vdso
1.2
1.4
V
M/S=1; Ids = 0-5mA
DIFFSENSE Driver Source Current
Idsh
5
15
mA
M/S = 1; Vdso=0V
DIFFSENSE Driver Sink Current
Idsl
20
200
µA
M/S=1; Vdso=2.75V
Regulator Characteristics
(0°C to 70°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Line Regulation
LIREG
1.0
2.0
%
Load Regulation
LOREG
1.3
3.0
%
Current Limit
ILIM
350
mA
Sink Current
ISINK
200
mA


Similar Part No. - G218AR-S4

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
G2180B1EB1S MICROSEMI-G2180B1EB1S Datasheet
283Kb / 3P
   Silicon Power Rectifier Assemblies Plate Heatsink
G2180B1EN1S MICROSEMI-G2180B1EN1S Datasheet
283Kb / 3P
   Silicon Power Rectifier Assemblies Plate Heatsink
G2180C1EB1S MICROSEMI-G2180C1EB1S Datasheet
283Kb / 3P
   Silicon Power Rectifier Assemblies Plate Heatsink
G2180C1EN1S MICROSEMI-G2180C1EN1S Datasheet
283Kb / 3P
   Silicon Power Rectifier Assemblies Plate Heatsink
G2180D1EB1S MICROSEMI-G2180D1EB1S Datasheet
283Kb / 3P
   Silicon Power Rectifier Assemblies Plate Heatsink
More results

Similar Description - G218AR-S4

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G220 GMT-G220 Datasheet
193Kb / 9P
   Ultra320 Multi-mode LVD/SE SCSI Terminator
logo
Silicon Standard Corp.
SS8218 SSC-SS8218 Datasheet
626Kb / 11P
   Ultra160 Multi-mode LVD/SE SCSI Terminator
logo
List of Unclassifed Man...
G219 ETC-G219 Datasheet
130Kb / 9P
   Ultra320 Multi-mode LVD/SE SCSI Terminator
logo
Global Mixed-mode Techn...
G218B GMT-G218B Datasheet
188Kb / 11P
   Ultra160 Multi-mode LVD/SE SCSI Terminator
logo
Silicon Standard Corp.
SS8219G SSC-SS8219G Datasheet
727Kb / 10P
   Ultra320 Multi-mode LVD/SE SCSI Terminator
logo
Dallas Semiconductor
DS2118M DALLAS-DS2118M Datasheet
141Kb / 8P
   Ultra2 LVD/SE SCSI Terminator
DS2119M DALLAS-DS2119M Datasheet
166Kb / 9P
   Ultra3 LVD/SE SCSI Terminator
logo
Maxim Integrated Produc...
DS2118MB MAXIM-DS2118MB Datasheet
420Kb / 10P
   Ultra3 LVD/SE SCSI Terminator
REV: 010406
DS2119M MAXIM-DS2119M Datasheet
308Kb / 9P
   Ultra3 LVD/SE SCSI Terminator
REV: 010406
logo
Dallas Semiconductor
DS2117M DALLAS-DS2117M Datasheet
129Kb / 9P
   Ultra3 LVD/SE SCSI Terminator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com