Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GAT-0 Datasheet(PDF) 3 Page - Mini-Circuits

Part # GAT-0
Description  Miniature Plastic Fixed Attenuators
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

GAT-0 Datasheet(HTML) 3 Page - Mini-Circuits

  GAT-0 Datasheet HTML 1Page - Mini-Circuits GAT-0 Datasheet HTML 2Page - Mini-Circuits GAT-0 Datasheet HTML 3Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Typical Performance Curves
INTERNET http://www.minicircuits.com
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Distribution Centers
NORTH AMERICA 800-654-7949 • 417-335-5935 • Fax 417-335-5945 • EUROPE 44-1252-832600 • Fax 44-1252-837010
Mini-Circuits
®
Mini-Circuits ISO 9001 & ISO 14001 Certified
GAT-10
ATTENUATION & VSWR
9.0
9.5
10.0
10.5
11.0
11.5
0
1000 2000 3000 4000 5000 6000 7000 8000
FREQUENCY (MHz)
1.0
1.1
1.2
1.3
1.4
1.5
ATTEN
VSWR
GAT-15
ATTENUATION & VSWR
13
14
15
16
17
18
0
1000 2000 3000 4000 5000 6000 7000 8000
FREQUENCY (MHz)
1.0
1.1
1.2
1.3
1.4
1.5
ATTEN
VSWR
GAT-30
ATTENUATION & VSWR
28
30
32
34
36
38
0
1000 2000 3000 4000 5000 6000 7000 8000
FREQUENCY (MHz)
1.0
1.1
1.2
1.3
1.4
1.5
ATTEN
VSWR
GAT-12
ATTENUATION & VSWR
10
11
12
13
14
15
0
1000 2000 3000 4000 5000 6000 7000 8000
FREQUENCY (MHz)
1.0
1.1
1.2
1.3
1.4
1.5
ATTEN
VSWR
GAT-20
ATTENUATION & VSWR
20.0
20.2
20.4
20.6
20.8
21.0
0
1000 2000 3000 4000 5000 6000 7000 8000
FREQUENCY (MHz)
1.0
1.1
1.2
1.3
1.4
1.5
ATTEN
VSWR
GAT SERIES
Page 3 of 3
GAT-9
ATTENUATION & VSWR
8.0
8.5
9.0
9.5
10.0
10.5
0
1000 2000 3000 4000 5000 6000 7000 8000
FREQUENCY (MHz)
1.0
1.1
1.2
1.3
1.4
1.5
ATTEN
VSWR


Similar Part No. - GAT-0

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
GAT-0++ MINI-GAT-0+ Datasheet
310Kb / 1P
   Input power 0.5W max
More results

Similar Description - GAT-0

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
K2-BW2 MINI-K2-BW2 Datasheet
260Kb / 1P
   FIXED ATTENUATORS
K2-BW1 MINI-K2-BW1 Datasheet
257Kb / 1P
   FIXED ATTENUATORS
K5N-BW3 MINI-K5N-BW3 Datasheet
276Kb / 1P
   FIXED ATTENUATORS
K2-VAT-A++ MINI-K2-VAT-A+ Datasheet
316Kb / 1P
   Fixed Attenuators
REV. OR
K2-BW3 MINI-K2-BW3 Datasheet
277Kb / 1P
   FIXED ATTENUATORS
K2-UNAT MINI-K2-UNAT Datasheet
283Kb / 1P
   FIXED ATTENUATORS
K1-UNAT-A++ MINI-K1-UNAT-A+ Datasheet
179Kb / 1P
   Fixed Attenuators
REV. OR
K1-HAT-A++ MINI-K1-HAT-A+ Datasheet
203Kb / 1P
   Fixed Attenuators
REV. OR
logo
Skyworks Solutions Inc.
ATN3590 SKYWORKS-ATN3590 Datasheet
320Kb / 6P
   Fixed Attenuators
logo
Mini-Circuits
K2-VAT MINI-K2-VAT Datasheet
718Kb / 1P
   FIXED ATTENUATORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com