Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GF1D Datasheet(PDF) 1 Page - Vishay Siliconix

Part # GF1D
Description  Surface Mount Glass Passivated Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GF1D Datasheet(HTML) 1 Page - Vishay Siliconix

  GF1D Datasheet HTML 1Page - Vishay Siliconix GF1D Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GF1A thru GF1M
Vishay Semiconductors
formerly General Semiconductor
Document Number 88617
www.vishay.com
08-Jul-02
1
Surface Mount Glass Passivated Rectifier
Reverse Voltage 50 to 1000V
Forward Current 1.0A
DO-214BA (GF1)
Maximum Ratings & Thermal Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter
Symbol GF1A GF1B GF1D GF1G GF1J GF1K GF1M
Unit
Device marking code
GA
GB
GD
GG
GJ
GK
GM
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
V
Maximum average forward rectified current at TL = 125°C
IF(AV)
1.0
A
Peak forward surge current 8.3ms single half sine-wave
IFSM
30
A
superimposed on rated load (JEDEC Method)
Typical thermal resistance(1)
R
ΘJA
80
°C/W
R
ΘJL
26
Operating junction and storage temperature range
TJ,TSTG
–65 to +175
°C
Electrical Characteristics (TJ = 25°C unless otherwise noted)
Parameter
Symbol GF1A GF1B GF1D GF1G GF1J GF1K GF1M
Unit
Maximum instantaneous forward voltage at 1.0A
VF
1.10
1.20
V
Maximum DC reverse current
TA = 25°C
IR
5.0
µA
at rated DC blocking voltage
TA = 125°C
50
Typical reverse recovery time at
trr
3.0
µs
IF = 0.5A, IR = 1.0A, Irr = 0.25 A
Typical junction capacitance at 4.0V, 1MHz
CJ
15
pF
Note: (1) Thermal resistance from junction to ambient and from junction to lead, P.C.B. mounted on 0.2 x 0.2” (5.0 x 5.0mm) copper pad areas
Features
• Plastic package has Underwriters Laboratories
Flammability Classification 94V-0
• Ideal for surface mount automotive applications
• High temperature metallurgically bonded construction
• Cavity-free glass passivated junction
• Capable of meeting environmental standards of
MIL-S-19500
• Built-in strain relief • Easy pick and place
• High temperature soldering guaranteed:
450°C/5 seconds at terminals.
• Complete device submersible temperature of 265°C for
10 seconds in solder bath
Mechanical Data
Case: JEDEC DO-214BA, molded plastic over glass body
Terminals: Solder plated, solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: 0.0048 oz, 0.120 g
®
Dimensions in inches and (millimeters)
Glass-plastic encapsulation technique is covered by
Patent No. 3,996,602, brazen-lead assembly by Patent
No. 3,930,306 and lead forming by Patent No. 5,151,846
0.167 (4.24)
0.187 (4.75)
0.0065 (0.17)
0.015 (0.38)
0.030 (0.76)
0.060 (1.52)
0.196 (4.98)
0.226 (5.74)
0.094 (2.39)
0.114 (2.90)
0.100 (2.54)
0.118 (3.00)
0.040 (1.02)
0.066 (1.68)
0.098 (2.49)
0.108 (2.74)
0.006 (0.152) TYP.
0.094 MAX.
(2.38 MAX.)
0.220
(5.58) REF
0.066 MIN.
(1.68 MIN.)
0.052 MIN.
(1.32 MIN.)
Mounting Pad Layout
Patented*


Similar Part No. - GF1D

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GF1D GE-GF1D Datasheet
90Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
logo
Zibo Seno Electronic En...
GF1D ZSELEC-GF1D Datasheet
111Kb / 2P
   1.0A SURFACE MOUNT RECTIFIER
logo
Fairchild Semiconductor
GF1D FAIRCHILD-GF1D Datasheet
49Kb / 3P
   General Purpose Rectifiers (Glass Passivated)
logo
Vishay Siliconix
GF1D VISHAY-GF1D Datasheet
88Kb / 4P
   Surface-Mount Glass Passivated Rectifier
01-Jan-2022
logo
First Components Intern...
GF1D FCI-GF1D Datasheet
165Kb / 2P
   1.0 Amp MEGARECTIFIERS
More results

Similar Description - GF1D

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
S3A SSE-S3A Datasheet
16Kb / 1P
   SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Shenzhen Taychipst Elec...
S3A TAYCHIPST-S3A Datasheet
14Mb / 2P
   SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Vishay Siliconix
S1G-TR VISHAY-S1G-TR Datasheet
84Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 19-Aug-13
GF1GHE3-5CA VISHAY-GF1GHE3-5CA Datasheet
77Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 11-Dec-13
S2JHE3-52T VISHAY-S2JHE3-52T Datasheet
79Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 14-Aug-13
S1M-E3-61T VISHAY-S1M-E3-61T Datasheet
83Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 11-Dec-12
S2M-E3-52T VISHAY-S2M-E3-52T Datasheet
86Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 22-Mar-12
S2G-E3-52T VISHAY-S2G-E3-52T Datasheet
86Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 22-Mar-12
S1MHE3 VISHAY-S1MHE3 Datasheet
81Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 25-Apr-14
SA2M-E35AT VISHAY-SA2M-E35AT Datasheet
78Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 14-Aug-13
S5M-E3 VISHAY-S5M-E3 Datasheet
84Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 28-Apr-14
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com